Part Number Hot Search : 
2SC5138 CY7C197 2SA934 30313 FT2232D 1040D 10T100A 72049
Product Description
Full Text Search
 

To Download AT-1320-J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Power Fixed Attenuators (Heat sink Mounting Type)
AT-1200 and AT-1300 Series
sFeatures
1.Small Size and Economical
Beryllia is used for the material of the resistance element to enable the attenuation to be of small size and low cost.
2.High Power Capacity
Mounting these attenuators to a heat sink permits the AT-1200 Series to be used at up to 30 W and the AT1300 Series to be used at up to 50 W.
3.High Reliability
AT-1210-H * J AT-1320-H * J
These attenuators show stable characteristics for environments of varying temperature, humidity, and gases.
sProduct Specifications
Ratings Frequency range (Note) Characteristic impedance Maximum Input Power (Note) DC to 2.0 GHz 50 ohms 30 to 50 W Operating temperature range Operating relative humidity -10c to +65c 95% Max.
Note: The frequency range and the maximum input power will differ depending on the products.
Item 1.Vibration
Standard No electrical discontinuity of 1 s or more
Conditions Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm, acceleration of 98 m/s2 for 2 hours in each of 3 directions Acceleration of 490 m/s2, sine half-wave waveform, 3 cycles in each of the 3 axis Temperature: -55c +5c to +35c +85c +5c to +35c Time: 30 15 max. 30 15 max. (Minutes) 200 cycles
2.Shock
No damage, cracks, or parts dislocation
3.Temperature cycle No damage, cracks, or parts dislocation qThe test method conforms to MIL-STD-202.
sMaterials
Part Connector Body Body Female contacts Insulation Attenuation element Material Stainless steel Aluminum Beryllium copper PTFE Metal film Finish Passivated Conductive white alumite Gold plating
-------------------
sOrdering Information
1 AT: Indicates a fixed attenuator 3 Attenuation
10 : 10dB 20 : 20dB
AT - 12 10 - H * J
1 2 3 4
2 Indicates the Series Name
(Maximum Usable Power) 12: HRM type plug - jack 30W 13: N type plug - jack 50W
4 Coupling Portion
H * J : SMA type jack - jack N*H : N type jack - SMA type jack
88
sSpecifications
Part Number Frequency Range (GHz)
DC~1 DC~1 DC~2 DC~2
Attenuation (dB)
V.S.W.R. (Max)
Impedance (ohms)
Power (W)
30W(CW) 30W(CW) 50W(CW) 50W(CW)
Heat Sink Temperature at Maximum Load (cMax)
+65 +65 +65 +65
Connectors
Weight (g)
AT-1210-H * J AT-1220-H * J AT-1310-H * J AT-1320-H * J
100.5 200.5 100.5 200.5
1.2 1.2 1.2 1.2
50 50 50 50
HRM-J * J HRM-J * J HRM-J * J HRM-J * J
54 54 54 54

The AT-1300 Series has input and output directivity.
sExternal Dimensions
AT-1200-H * J AT-1300-H * J
sTypical Data
AT-1220 AT-1320
89


▲Up To Search▲   

 
Price & Availability of AT-1320-J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X