Part Number Hot Search : 
MAX19 ISP827X M5889NO 2SB471 01701 42S32200 SD107 MDU1513
Product Description
Full Text Search
 

To Download ASV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
ASV SERIES
FEATURES: * Low profile, Leadless Chip Carrier (LCC) * HCMOS/TTL Compatible, 3.3Vdc, 2.5Vdc, & 1.8Vdc options * Reflow capable, Seam Sealed Package APPLICATIONS: * Clock signaling for Processors, PC Motherboards & Graphic Cards * High output drive capability (up to 50pf)
Pb RoHS Compliant
7.0 x 5.0 x 1.8mm
|||||||||||||||
STANDARD SPECIFICATIONS:
PARAMETERS ABRACON P/N Frequency Range Operating Temperature Storage Temperature Overall Frequency Stability Supply Voltage (Vdd) Input Current Symmetry Rise time / Fall time (Tr/Tf) Output Load Output Voltage Start-up Time Tristate Function Aging at 25C/year Period jitter one sigma Disable Current ASV Series 1.000 MHz to 150.000 MHz -10 C to + 70 C (see options) - 55 C to + 125 C 100 ppm max. (see options) 3.3 Vdc 10% (see options) See Table 1 40/60 % max.@ 1/2Vdd (see options) See Table 1 15pF (5TTL) (see options) VOH = 0.9 * Vdd min.; VOL = 0.4 Vdc max. 10ms max. "1" (VIH >= 0.7*Vdd) or open: Oscillation "0" (VIL < 0.3*Vdd) : Hi Z 5ppm max. 25ps max. 15A max.
Table 1
Frequency Idd (max) 1.0 ~ 4.0MHz 10mA 4.01 ~ 32.0MHz 30mA 32.01~90.0MHz 45mA 90.01 ~ 150MHz 50mA
Tr/Tf (max)
10ns 10ns 10ns 5ns
OPTIONS & PART IDENTIFICATION: (Left blank if standard) ASV - Frequency Supply Voltage Blank 3.3V 28 2.85V 25 2.5V 18 1.8V
-
-
-
Packaging Blank Bulk Tape & Reel (1k) T Tape & Reel (500) T5
Operating Temp. I 0C to +50C D -10C to +60C E -20C to +70C F -30C to +70C N -30C to +85C L -40C to +85C
Frequency XX.XXXXMHz Freq. Stability Y 10 ppm J 20 ppm R 25 ppm K 30 ppm H 35 ppm C 50 ppm
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Output Load Blank 15pF 50 50pF
Symmetry 45/55% @ S 1/2Vdd 45/55% @ S1 1.4Vdd
Visit www.abracon.com for Terms & Conditions of Sale Revised: 07.11.07 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
ASV SERIES
OUTLINE DRAWING:
Pb RoHS Compliant
7.0 x 5.0 x 1.8mm
|||||||||||||||
Dimensions: Inches (mm)
Note: It is recommended to use an approximately 0.01uF bypass capacitor between PIN 2 and 4.
PIN 1 2 3 4
FUNCTION
Tristate Enable/Disable
GND/Case Output Vdd
TAPE & REEL:
Dimensions: mm
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 07.11.07 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ASV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X