Part Number Hot Search : 
C3510 TTC05802 MC33025 C3510 C3510 560000 LM7806C 560000
Product Description
Full Text Search
 

To Download ASSVJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3V REDUCED JITTER SMD SPREAD SPECTRUM CLOCK OSCILLATOR
ASSVJ SERIES
FEATURES:
NEW for 2007
Pb RoHS Compliant
APPLICATIONS:
7.0 x 5.0 x 1.8mm
* Low Cycle to Cycle Jitter * Integrated Spread Spectrum Technology * EMI reduction up to 20dB * Solve EMI failures as a drop in replacement for std. 5x7mm Osc. * Cost effective EMI reduction
* Printers, Digital Copy Machines, Scanners, Projectors, Modems, LAN, WAN, Navigation Equipment, Automotive, Audio, Medical Electronics, Hand-held readers, Industrial Automation
STANDARD SPECIFICATIONS:
PARAMETERS
ABRACON P/N Frequency Range Spread Type & Percentage EMI Reduction (Reduction is applied to the entire freq. spectrum) Operating Temperature Storage Temperature Frequency Stability Supply Voltage (Vdd) Start-up Time Rise and Fall Time (Tr/Tf) Load Current Consumption Duty Cycle Output Logic Cycle to cycle Jitter Output Impedance Static Discharge Voltage Aging Output Voltage "High"; "1" Output Voltage "Low"; "0" Modulation Carrier Freq. (dither rate) ASSVJ Series 13.0 MHz to 220.0 MHz Center Spread 0.5% (see options) EMI reduction (dB) = 10Log ("Total %" x "SSC Frequency (MHz) "/0.12) (See 125MHz Example) 0C to + 70C (see options) - 65C to + 150C 100 ppm (see options) 3.3 Vdc 5% 2ms typ, 5ms max. 15pF 25mA Typical (depends on frequency) 50% 5% (CL = 15pF at 50% VDD) CMOS Square wave 100ps typ; 150ps max. 40ohm >2,000V (per MIL-STD-883, method 3015) 5ppm per year max.; Ta=+25C 2.4V min. (at 80% VDD) 0.4V max. (at 20% VDD) 25.3kHz min.; 58.6kHz max; (depends on frequency)
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
REVISED: 3.8.07
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
3.3V REDUCED JITTER SMD SPREAD SPECTRUM CLOCK OSCILLATOR
ASSVJ SERIES
(Left blank if standard)
CLOCK OSCILLATOR
Pb RoHS Compliant
7.0 x 5.0 x 1.8mm
|||||||||||||||
OPTIONS AND PART IDENTIFICATION:
ASSVJ-Frequency-X-X-X-X
Operating Temp Blank 0C to +70C L -40C to +85C Freq. Stability Blank* 100ppm R 25ppm C 50ppm Spread Type Option (%) Down Spread D0.25 -0.25% -0.5% D0.5 -0.75% D0.75 -1.25% D1.25 -2.0% D2.0 -2.5% D2.5 D3.0 -3.0% -3.5% D3.5 -3.75% D3.75 Center Spread 0.125% C0.25 C0.5 0.25% 0.375% C0.75 0.625% C1.25 1.0% C2.0 1.25% C2.5 1.5% C3.0 1.75% C3.5 1.875% C3.75 Packaging T
Tape and Reel (1000pcs)
PIN 1 2 3 4
FUNCTION NC Ground SS Output Vdd
OUTLINE DRAWING:
Please see note on next page about Down and Center Spread.
TAPE & REEL:
Dimensions: inch (mm)
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
REVISED: 3.8.07
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
3.3V REDUCED JITTER SMD SPREAD SPECTRUM CLOCK OSCILLATOR
ASSVJ SERIES
MODULATION:
Pb RoHS Compliant
7.0 x 5.0 x 1.8mm
|||||||||||||||
EMI REDUCTION:
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
REVISED: 3.8.07
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
3.3V REDUCED JITTER SMD SPREAD SPECTRUM CLOCK OSCILLATOR
ASSVJ SERIES
FREQUENCY:
Pb RoHS Compliant
7.0 x 5.0 x 1.8mm
|||||||||||||||
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
REVISED: 3.8.07
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ASSVJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X