Part Number Hot Search : 
GC1310 BU323Z MAXIM 224M0 UFR100 5SF250 M68L11K3 EP314
Product Description
Full Text Search
 

To Download ASM5P2309NZG-08-ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 June 2005 rev 0.2 Nine Output 3.3V Buffer
Features Functional Description
One-input to Nine-Output Buffer/Driver Supports two DIMMs or four SO-DIMMs with one additional output for feedback to an external or chipset PLL Low power consumption for mobile applications Less than 32 mA at 66.6 MHz with unloaded outputs 1nS Input-Output delay Buffers all frequencies from DC to 133.33 MHz Output-output skew less than 250pS Multiple VDD and VSS pins for noise and electromagnetic interference (EMI) reduction Space-saving 16-pin 150-mil SOIC Package 3.3V operation Commercial and Industrial temperature parts are available
ASM2P2309NZ
The ASM2P2309NZ is a low-cost buffer designed to distribute high-speed clocks in mobile PC systems and desktop PC systems with SDRAM support. The part has nine outputs, eight of which can be used to drive two DIMMs or four SO-DIMMs, and the remaining can be used for external feedback to a PLL. The device operates at 3.3V and outputs can run up to 133.33 MHz. The ASM2P2309NZ is designed for low EMI and power optimization. It has multiple VSS and VDD pins for noise optimization and consumes less than 32 mA at 66.6 MHz, making it ideal for the low-power requirements of mobile systems. It is available in an ultra-compact 150-mil 16-pin SOIC package.
Block Diagram
Alliance Semiconductor 2575, Augustine Drive * Santa Clara, CA * Tel: 408.855.4900 * Fax: 408.855.4999 * www.alsc.com
Notice: The information in this document is subject to change without notice.
June 2005 rev 0.2
Pin Configuration for ASM2P2309NZ
ASM2P2309NZ
Pin Description for ASM2P2309NZ Pin
4, 8, 13 5, 9, 12 1 2, 3, 6, 7, 10, 11, 14, 15, 16 VDD GND BUF_IN OUTPUT [1:9]
Signal
Ground Input Clock Outputs
Description
3.3V Digital Voltage Supply
Nine Output 3.3V Buffer
Notice: The information in this document is subject to change without notice.
2 of 9
June 2005 rev 0.2
Absolute Maximum Ratings Parameter
Supply Voltage to Ground Potential DC Input Voltage (Except REF) DC Input Voltage (REF) Storage Temperature Junction Temperature Static Discharge Voltage (As per JEDEC STD 22- A114-B)
ASM2P2309NZ
Min
-0.5 -0.5 -0.5 -65
Max
7.0 VDD + 0.5 0.7 +150 150 >2000
Unit
V V V C C V
Note: These are stress ratings only and functional usage is not implied. Exposure to absolute maximum ratings for prolonged periods can affect device reliability.
Operating Conditions Parameter
VDD TA CL CIN BUF_IN, OUTPUT [1:9] tPU Supply Voltage (Ambient Operating Temperature), Commercial (Ambient Operating Temperature), Industrial Load Capacitance, Fout < 100 MHz Load Capacitance,100 MHz < Fout < 133.33 MHz Input Capacitance Operating Frequency Power-up time for all VDD's to reach minimum specified voltage (power ramps must be monotonic)
Description
Min
3.0 0 -40 DC 0.05
Max
3.6 70 85 30 15 7 133.33 50
Unit
V C C pF pF pF MHz mS
Nine Output 3.3V Buffer
Notice: The information in this document is subject to change without notice.
3 of 9
June 2005 rev 0.2
Electrical Characteristics for Commercial and Industrial Temperature Devices Parameter
VIL VIH IIL IIH VOL VOH IDD
ASM2P2309NZ
Description
Input LOW Voltage1 Input HIGH Voltage
1
Test Conditions
Min.
2.0
Max.
0.8 50.0 100.0 0.4 32
Unit
V V A A V V mA
Input LOW Current Input HIGH Current Output LOW Voltage2 Output HIGH Voltage2 Supply Current
VIN = 0V VIN= VDD IOL= 8 mA IOH = -8 mA Unloaded outputs at 66.66 MHz
2.4 -
Switching Characteristics for Commercial and Industrial Temperature Devices3 Parameter Name Description Min. Typ.
tD t3 t4 t5 t6 Duty Cycle2= t2 /t1 Rise Time Fall Time
2 2
Max.
60.0 1.50 1.50 250 9.2
Unit
% nS nS pS nS
Measured at 1.4V Measured between 0.8V and 2.0V Measured between 0.8V and 2.0V All outputs equally loaded Measured at VDD/2
40.0 1
50.0 5
Output to Output Skew2 Propagation Delay, BUF_IN Rising Edge to 2 OUTPUT Rising Edge
Note: 1. BUF_IN input has a threshold voltage of VDD/2. 2. Parameter is guaranteed by design and characterization. It is not 100% tested in production. 3. All parameters specified with loaded outputs.
Nine Output 3.3V Buffer
Notice: The information in this document is subject to change without notice.
4 of 9
June 2005 rev 0.2
Switching Waveforms Duty Cycle Timing
ASM2P2309NZ
All Outputs Rise/Fall Time
Output-Output Skew
Input-Output Propagation Delay
Nine Output 3.3V Buffer
Notice: The information in this document is subject to change without notice.
5 of 9
June 2005 rev 0.2
Test Circuits
ASM2P2309NZ
Nine Output 3.3V Buffer
Notice: The information in this document is subject to change without notice.
6 of 9
June 2005 rev 0.2
Package Information 16-lead (150 Mil) Molded SOIC Package
ASM2P2309NZ
8
1
PIN 1 ID
E
H
9 D
16 Seating Plane A e
B
h
A2
D
0.004
L
C
A1
Dimensions Symbol Min
A A1 A2 B C D E e H h L 0.228 0.010 0.016 0 0.053 0.004 0.049 0.013 0.008 0.386 0.150 0.050 BSC 0.244 0.016 0.035 8 5.80 0.25 0.40 0
Inches Max
0.069 0.010 0.059 0.022 0.012 0.394 0.157
Millimeters Min
1.35 0.10 1.25 0.33 0.19 9.80 3.80 1.27 BSC 6.20 0.41 0.89 8
Max
1.75 0.25 1.50 0.53 0.27 10.01 4.00
Nine Output 3.3V Buffer
Notice: The information in this document is subject to change without notice.
7 of 9
June 2005 rev 0.2
Ordering Codes Part Number
ASM5P2309NZF-08-ST ASM5P2309NZF-08-SR ASM5I2309NZF-08-ST ASM5I2309NZF-08-SR ASM5P2309NZG-08-ST ASM5P2309NZG-08-SR ASM5I2309NZG-08-ST ASM5I2309NZG-08-SR
ASM2P2309NZ
Marking
5P2309NZF 5P2309NZF 5I2309NZF 5I2309NZF 5P2309NZG 5P2309NZG 5I2309NZG 5I2309NZG
Package Type
16-pin 150-mil SOIC, Pb Free 16-pin 150-mil SOIC, Tape and Reel, Pb Free 16-pin 150-mil SOIC, Pb Free 16-pin 150-mil SOIC, Tape and Reel, Pb Free 16-pin 150-mil SOIC, Green 16-pin 150-mil SOIC, Tape and Reel, Green 16-pin 150-mil SOIC, Green 16-pin 150-mil SOIC ,Tape and Reel, Green
Operating Range
Commercial Commercial Industrial Industrial Commercial Commercial Industrial Industrial
Device Ordering Information
ASM2P2309NZ
F-16-SR
R = Tape & reel, T = Tube or Tray O = SOT S = SOIC T = TSSOP A = SSOP V = TVSOP B = BGA Q = QFN DEVICE PIN COUNT F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE PART NUMBER X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 2 = Non PLL based 3 = EMI Reduction 4 = DDR support products 5 = STD Zero Delay Buffer 6 = Power Management 7 = Power Management 8 = Power Management 9 = Hi Performance 0 = Reserved U = MSOP E = TQFP L = LQFP U = MSOP P = PDIP D = QSOP X = SC-70
ALLIANCE SEMICONDUCTOR MIXED SIGNAL PRODUCT
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
Nine Output 3.3V Buffer
Notice: The information in this document is subject to change without notice.
8 of 9
June 2005 rev 0.2
ASM2P2309NZ
Alliance Semiconductor Corporation 2575, Augustine Drive, Santa Clara, CA 95054 Tel# 408-855-4900 Fax: 408-855-4999 www.alsc.com
Copyright (c) Alliance Semiconductor All Rights Reserved Part Number: ASM2P2309NZ Document Version: 0.2
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to Alliance Semiconductor, dated 11-11-2003
(c) Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
Nine Output 3.3V Buffer
Notice: The information in this document is subject to change without notice.
9 of 9


▲Up To Search▲   

 
Price & Availability of ASM5P2309NZG-08-ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X