Part Number Hot Search : 
IR2131 C5141 FB4410Z KRC858U TIP563 17A06 JS28F128 27C256
Product Description
Full Text Search
 

To Download ASM5I9352G-32-LT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 July 2005 rev 0.2 2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
Features
Output frequency range: 25MHz to 200MHz Output frequency range: 16.67MHz to 200MHz Input frequency range: 16.67MHz to 200MHz 2.5V or 3.3V operation Split 2.5V/3.3V outputs 2% max Output duty cycle variation 11 Clock outputs: Drive up to 22 clock lines LVCMOS reference clock input 125-pS max output-output skew PLL bypass mode Spread Aware
TM
ASM5I9352
The ASM5I9352 features an LVCMOS reference clock input and provides 11 outputs partitioned in 3 banks of 5, 4, and 2 outputs. Bank A divides the VCO output by 4 or 6 while Bank B divides by 4 and 2 and Bank C divides by 2 and 4 per SEL(A:C) settings, see Table 2. These dividers allow output to input ratios of 3:1, 2:1, 3:2, 1:1, 2:3, 1:2, and 1:3. Each LVCMOS compatible output can drive 50 series or parallel terminated transmission lines. For series terminated transmission lines, each output can drive one or two traces giving the device an effective fanout of 1:22.
The PLL is ensured stable given that the VCO is configured to run between 200 MHz to 500 MHz. This allows a wide range of output frequencies from 16.67 MHz to 200 MHz. For normal operation, the external feedback input, FB_IN, is connected to one of the outputs. The internal VCO is running at multiples of the input reference clock set by the feedback divider, see Table 1.
Output enable/disable Pin compatible with MPC9352 and MPC952 Industrial temperature range: -40C to +85C 32-Pin 1.0mm TQFP & LQFP Packages
Functional Description
The ASM5I9352 is a low voltage high performance 200MHz PLL-based zero delay buffer designed for high speed clock distribution applications. When PLL_EN# is HIGH, PLL is bypassed and the reference clock directly feeds the output dividers. This mode is fully static and the minimum input clock frequency specification does not apply.
Alliance Semiconductor 2575, Augustine Drive * Santa Clara, CA * Tel: 408.855.4900 * Fax: 408.855.4999 * www.alsc.com
Notice: The information in this document is subject to change without notice.
July 2005 rev 0.2
Block Diagram
ASM5I9352
PLL_EN#
REFCLK FB_IN VCO_SEL SELA
Phase Detector
VCO 200-500MHz LPF
+2
+4/ +6
QA0 QA1 QA2 QA3 QA4
+4/ +2
QB0 QB1 QB2 QB3
SELB
+2/ +4
SELC MR/OE#
QC0 QC1
Pin Configuration
VDDQC QB3 VSS VDDQB QC1 QC0 QB2 VSS
32 31 30 29 28 27 26 25 VCO_SEL SELC SELB SELA MR/OE# REFCLK AVSS FB_IN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 24 23 22 VSS QB1 QB0 VDDQB VDDQA QA4 QA3 VSS
ASM5I9352
21 20 19 18 17
PLL_EN#
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
Notice: The information in this document is subject to change without notice.
VDDQA
AVDD
VDD
VSS
QA0
QA1
QA2
2 of 12
July 2005 rev 0.2
Pin Configuration1 Pin
6 12, 14, 15, 18, 19 22, 23, 26, 27 30, 31 8 1 5 9 2, 3, 4 16, 20 21, 25 32 10 11 7 13, 17, 24, 28, 29
ASM5I9352
Name
REFCLK QA(0:4) QB(0:3) QC(0,1) FB_IN VCO_SEL MR/OE# PLL_EN# SEL(A:C) VDDQA VDDQB VDDQC AVDD VDD AVSS VSS
I/O
I, PD O O O I, PD I, PD I, PD I, PD I, PD Supply Supply Supply Supply Supply Supply Supply
Type
LVCMOS LVCMOS LVCMOS LVCMOS LVCMOS LVCMOS LVCMOS LVCMOS LVCMOS VDD VDD VDD VDD VDD Ground Ground Reference clock input. Clock output bank A. Clock output bank B. Clock output bank C.
Description
Feedback clock input. Connect to an output for normal operation. This input should be at the same voltage rail as input reference clock. See Table 1. VCO divider select input. See Table 2. Master reset/output enable/disable input. See Table 2. PLL enable/disable input. See Table 2. Frequency select input, Bank (A:C). See Table 2. 2.5V or 3.3V power supply for bank A output clocks2,3. 2.5V or 3.3V power supply for bank B output clocks.2,3 2.5V or 3.3V power supply for bank C output clocks. 2,3 2.5V or 3.3V power supply for PLL. 2,3 2.5V or 3.3V power supply for core and inputs. 2,3 Analog ground. Common ground.
Note: 1. PD = Internal pull-down. 2.A 0.1F bypass capacitor should be placed as close as possible to each positive power pin (<0.2"). If these bypass capacitors are not close to the pins their high frequency filtering characteristics will be cancelled by the lead inductance of the traces. 3.AVDD and VDD pins must be connected to a power supply level that is at least equal or higher than that of VDDQB, VDDQC, and VDDQD output supply pins.
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
Notice: The information in this document is subject to change without notice.
3 of 12
July 2005 rev 0.2
Table 1: Frequency Table VCO_SEL
0 0 0 1 1 1
ASM5I9352
Feedback Output Divider
/2 /4 /6 /2 /4 /6
VCO
Input Clock * 2 Input Clock * 4 Input Clock * 6 Input Clock * 4 Input Clock * 8 Input Clock * 12
Input Frequency Range (AVDD = 3.3V)
100 MHz to 200 MHz 50 MHz to 125 MHz 33.33 MHz to 83.33 MHz 50 MHz to 125 MHz 25 MHz to 62.5 MHz 16.67 MHz to 41.67 MHz
Input Frequency Range (AVDD = 2.5V)
100 MHz to 200 MHz 50 MHz to 100 MHz 33.33 MHz to 66.67 MHz 50 MHz to 100 MHz 25 MHz to 50 MHz 16.67 MHz to 33.33 MHz
Table 2: Function Table Control
VCO_SEL PLL_EN# MR/OE# SELA SELB SELC
Default
0 0 0 0 0 0
0
VCO PLL enabled. The VCO output connects to the output dividers Outputs enabled QA = VCO/4 QB = VCO /4 QC = VCO/2
1
VCO / 2 Bypass mode, PLL disabled. The input clock connects to the output dividers Outputs disabled (three-state), VCO running at its minimum frequency QA = VCO/6 QB = VCO/2 QC = VCO/4
Absolute Maximum Ratings Parameter
VDD VDD VIN VOUT VTT LU RPS TS TA TJ OJC OJA ESDH FIT
Description
DC Supply Voltage DC Operating Voltage DC Input Voltage DC Output Voltage Output termination Voltage Latch Up Immunity Power Supply Ripple Temperature, Storage Temperature, Operating Ambient Temperature, Junction Dissipation, Junction to Case Dissipation, Junction to Ambient ESD Protection (Human Body Model) Failure in Time
Condition
Functional Relative to VSS Relative to VSS Functional Ripple Frequency < 100 kHz Non Functional Functional Functional Functional Functional
Min
-0.3 2.375 -0.3 -0.3 200
Max
5.5 3.465 VDD+ 0.3 VDD+ 0.3 VDD /2 150
Unit
V V V V V mA mVp-p C C C C/W C/W Volts ppm
-65 -40
+150 +85 155 42 105
2000 Manufacturing test 10
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability.
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
Notice: The information in this document is subject to change without notice.
4 of 12
July 2005 rev 0.2
DC Electrical Specifications (VDD = 2.5V 5%, TA = -40C to +85C) Parameter
VIL VIH VOL VOH IIL IIH IDDA IDDQ IDD CIN ZOUT
ASM5I9352
Description
Input Voltage, Low Input Voltage, High Output Voltage, Low Input Current, Low Input Current, High2 PLL Supply Current Quiescent Supply Current Dynamic Supply Current Input Pin Capacitance Output Impedance
1
Condition
LVCMOS LVCMOS IOL= 15 mA IOH= -15 mA VIL= VSS VIL= VDD AVDD only All VDD pins except AVDD
Min
1.7 1.8
Typ
Max
0.7 VDD+ 0.3 0.6 -10 100
Unit
V V V V A A mA mA mA pF
Output Voltage, High1
5 3 170 4 17 - 20
10 5
Note:1.Driving one 50 parallel terminated transmission line to a termination voltage of VTT. Alternatively, each output drives up to two 50 series terminated transmission lines. 2.Inputs have pull-down resistors that affect the input current.
DC Electrical Specifications (VDD = 3.3V 5%, TA = -40C to +85C) Parameter
VIL VIH VOL VOH IIL IIH IDDA IDDQ IDD CIN ZOUT
Description
Input Voltage, Low Input Voltage, High Output Voltage, Low1 Output Voltage, High1 Input Current, Low Input Current, High
2
Condition
LVCMOS LVCMOS IOL= 24 mA IOL= 12 mA IOH= -24 mA VIL= VSS VIL= VDD AVDD only All VDD pins except AVDD
Min
2.0
Typ
Max
0.8 VDD + 0.3 0.55 0.30
Unit
V V V V
2.4 -10 100 5 3 240 4 14 - 17 10 5
A A mA mA mA pF
PLL Supply Current Quiescent Supply Current Dynamic Supply Current Input Pin Capacitance Output Impedance
Note:1.Driving one 50 parallel terminated transmission line to a termination voltage of VTT. Alternatively, each output drives up to two 50 series terminated transmission lines. 2.Inputs have pull-down resistors that affect the input current.
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
Notice: The information in this document is subject to change without notice.
5 of 12
July 2005 rev 0.2
AC Electrical Specifications (VDD = 2.5V 5%, TA = -40C to +85C) 1 Parameter Description Condition
fVCO VCO Frequency /2 Feedback /4 Feedback /6 Feedback fin Input Frequency /8 Feedback /12 Feedback Bypass mode (PLL_EN# = 1) frefDC tr, tf Input Duty Cycle TCLK Input Rise/FallTime 0.7V to 1.7V /2 Output /4 Output fMAX Maximum Output Frequency /6 Output /8 Output /12 Output DC tr, tf t() tsk(O) tsk(B) tPLZ, HZ tPZL, ZH Output Duty Cycle Output Rise/Fall times Propagation Delay (static phase offset) Output-to-Output Skew Bank-to-Bank Skew Output Disable Time Output Enable Time /2 Feedback BW PLL Closed Loop Bandwidth (3dB) /4 Feedback /6 Feedback /8 Feedback /12 Feedback tJIT(CC) tJIT(PER) tJIT() tLOCK Cycle-to-Cycle Jitter Period Jitter I/O Phase Jitter Maximum PLL Lock Time Same frequency Multiple frequencies Same frequency Multiple frequencies VCO < 300 MHz VCO > 300 MHz 150 100 2 fMAX< 100 MHz fMAX > 100 MHz 0.6V to 1.8V TCLK to FB_IN, same VDD, does not include jitter Skew within Bank Banks at same voltage, same frequency Banks at same voltage, different frequency 100 50 33.33 25 16.67 47 44 0.1 -100
ASM5I9352
Min
200 100 50 33.33 25 16.67 0 25
Typ
Max
400 200 100 66.67 50 33.33 200 75 1.0 200 100 66.67 50 33.33 53 56 1.0 100 125 175
Unit
MHz
MHz
% nS
MHz
% nS pS pS pS
225 8 10 1 - 1.5 0.6 0.75 0.5 100 300 100 150 pS pS pS 1 mS MHz nS nS
Note:1.AC characteristics apply for parallel output termination of 50 to VTT. Parameters are guaranteed by characterization and are not 100% tested.
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
Notice: The information in this document is subject to change without notice.
6 of 12
July 2005 rev 0.2
AC Electrical Specifications (VDD = 3.3V 5%, TA = -40C to +85C)1 Parameter
fVCO
ASM5I9352
Description
VCO Frequency
Condition
/2 Feedback /4 Feedback /6 Feedback /8 Feedback /12 Feedback Bypass mode (PLL_EN# = 1)
Min
200 100 50 33.33 25 16.67 0 25
Typ
Max
500 200 125 83.33 62.5 41.67 200 75 1.0 200 125 83.33 62.5 41.67 52 56 1.0 200 125 175 235 425 8 10
Unit
MHz
fin
Input Frequency
MHz
frefDC tr, tf
Input Duty Cycle TCLK Input Rise/FallTime 0.8V to 2.0V /2 Output /4 Output
% nS
100 50 33.33 25 16.67 48 44 0.1 -100
fMAX
Maximum Output Frequency
/6 Output /8 Output /12 Output fMAX< 100 MHz fMAX > 100 MHz 0.55V to 2.4V TCLK to FB_IN, same VDD, does not include jitter Skew within each Bank Banks at same voltage, same frequency
MHz
DC tr, tf t() tsk(O)
Output Duty Cycle Output Rise/Fall times Propagation Delay (static phase offset) Output-to-Output Skew
% nS pS pS
tsk(B)
Bank-to-Bank Skew
Banks at same voltage, different frequency Banks at different voltage
pS
tPLZ, HZ tPZL, ZH
Output Disable Time Output Enable Time /2 Feedback 2 1 - 1.5 0.6 0.75 0.5 /4 Feedback /6 Feedback /8 Feedback /12 Feedback Same frequency Multiple frequencies Same frequency Multiple frequencies VCO < 300 MHz VCO > 300 MHz 150 100
nS nS
BW
PLL Closed Loop Bandwidth (-3dB)
MHz
tJIT(CC) tJIT(PER) tJIT() tLOCK
Cycle-to-Cycle Jitter Period Jitter I/O Phase Jitter Maximum PLL Lock Time
100 275 100 150
pS pS pS
1
mS
Note:1.AC characteristics apply for parallel output termination of 50 to VTT. Parameters are guaranteed by characterization and are not 100% tested.
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
Notice: The information in this document is subject to change without notice.
7 of 12
July 2005 rev 0.2
Zo = 50 ohm Zo = 50 ohm
ASM5I9352
Pulse Generator Z = 50 ohm
RT = 50 ohm
RT = 50 ohm
VTT
VTT
Figure 1. AC Test Reference for VDD = 3.3V / 2.5V
VDD LVCMOS_CLK VDD/2 GND VDD FB_IN VDD/2
t()
GND
Figure 2. LVCMOS Propagation Delay t(), Static Phase Offset
VDD LVCMOS_CLK VDD/2
tP T0
GND
DC = tP / T0 x 100%
Figure 3. Output Duty Cycle (DC)
VDD VDD/2 GND VDD VDD/2
tSK(0)
GND
Figure 4. Output-to-Output Skew , tsk(O)
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
Notice: The information in this document is subject to change without notice.
8 of 12
July 2005 rev 0.2
Package Diagram 32-lead TQFP Package
ASM5I9352
SECTION A-A
Dimensions Symbol
A A1 A2 D D1 E E1 L L1 T T1 b b1 R0 a e
Inches Min Max
.... 0.0020 0.0374 0.3465 0.2717 0.3465 0.2717 0.0177 0.0035 0.0038 0.0118 0.0118 0.0031 0 0.0472 0.0059 0.0413 0.3622 0.2795 0.3622 0.2795 0.0295 0.0079 0.0062 0.0177 0.0157 0.0079 7
Millimeters Min Max
... 0.05 0.95 8.8 6.9 8.8 6.9 0.45 0.09 0.097 0.30 0.30 0.08 0 0.8 BASE 1.2 0.15 1.05 9.2 7.1 9.2 7.1 0.75 0.2 0.157 0.45 0.40 0.2 7
0.03937 REF
1.00 REF
0.031 BASE
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
Notice: The information in this document is subject to change without notice.
9 of 12
July 2005 rev 0.2
32-lead LQFP Package
ASM5I9352
SECTION A-A
Dimensions Symbol
A A1 A2 D D1 E E1 L L1 T T1 b b1 R0 e a
Inches Min Max
.... 0.0020 0.0531 0.3465 0.2717 0.3465 0.2717 0.0177 0.0035 0.0038 0.0118 0.0118 0.0031 0 0.0630 0.0059 0.0571 0.3622 0.2795 0.3622 0.2795 0.0295 0.0079 0.0062 0.0177 0.0157 0.0079 7
Millimeters Min Max
... 0.05 1.35 8.8 6.9 8.8 6.9 0.45 0.09 0.097 0.30 0.30 0.08 0 1.6 0.15 1.45 9.2 7.1 9.2 7.1 0.75 0.2 0.157 0.45 0.40 0.20 7
0.03937 REF
1.00 REF
0.031 BASE
0.8 BASE
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
Notice: The information in this document is subject to change without notice.
10 of 12
July 2005 rev 0.2
Ordering Information Part Number
ASM5I9352-32-ET ASM5I9352-32-LT ASM5I9352G-32-ET ASM5I9352G-32-LT
ASM5I9352
Marking
ASM5I9352 ASM5I9352 ASM5I9352G ASM5I9352G
Package Type
32-pin TQFP 32-pin LQFP -Tape and Reel 32-pin TQFP, Green 32-pin LQFP -Tape and Reel, Green
Temperature
Industrial Industrial Industrial Industrial
Device Ordering Information
ASM
5I9352
F-32-LT
R = Tape & reel, T = Tube or Tray O = SOT S = SOIC T = TSSOP A = SSOP V = TVSOP B = BGA Q = QFN DEVICE PIN COUNT F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE U = MSOP E = TQFP L = LQFP U = MSOP P = PDIP D = QSOP X = SC-70
PART NUMBER X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 2 = Non PLL based 3 = EMI Reduction 4 = DDR support products 5 = STD Zero Delay Buffer 6 = Power Management 7 = Power Management 8 = Power Management 9 = Hi Performance 0 = Reserved
ALLIANCE SEMICONDUCTOR MIXED SIGNAL PRODUCT
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
Notice: The information in this document is subject to change without notice.
11 of 12
July 2005 rev 0.2
ASM5I9352
Alliance Semiconductor Corporation 2575, Augustine Drive, Santa Clara, CA 95054 Tel# 408-855-4900 Fax: 408-855-4999 www.alsc.com
Copyright (c) Alliance Semiconductor All Rights Reserved Part Number: ASM5I9352 Document Version: 0.2
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to Alliance Semiconductor, dated 11-11-2003
(c) Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
Notice: The information in this document is subject to change without notice.
12 of 12


▲Up To Search▲   

 
Price & Availability of ASM5I9352G-32-LT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X