Part Number Hot Search : 
P4N60 3388209 DLR1414 DTR2G HCT373 MCM6729 TN2219A TBA4034
Product Description
Full Text Search
 

To Download ASM3P2180A-08TT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 September 2004 rev 1.0 Peak Reducing EMI Solution
Features * Generates an EMI optimized clocking signal at the output. * Selectable output frequency range. * Single 1.25% or 2.4% down spread output. * Integrated loop filter components. * Operates with a 3.3V supply. * Low-power CMOS design. * Available in 8-pin SOIC and 8-pin TSSOP packages. Product Description The ASM3P2180A is a versatile Spread Spectrum frequency modulator designed specifically for a wide range of clock frequencies. The ASM3P2180A reduces electromagnetic interference (EMI) at the clock source, allowing system wide reduction of EMI of down stream clock and data dependent signals. The ASM3P2180A allows significant system cost savings by reducing the number of circuit board layers and shielding that are traditionally required to pass EMI regulations. The ASM3P2180A modulates the output of a single PLL in order to "spread" the bandwidth of a synthesized clock, thereby decreasing the peak amplitudes of its harmonics. This results in significantly lower system EMI compared to the Simplified Block Diagram
ASM3P2180A
typical narrow band signal produced by oscillators and most clock generators. Lowering EMI by increasing a signal's bandwidth is called spread spectrum clock generation. The ASM3P2180A uses the most efficient and optimized modulation profile approved by the FCC and is implemented by using a proprietary all-digital method. Applications The ASM3P2180A is targeted towards notebook LCD displays, other displays using an LVDS interface, PC peripheral devices and embedded systems. Key Specifications
Description Supply voltages Frequency range FS1=0 FS1=1 Specification VDD = 3.3V 5% 6 MHz Fin 10 MHz 18 MHz Fin 30 MHz 325 pS (max) -1.25% or -2.4% 45/55% (worst case) 5ns (maximum)
Cycle-to-cycle jitter Selectable spread percentage Output duty cycle Output rise and fall time
3.3V
X1 ASM3P2180A X2 Spread spectrum output (EMI suppressed)
Alliance Semiconductor
2595, Augustine Drive * Santa Clara * CA 95054 * Tel 408 855 4900 * Fax 408 855 4999 * www.alsc.com
Notice: The information in this document is subject to change without notice.
September 2004 rev 1.0
Pin Diagram
ASM3P2180A
CLKIN / X1 NC / X2 GND SS%
1 2
8 7
NC FS1 VDD CLKOUT
ASM3P2180A
3 4 6 5
Modulation Width Selection SS% 0 1 Output FIN FOUT FIN - 1.25% FIN FOUT FIN - 2.4%
Frequency Range Selection FS1 0 1 Modulation Rate 6 FIN 10 18 FIN 30
Pin Description
Pin# 1 2 3 4 5 6 7 8
Pin Name CLKIN / X1 NC / X2 GND SS% CLKOUT VDD FS1 NC
Type I O P I O P I -
Description Crystal connection or external reference frequency input. This pin has dual functions. It can be connected to either an external crystal or an external reference clock. Crystal connection. Connection for an external crystal. If using an external reference, this pin must be left unconnected. Ground to entire chip. Modulation width selection. When spread spectrum feature is turned on, this pin is used to select the amount of variation and peak EMI reduction that is desired on the output signal. Internal pull-up resistor. Output modulated frequency. Copy of the un-modulated input clock. Power supply for the entire chip (3.3V). Frequency selection bit 1. This pin selects the frequency range of operation. (Refer to the Frequency Range Selection Table). This pin has an internal pull-up resistor. No connect.
Peak Reducing EMI Solution
Notice: The information in this document is subject to change without notice.
2 of 7
September 2004 rev 1.0
Absolute Maximum Ratings
ASM3P2180A
Symbol VDD, VIN TSTG TA
Parameter Voltage on any pin with respect to GND Storage temperature Operating temperature
Rating -0.5 to + 7.0 -65 to +125
Unit V C
0 to 70 C Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability.
DC Electrical Characteristics
Symbol VIL VIH IIL IIH IXOL IXOH VOL VOH ICC IDD VDD tON ZOUT Input low voltage
Parameter Input high voltage Input low current (pull-up resistors on inputs SS%, FS1) Input high current XOUT output low current (@ 0.4V, VDD = 3.3V) XOUT output high current (@2.5V, VDD = 3.3V) Output low voltage (VDD = 3.3V, IOL = 4mA) Output high voltage (VDD = 3.3V, IOH = 4mA) Dynamic supply current normal mode (3.3V and 10pF loading) Static supply current standby mode Operating voltage Power up time (first locked clock cycle after power up) Clock output impedance
Min GND - 0.3 2.0 2.5 8 2.8 -
Typ 3 4 21 0.8 3.3 0.18 50
Max 0.8 VDD + 0.3 -27 18 0.4 35 3.7 -
Unit V V A A mA mA V V mA A V mS
AC Electrical Characteristics
Symbol CLKIN CLKOUT tLH* tHL* tJC Input frequency Output frequency
Parameter
Min 6 6 1.2 0.8 45
Typ 1.3 0.9 50
Max 30 30 1.4 1.0 325 55
Unit MHz MHz nS nS pS %
Output rise time (measured at 0.8V to 2.0V) Output fall time (measured at 2.0V to 0.8V) Jitter (cycle to cycle)
tD Output duty cycle *tLH and tHL are measured into a capacitive load of 15pF
Peak Reducing EMI Solution
Notice: The information in this document is subject to change without notice.
3 of 7
September 2004 rev 1.0
Package Information: 8-Pin SOIC Package
ASM3P2180A
E
H
D
A2
A
e B A 1
C L
Symbol Dimensions in inches Min A A1 A2 B C D E e H L 0.057 0.004 0.053 0.012 0.004 0.186 0.148 Max 0.071 0.010 0.069 0.020 0.01 0.202 0.164
Dimensions in millimeters Min 1.45 0.10 1.35 0.31 0.10 4.72 3.75 Max 1.80 0.25 1.75 0.51 0.25 5.12 4.15 1.27 BSC 5.70 0.30 0 6.30 0.70 8
0.050 BSC 0.224 0.012 0 0.248 0.028 8
D
Peak Reducing EMI Solution
4 of 7
Notice: The information in this document is subject to change without notice.
September 2004 rev 1.0
ASM3P2180A
8-Pin TSSOP Package
H
E D A2 A e B A1 L C
Symbol A A1 A2 B C D E e H L
Dimensions in inches Min Max 0.047 0.002 0.031 0.007 0.004 0.114 0.169 0.006 0.041 0.012 0.008 0.122 0.177
Dimensions in millimeters Min Max 1.10 0.05 0.80 0.19 0.09 2.90 4.30 0.15 1.05 0.30 0.20 3.10 4.50
0.026 BSC 0.244 0.018 0 0.260 0.030 8
0.65 BSC 6.20 0.45 0 6.60 0.75 8
Peak Reducing EMI Solution
Notice: The information in this document is subject to change without notice.
5 of 7
September 2004 rev 1.0
Ordering Codes Ordering Number ASM3P2180A-08ST ASM3P2180A-08SR ASM3P2180A-08TT ASM3P2180A-08TR Marking ASM3P2180A ASM3P2180A ASM3P2180A ASM3P2180A Package Type 8-pin SOIC, tube 8-pin SOIC, tape and reel 8-pin TSSOP, tube 8-pin TSSOP, tape and reel 2500 2500 Quantity per reel
ASM3P2180A
Temperature 0 C to 70C 0 C to 70C 0 C to 70C 0 C to 70C
Ordering Information
ASM3P2180A-08ST
OR - SOT23/T/R TT - TSSOP, TUBE TR - TSSOP, T/R VT - TVSOP, TUBE VR - TVSOP, T/R ST - SOIC, TUBE
SR - SOIC, T/R QR - QFN, T/R QT - QFN, TUBE BT - BGA, TUBE BR - BGA, T/R
PIN COUNT
PART NUMBER
X = Automotive I = Industrial P or n/c = Commercial 1 - reserved 6 - power management 2 - Non PLL based 7 - power management 3 - EMI Reduction 8 - power management 4 - DDR support products 9 - Hi performance 5 - STD Zero Delay Buffer 0 - reserved
Alliance Semiconductor Mixed Signal Product
Licensed under US patent Nos 5,488,627 and 5,631,920.
Peak Reducing EMI Solution
Notice: The information in this document is subject to change without notice.
6 of 7
September 2004 rev 1.0
ASM3P2180A
Alliance Semiconductor Corporation 2595, Augustine Drive, Santa Clara, CA 95054 Tel# 408-855-4900 Fax: 408-855-4999 www.alsc.com
Copyright (c) Alliance Semiconductor All Rights Reserved Part Number: ASM3P2180A Document Version: v1.0
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to Alliance Semiconductor, dated 11-11-2003
(c) Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
Peak Reducing EMI Solution
Notice: The information in this document is subject to change without notice.
7 of 7


▲Up To Search▲   

 
Price & Availability of ASM3P2180A-08TT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X