Part Number Hot Search : 
TA7240 2815S 315GA HMC1010 PG2800P 2948BPC 1545C MM5Z33V
Product Description
Full Text Search
 

To Download ASM2I2318ANZ-48-AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 June 2005 rev 0.3
ASM2I2318ANZ
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Features
One input to 18 output Buffer/Driver Supports up to four SDRAM DIMMs Two additional outputs for feedback Serial interface for individual output control Low skew outputs (< 250 pS) Up to 133 MHz operation Dedicated OE pin for testing Space-saving 48 Pin SSOP package 3.3V operation
Functional Description
The ASM2I2318ANZ is a 3.3V buffer designed to distribute high-speed clocks in PC applications. The part has 18 outputs, 16 of which can be used to drive up to four SDRAM DIMMs, and the remaining can be used for external feedback to a PLL. The device operates at 3.3V and outputs can run up to 133MHz, thus making it compatible with Pentium II(R)* processors. The ASM2I2318ANZ can be used in conjunction with the clock synthesizer for a complete Pentium II motherboard solution. The ASM2I2318ANZ also includes a serial interface which can enable or disable each output clock. On power-up, all output clocks are enabled (internal pull up). A separate Output Enable pin facilitates testing on ATE.
*Pentium is a registered trademark of Intel Corporation.
Block Diagram BUF_IN
SDRAM0 SDRAM1 SDRAM2 SDRAM3 SDRAM4 SDRAM5 SDRAM6 SDRAM7 SDRAM8 SDRAM9 Serial Interface Decoding SDRAM10 SDRAM11 SDRAM12 SDRAM13 SDRAM14 SDRAM15 SDRAM16 SDRAM17
SDATA
SCLOCK
OE
Alliance Semiconductor 2575, Augustine Drive * Santa Clara, CA * Tel: 408.855.4900 * Fax: 408.855.4999 * www.alsc.com
Notice: The information in this document is subject to change without notice.
June 2005 rev 0.3
Pin Configuration 48-Pin SSOP Package -- Top View
NC 1 NC 2 VDD 3 SDRAM0 4 SDRAM1 5 VSS 6 VDD 7 SDRAM2 8 SDRAM3 9 VSS 10 BUF_IN 11 VDD 12 SDRAM4 13 SDRAM5 14 VSS 15 VDD 16 SDRAM6 17 SDRAM7 18 VSS 19 VDD 20 SDRAM16 21 VSS 22 VDDIIC 23 SDATA 24 48 NC 47 NC 46 VDD 45 SDRAM15 44 SDRAM14 43 VSS 42 VDD 41 SDRAM13 40 SDRAM12 39 VSS
ASM2I2318ANZ
ASM2I2318ANZ
38 OE 37 VDD 36 SDRAM11 35 SDRAM10 34 VSS 33 VDD 32 SDRAM9 31 SDRAM8 30 VSS 29 VDD 28 SDRAM17 27 VSS 26 VSSIIC 25 SCLOCK
Pin Description Pins
3, 7, 12, 16, 20, 29, 33, 37, 42, 46 6, 10, 15, 19, 22, 27, 30, 34, 39, 43 23 26 11 38 24 25 4, 5, 8, 9 13, 14, 17, 18 31, 32, 35, 36 40, 41, 44, 45 21, 28 NC VDD VSS VDDIIC VSSIIC BUF_IN OE SDATA SCLK SDRAM [0-3] SDRAM [4-7] SDRAM [8-11] SDRAM [12-15] SDRAM [16-17] 1, 2, 47, 48
Name
Type
P P P P I I I/O I O O O O O 3.3V Digital voltage supply Ground
Description
Serial interface voltage supply Ground for serial interface Input clock. 5V tolerant Output Enable (active HIGH), Three-state outputs when low1 Serial data input1. 5V tolerant Serial clock input1. 5V tolerant SDRAM byte 0 clock outputs SDRAM byte 1 clock outputs SDRAM byte 2 clock outputs SDRAM byte 3 clock outputs SDRAM clock outputs usable for feedback Reserved for future modifications, do not connect in system
Note: 1. Internal pull-up resistor to VDD (value > 100 KOhms)
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Notice: The information in this document is subject to change without notice.
2 of 13
June 2005 rev 0.3
Device Functionality OE
0 1
ASM2I2318ANZ
SDRAM [0-17]
Hi-Z 1 x BUF_IN
Byte 1: SDRAM Active/Inactive Register (1 = Enable, 0 = Disable), Default = Enable Bit
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Pin #
45 44 41 40 36 35 32 31
Description
SDRAM15 (Active/Inactive) SDRAM14 (Active/Inactive) SDRAM13 (Active/Inactive) SDRAM12 (Active/Inactive) SDRAM11 (Active/Inactive) SDRAM10 (Active/Inactive) SDRAM9 (Active/Inactive) SDRAM8 (Active/Inactive)
Serial Configuration Map
* The Serial bits will be read by the clock driver in the following order: Byte 0 - Bits 7, 6, 5, 4, 3, 2, 1, 0 Byte 1 - Bits 7, 6, 5, 4, 3, 2, 1, 0 Byte N - Bits 7, 6, 5, 4, 3, 2, 1, 0 * Reserved bits should be programmed to "0" or "1". * Serial interface address for the ASM2I2318ANZ is:
Byte 2: SDRAM Active/Inactive Register (1 = Enable, 0 = Disable), Default = Enable Bit
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
A6
1
A5
1
A4
0
A3
1
A2
0
A1
0
A0
1
R/W
----
Pin #
28 21 -------
Description
SDRAM17 (Active/Inactive) SDRAM16 (Active/Inactive) Reserved Reserved Reserved Reserved Reserved Reserved
Byte 0:SDRAM Active/Inactive Register (1 = Enable, 0 = Disable), Default = Enable Bit
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Pin #
18 17 14 13 9 8 5 4
Description
SDRAM7 (Active/Inactive) SDRAM6 (Active/Inactive) SDRAM5 (Active/Inactive) SDRAM4 (Active/Inactive) SDRAM3 (Active/Inactive) SDRAM2 (Active/Inactive) SDRAM1 (Active/Inactive) SDRAM0 (Active/Inactive)
Note 1 : When the value of bit in these bytes is high, the output is enabled. When the value of the bit is low, the output is forced to low state. The default value of all the bits is high after chip is powered up.
IIC Byte Flow Byte
1 2 3 4 5 6
Description
IIC Address Command (dummy value, ignored) Byte Count (dummy value, ignored) IIC Data Byte 0 IIC Data Byte 1 IIC Data Byte 2
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Notice: The information in this document is subject to change without notice.
3 of 13
June 2005 rev 0.3
Absolute Maximum Ratings Symbol
VDD VIN VBUFIN TSTG TJ TDV
ASM2I2318ANZ
Parameter
Supply Voltage to Ground Potential DC Input Voltage (Except BUF_IN) DC Input Voltage (BUF_IN) Storage Temperature Junction Temperature Static Discharge Voltage (As per JEDEC STD 22- A114-B)
Rating
-0.5 to +7.0 -0.5 to VDD + 0.5 -0.5 to +7.0 -65 to +150 150 2
Unit
V V V
C C
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability.
Operating Conditions1 Parameter
VDD VDDIIC TA CL CIN tPU Supply Voltage Operating Temperature (Ambient Temperature) Load Capacitance Input Capacitance Power-up time for all VDD's to reach minimum specified voltage (power ramps must be monotonic) 0.05
Description
Min
3.135 0 20
Max
3.465 70 30 7 50
Unit
V C pF pF mS
Note: 1. Electrical parameters are guaranteed under the operating conditions specified.
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Notice: The information in this document is subject to change without notice.
4 of 13
June 2005 rev 0.3
Electrical Characteristics
(Test condition: All parameters values are valid within the Operating range, unless otherwise stated)
ASM2I2318ANZ
Parameter
VIL VILiic VIH VOL VOH ICC IOZ IOFF ICC Ii IDD IDD IDD IDD IDD IDD IDDS
Description
Input LOW Voltage Input LOW Voltage Input HIGH Voltage Output LOW Voltage1 Output HIGH Voltage1 Quiescent Supply Current High Impedance Output Current Off-State Current (for SCL ,SDATA) Change in Supply Current Input Leakage Supply Current Supply Current1 Supply Current1 Supply Current1 Supply Current1 Supply Current1 Supply Current
1
Test Conditions
For all pins except serial interface pins For serial pins only
Min
Typ
Max
0.8 0.7
Unit
V V V V V A A A A A mA mA mA mA mA mA A
2.0 IOL= 25 mA IOH = -36 mA VDD= 3.465V, Vi = VDD or GND, IO =0 VDD= 3.465V, Vi = VDD or GND VDD= 0V, Vi = 0V or 5.5V VDD= 3.135V to 3.465V One Input at VDD-0.6, All other Inputs at VDD or GND VDD= 3.465V or GND (Applicable to all Input Pins) Unloaded outputs, 133 MHz Loaded outputs, 30pF,133 MHz Unloaded outputs, 100 MHz Loaded outputs, 30pF, 100 MHz Unloaded outputs, 66.67 MHz Loaded outputs, 30pF, 66.67 MHz BUF_IN=VDD or VSS, all other inputs at VDD 0.4 2.4 50 100 10 50 500 -5 +5 150 400 110 300 80 200 500
Note: 1. Parameter is guaranteed by design and characterization. Not 100% tested in production.
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Notice: The information in this document is subject to change without notice.
5 of 13
June 2005 rev 0.3
Switching Characteristics1 Parameter
Fin tD t3 t4 t5 t6 t7 tPLZ, tPHZ tPZL, tPZH tr tf Duty cycle
ASM2I2318ANZ
Name
Maximum Operating Frequency
2,3
Test Conditions
Measured at 1.5V Measured between 0.4V and 2.4V Measured between 2.4V and 0.4V All outputs equally loaded
3 3
Min
45.0 1 1
Typ
50.0 2 2 150
Max
133 55.0 4 4 225 3.5 3.5 5 5 250
Unit
MHz % V/nS V/nS pS nS nS nS nS nS nS
= t2 / t1
Rising Edge Rate3 Falling Edge Rate3 Output to Output Skew3 SDRAM Buffer LH Prop. Delay SDRAM Buffer Enable Delay
3
Input edge greater than 1 V/nS Input edge greater than 1 V/nS Input edge greater than 1 V/nS Input edge greater than 1 V/nS CL = 10pF CL = 400pF CL = 10pF CL = 400pF
1 1 1 1 6 20
2.7 2.7 3 3
SDRAM Buffer HL Prop. Delay SDRAM Buffer Disable Delay3 Rise Time for SDATA (Refer Test Circuit for IIC) Refer figure no.3 Fall Time for SDATA (Refer Test Circuit for IIC) Refer figure no.3
250
Note: 1. All parameters specified with loaded outputs. 2. Duty cycle of input clock is 50%. Rising and falling edge rate is greater than 1V/nS 3. Parameter is guaranteed by design and characterization. Not 100% tested in production.
Test Circuit for SDRAM Enable and Disable Times
S1 2 * VDD Open VSS
VDD 500 VI PULSE GENERATOR RT D.U.T 500 VO
CL
TEST t6/t7 tPLZ/tPZL tPHZ/tPZH
S1 Open 2* VDD VSS
Figure 1. Load circuit for Switching times
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Notice: The information in this document is subject to change without notice.
6 of 13
June 2005 rev 0.3
SDRAM Enable and Disable Times
VM = 1.5V VX = VOL +0.3V VY = VOH -0.3V VOH and VOL are the typical Output Voltage drop that occur with the output load
ASM2I2318ANZ
VI OE INPUT GND
VM
VDD
tPLZ VDD OUTPUT LOW-to-OFF OFF-to-LOW VOL tPHZ VDD OUTPUT HIGH-to-OFF OFF-to-HIGH VSS Outputs enabled Outputs disabled
tPZL
VM VX
tPZH
VY VM
Outputs enabled
Figure 2. 3-State Enable and Disable times
Test Circuit for IIC Rise and Fall Times
VO = 3.3V
RL = 1k
DUT CL = 10pF or CL = 400pF GND
Figure 3. Test Circuit for IIC
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Notice: The information in this document is subject to change without notice.
7 of 13
June 2005 rev 0.3
Switching Waveforms
ASM2I2318ANZ
Duty Cycle Timing
t1 t2
1.5 V 1.5 V 1.5 V
All Outputs Rise/Fall Time
2.4 V
OUTPUT
0.4 V
2.4 V 0.4 V
3.3 V 0V
t3
t4
Output - Output Skew
1.5 V
OUTPUT
1.5 V
OUTPUT
t5
SDRAM Buffer LH and HL Propagation Delay
INPUT
OUTPUT
t6
t7
Test Circuit
VDD 0.1 F OUTPUTS CLK Out CLOAD
GND
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Notice: The information in this document is subject to change without notice.
8 of 13
June 2005 rev 0.3
Application Circuit
+3.3V Rs CPUCLK BUF_IN VDDiic 0.1F VDD 0.1F
ASM2I2318ANZ
SDRAM(0:17)
Rs SDRAM(0:17) Ct
SDATA SCLK
VDDiic VSS
ASM2I2318ANZ 48-Pin SSOP
Rs = Series termination resistor Ct = Optional cap to reduce EMI
Summary
* * Surface mount, low-ESR, ceramic capacitors should be used for filtering. Typically, these capacitors have a value of 0.1F. In some cases, smaller value capacitors may be required. The value of the series terminating resistor satisfies the following equation, where Rtrace is the loaded characteristic impedance of the trace, Rout is the output impedance of the buffer (typically 25), and Rseries is the series terminating resistor. Rseries > Rtrace - Rout * * * Footprints must be laid out for optional EMI-reducing capacitors, which should be placed as close to the terminating resistor as is physically possible. Typical values of these capacitors range from 4.7pF to 22pF. A Ferrite Bead may be used to isolate the Board VDD from the clock generator VDD island. Ensure that the Ferrite Bead offers greater than 50 impedance at the clock frequency, under loaded DC conditions. If a Ferrite Bead is used, a 10F-22F tantalum bypass capacitor should be placed close to the Ferrite Bead. This capacitor prevents power supply droop during current surges.
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Notice: The information in this document is subject to change without notice.
9 of 13
June 2005 rev 0.3
IIC Serial Interface Information
The information in this section assumes familiarity with IIC programming.
ASM2I2318ANZ
How to program ASM2I2318ANZ through IIC:
* * * * * * * * * * * * * * Master (host) sends a start bit. Master (host) sends the write address D3 (H). ASM2I2318ANZ device will acknowledge. Master (host) sends the Command Byte. ASM2I2318ANZ device will acknowledge the Command Byte. Master (host) sends a Byte count ASM2I2318ANZ device will acknowledge the Byte count. Master (host) sends the Byte 0 ASM2I2318ANZ device will acknowledge Byte 0 Master (host) sends the Byte 1 ASM2I2318ANZ device will acknowledge Byte 1 Master (host) sends the Byte 2 ASM2I2318ANZ device will acknowledge Byte 2 Master (host) sends a Stop bit.
Controller (Host)
Start Bit Slave Address D3(H)
ASM2I2318ANZ (slave/receiver)
ACK Command Byte ACK Byte count ACK Byte 0 ACK Byte 1 ACK Byte 2 ACK Stop Bit
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Notice: The information in this document is subject to change without notice.
10 of 13
June 2005 rev 0.3
Package Information 48L SSOP Package (300 mil)
ASM2I2318ANZ
Dimensions Symbol
A A1 B C D E H L e
Inches Min Max
0.095 0.008 0.008 0.005 0.620 0.291 0.395 0.020 0 0.110 0.016 0.012 0.009 0.630 0.299 0.420 0.040 8
Millimeters Min Max
2.413 0.203 0.203 0.127 15.75 7.39 10.033 0.508 0 2.794 0.406 0.305 0.228 16.002 7.59 10.67 1.016 8
0.025 BSC
0.635 BSC
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Notice: The information in this document is subject to change without notice.
11 of 13
June 2005 rev 0.3
Ordering Information Ordering Code
ASM2I2318ANZ-48-AT ASM2I2318ANZ-48-AR ASM2I2318AGNZ-48-AT ASM2I2318AGNZ-48-AR
ASM2I2318ANZ
Marking
2I2318ANZ 2I2318ANZ 2I2318AGNZ 2I2318AGNZ
Package Type
48 Pin SSOP, Tube 48 Pin SSOP, Tape and Reel 48 Pin SSOP, Tube, Green 48 Pin SSOP, Tape and Reel, Green
Operating Range
Industrial Industrial Industrial Industrial
Device Ordering Information
ASM2I2318ANZG-48-AR
R = Tape & reel, T = Tube or Tray O = SOT S = SOIC T = TSSOP A = SSOP V = TVSOP B = BGA Q = QFN DEVICE PIN COUNT F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE PART NUMBER X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 2 = Non PLL based 3 = EMI Reduction 4 = DDR support products 5 = STD Zero Delay Buffer 6 = Power Management 7 = Power Management 8 = Power Management 9 = Hi Performance 0 = Reserved U = MSOP E = TQFP L = LQFP U = MSOP P = PDIP D = QSOP X = SC-70
ALLIANCE SEMICONDUCTOR MIXED SIGNAL PRODUCT
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Notice: The information in this document is subject to change without notice.
12 of 13
June 2005 rev 0.3
ASM2I2318ANZ
Alliance Semiconductor Corporation 2575, Augustine Drive, Santa Clara, CA 95054 Tel# 408-855-4900 Fax: 408-855-4999 www.alsc.com
Copyright (c) Alliance Semiconductor All Rights Reserved Part Number: ASM2I2318ANZ Document Version: 0.3
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to Alliance Semiconductor, dated 11-11-2003
(c) Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
Notice: The information in this document is subject to change without notice.
13 of 13


▲Up To Search▲   

 
Price & Availability of ASM2I2318ANZ-48-AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X