Part Number Hot Search : 
16237 01502 18270452 GRM216 E100E IRFU370 MAX20 ELECT
Product Description
Full Text Search
 

To Download ASLV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5.0Vdc HCMOS/TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
ASLV SERIES
*RoHS COMPLIANT
* Suitable for reflow methods
7.0 x 5.0 x 1.8mm
|||||||||||||||
FEATURES: * Low profile (1.7) ceramic VCXO * Enable/Disable functions * 7.0mm x 5.0mm seam welded * HCMOS/TTL output
APPLICATIONS: * Phase locked loops (PLLs) * Synthesizers * Clock Recover, Digital Transmission device * Digital set-top box
STANDARD SPECIFICATIONS:
PARAMETERS Frequency Range Operating Temperature Storage Temperature Overall Frequency Stability Supply Voltage (Vdd) Input Current Symmetry Rise and Fall Time (Tr/Tf) Output Load Output Disable/Enable time Output Voltage Pulling Start-up Time Tristate Function Linearity 1.00 MHz to 155.52 MHz 0C to + 70C - 55C to + 125C 50 ppm max. 5.0 Vdc 5% 30mA max. 40/60 % max. @ 1/2Vdd (see options) 8nS max 15pF (2TTL) 100ns max VOH = 0.9*Vdd min VOL = 0.4 Vdc max 100 ppm min. 10mS max "1" (VIH >= 2.2 Vdc) or open: Oscillation "0" (VIL < 0.8 Vdc) : Option A/Hi Z 10% max
PIN FUNCTION 1 Voltage Control Vc NC or Tri-state 2 GND/Case 3 Output 4 NC 5 Vdd 6
MARKING:
- XX.X -A - ASLV ZY (Frequency); A - Tri-state option (Z: month A to L; Y: year 0 for 2000, 1 for 2001)
OUTLINE DRAWING:
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
ASLV - Frequency - Temperature - Duty cycle - Tri-state - Packaging Temperature options: D for -10C to +60C E for -20C to +70C F for -30C to +70C Symmetry option: - S for 45/55% at 1/2Vdd Tri-state mode option: - A for tristate Packaging option: T for Tape and Reel (1,000pcs/reel)
Dimensions: inch (mm)
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
rev2.1-2/06
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ASLV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X