Part Number Hot Search : 
CD407 PJF7N65 CZMK4V7 RM214C EMK12 FM340 3843B MOC3082
Product Description
Full Text Search
 

To Download ASI5082-2794 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5082-2794
SCHOTTKY LOW BARRIER DIODE
PACKAGE STYLE DESCRIPTION:
The ASI 5082-2794 is a Low Barrier Schottky Diode designed for General Purpose Mixer Applications.
FEATURES INCLUDE:
* Small size * Low noise figure
MAXIMUM RATINGS:
PDISS TJ TSTG JC 125 mW @ TA = 25 C -65 C to +150 C -65 C to +150 C 1000 C/W
NONE
CHARACTERISTICS
SYMBOL
NF ZIF SRW CJ TSS RV
TC = 25 C
TEST CONDITIONS
DC Load Resistance = 0 L.O. Power = 1.0 mW VR = 0 V Zero Bias Video Bandwith = 2.0 MHz PIN = -30 dBm f = 10 GHz IF = 30 MHz
MINIMUM
150
TYPICAL
MAXIMUM
6.0 350 1.5:1
UNITS
DB --pF dBm mV/W M
0.18 -44 10 1.8
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI5082-2794

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X