Part Number Hot Search : 
PCH6012 337EP 30201075 MM1369 BSCD510H 080CT BU4540AL 1337M1
Product Description
Full Text Search
 

To Download ASD723SN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Advanced Schottky Barrier Diodes
Spec. No. : C343SN Issued Date : 2003.08.19 Revised Date :2003.12.05 Page No. : 1/4
ASD723SN
Features:
Designed for mounting on small surface Low stored charge Majority carrier conduction
Mechanical data:
Case: 0805(2012) Standard package, molded plastic Terminals : Solder plated, solderable per MIL-STD-750, method 2026. Polarity: Indicated by cathode band Mounting position: Any Weight: 4.8mg (approximately)
Absolute Maximum Ratings(Ta=25)
Characteristics Continuous Reverse Voltage Average Rectified Current Forward Surge Current @ 8.3ms single half sine-wave superimposed on rated load(JEDEC method) Capacitance between Terminals @ f=1MHz and applied 10VDC Reverse Voltage Junction Temperature Storage Temperature Range Symbol VR IO IFSM CT Tj Tstg Value 30 200 1.5 20 -40 to +125 -40 to +125 Unit V mA A pF C C
Electrical Characteristics ( TA=25C, unless otherwise noted)
Parameter Forward Voltage Reverse Current Condition IF = 200mADC VR = 30VDC Symbol VF IR Min Typ Max 0.55 15 Unit V A
ASD723SN
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Forward Current Derating Curve
120 Percentage of Rated Forward Current---(%) 100 80 60 40 20 0 0 25 50 75 100 125 150 1 0 0.1 0.2 100
Spec. No. : C343SN Issued Date : 2003.08.19 Revised Date :2003.12.05 Page No. : 2/4
Forward Current vs Forward Voltage
Forward Current---I F(mA)
M ounting on glass epoxy PCBs
125 75 10 25 - 25
0.3
0.4
0.5
0.6
Ambient Temperature---TA()
Forward Voltage---VF(V)
Reverse Leakage Current vs Reverse Voltage
Capacitance between terminals---C T(pF) 10 Reverse Leakage Current---I R(mA) 1 0.1
75
Capacitance vs Reverse Voltage
100
125
10
0.01 0.001 0.0001 0 10 20 30 40 Reverse Voltage---VR(V)
25
1 0 5 10 15 20 25 30 35
Reverse Voltage---VR(V)
ASD723SN
CYStek Product Specification
CYStech Electronics Corp.
Packing Information
Spec. No. : C343SN Issued Date : 2003.08.19 Revised Date :2003.12.05 Page No. : 3/4
ASD723SN
CYStek Product Specification
CYStech Electronics Corp.
0805(2012) Dimension
A
B
Spec. No. : C343SN Issued Date : 2003.08.19 Revised Date :2003.12.05 Page No. : 4/4
Marking Code : 4
R
C
D
0805 surface mount package CYStek package code: SN
*:Typical
DIM A B R
Inches Min. Max. 0.079 0.087 0.016(typ.) 0.008(tup.)
Millimeters Min. Max. 2.00 2.20 0.40(typ.) 0.20(typ.)
DIM C D
Inches Min. Max. 0.047 0.055 0.035 0.043
Millimeters Min. Max. 1.20 1.40 0.90 1.10
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
ASD723SN
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of ASD723SN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X