Part Number Hot Search : 
2SC3267 SR30150 TEA6320 6KE12 SPX1581U LM144 LM1100BG NPO1210
Product Description
Full Text Search
 

To Download ASD723 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Schottky Barrier Diodes
ASD723
Surface mount small signal type
Extermely thin package Low stored charge Majority carrier conduction
R0.3 (0.012) Typ.
Formosa MS
0.087 (2.2) 0.071 (1.8) 0.012(0.3) Typ.
0.055 (1.4) 0.039 (1.0)
0.043 (1.1) 0.028 (0.7)
Mechanical data
Case : Molded plastic, 0805 Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by cathode band Mounting Position : Any Weight : 0.000159 ounce, 0.0045 gram
0805
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Continuous reverse voltage Mean rectifying current Forward surge current Capacitance between terminals Storage temperature Operating temperature 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) f=1MHz and applied 10VDC reverse voltage CONDITIONS Symbol VR IO IFSM CT TJ TSTG -40 -40 20 +125 +125 MIN. TYP. MAX. 30 200 1500 UNIT V mA mA pF
o o
C C
ELECTRICAL CHARACTERISTICS (AT TA=25oC unless otherwise noted)
PARAMETER Forward voltage Reverse current IF = 200 mA DC VR = 30 V DC CONDITIONS Symbol VF IR MIN. TYP. MAX. 0.55 15 UNIT V uA
RATING AND CHARACTERISTIC CURVES (ASD723)
1000
REVERSE CURRENT : (A)
10m
125 C
O
FORWARD CURRENT : (mA)
1m
75 C
O
100
100
10
25 C
O
5C
12
75
O
C
O
C
10
O
25
O
1
25
C
1 0
0.1
0.2
0.3
0.4
0.5
0.6
0.1 0
10
20
40
FORWARD VOLTAGE : (V)
REVERSE VOLTAGE : (V)
Fig. 1 Forward characteristics
Fig. 2 Reverse characteristics
100
Io CURRENT (%)
80 60 40 20 0 0
CAPACITANCE BETWEEN TERMINALS : (pF)
10
25
50
75
100
1 0
5
101
52
02
53
03
5
AMBIENT TEMPERATURE : Ta
REVERSE VOLTAGE : V
Fig. 4 Derating curve (mounting on glass epoxy PCBs)
Fig. 3 Capacitance between terminals characteristics


▲Up To Search▲   

 
Price & Availability of ASD723

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X