Part Number Hot Search : 
AT54A C5806 2M98VSB HS2212 HD74LV TDA817 CDBB220 2M98VSB
Product Description
Full Text Search
 

To Download ASB0340BF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASB0320/30/40
SMD Schottky Barrier Diode Features
IO = 350mA
VR = 20V to 40V
- Low forward voltage - Designed for mounting on small surface. - Extremely thin package. - Majority carrier conduction. - Lead-free device
0.010(0.25)Typ. 0.033(0.85) 0.027(0.70)
General Description
0603(1608)
0.071(1.80) 0.063(1.60) 0.039(1.00) 0.031(0.80)
0.012(0.30)Typ.
0.014(0.35)Typ. Dimensions in inches and (millimeter)
P+
1005(2512)
0.102(2.60) 0.095(2.40)
Mechanical Data
- Case : 0603(1608) 1005(2512) standard package, molded plastic. - Terminals : Gold plated, solderable per MIL-STD-750, method 2026. - Polarity : Indicated by cathode band. - Mounting position : Any.
- Weight : BD:0.003gram (approximately)
0.014(0.35)Typ. 0.014(0.35)Typ.
0.051(1.30) 0.043(1.10)
0.035(0.90) 0.027(0.70)
0.012(0.30)Typ.
Dimensions in inches and (millimeter)
BF:0.006gram (approximately)
Ordering information
A XX 03X0 XX
Feature SB : Schottky Barrier
Part No. 2: ASB0320 3: ASB0330 4: ASB0340
Package type BD-0603 BF-1005
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Aug 2, 2004 1/3
ASB0320/30/40
SMD Schottky Barrier Diode Maximum Rating (at TA=25C unless otherwise noted)
Symbol Parameter ASB0320 ASB0330 ASB0340 Unit
VRRM, VR VR(RMS) IO IFRM IFSM TSTG Tj
Repetitive peak reverse voltage Reverse voltage RMS reverse voltage Average forward rectified current Repetitive peak forward current Forward current, surge peak 8.3 ms single half sine-wave Storage temperature Junction temperature
20 14
30 21 350 450 1.5 -40 to +125 -40 to +125
40 28
V V mA mA A C C
Electrical Characteristics (at TA=25C unless otherwise noted)
Symbol Parameter Conditions Min. Typ. Max. Unit
VF
Forward voltage ASB0320 ASB0330 ASB0340
IF=20mA IF=200mA VR=10V VR=20V VR=30V f=1MHz, and 0 VDC reverse voltage IF=IR=10mA, Irr=0.1 x IR, RL=100 ohm
-
50 6.4
0.37 0.6 5 5 5 -
V
IR CT Trr
Reverse current
uA pF nS
Capacitance between terminals Reverse recovery time
Anachip Corp. www.anachip.com.tw 2/3
Rev. 1.0 Aug 2, 2004
ASB0320/30/40
SMD Schottky Barrier Diode Rating And Characteristic Curves
Fig. 1 - Forward characteristics Fig. 2 - Capacitance between terminals characteristics
Fig. 3 - Current derating curve
Marking Information
BH BJ BK ASB0320 ASB0330 ASB0340
Anachip Corp. www.anachip.com.tw 3/3
Rev. 1.0 Aug 2, 2004


▲Up To Search▲   

 
Price & Availability of ASB0340BF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X