Part Number Hot Search : 
HC174 2541A BR3504 102MZ B240L DG315N 0213630 55931K
Product Description
Full Text Search
 

To Download AS5LC512K8F-20LXT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRAM
Austin Semiconductor, Inc. 512K x 8 SRAM
3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
AVAILABLE AS MILITARY SPECIFICATIONS
*MIL-STD-883 for Ceramic *Extended Temperature Plastic (COTS)
AS5LC512K8
PIN ASSIGNMENT (Top View)
36-Pin PSOJ (DJ) 36-Pin CLCC (EC)
FEATURES
* Ultra High Speed Asynchronous Operation * Fully Static, No Clocks * Multiple center power and ground pins for improved noise immunity * Easy memory expansion with CE\ and OE\ options * All inputs and outputs are TTL-compatible * Single +3.3V Power Supply +/- 0.3% * Data Retention Functionality Testing * Cost Efficient Plastic Packaging * Extended Testing Over -55C to +125C for plastics
36-Pin Flat Pack (F)
OPTIONS
* Timing 12ns access 15ns access 20ns access * Operating Temperature Ranges Military (-55oC to +125oC) Industrial (-40oC to +85oC) * Package(s) Ceramic Flatpack Plastic SOJ (400 mils wide) Ceramic LCC * 2V data retention/low power
MARKING
-12 -15 -20
XT IT
F DJ EC L
No. 307 No. 210
GENERAL DESCRIPTION
The AS5LC512K8 is a 3.3V high speed SRAM. It offers flexibility in high-speed memory applications, with chip enable (CE\) and output enable (OE\) capabilities. These features can place the outputs in High-Z for additional flexibility in system design. Writing to these devices is accomplished when write enable (WE\) and CE\ inputs are both LOW. Reading is accomplished when WE\ remains HIGH and CE\ and OE\ go LOW. As a option, the device can be supplied offering a reduced power standby mode, allowing system designers to meet low standby power requirements. This device operates from a single +3.3V power supply and all inputs and outputs are fully TTL-compatible. The AS5LC512K8DJ offers the convenience and reliability of the AS5LC512K8 SRAM and has the cost advantage of a plastic encapsulation.
For more products and information please visit our web site at www.austinsemiconductor.com
AS5LC512K8 Rev. 1.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
SRAM
Austin Semiconductor, Inc.
FUNCTIONAL BLOCK DIAGRAM
VCC GND
AS5LC512K8
DQ8
INPUT BUFFER ROW DECODER I/O CONTROLS
4,194,304-BIT MEMORY ARRAY 1024 ROWS X 4096 COLUMNS
A0-A18
DQ1
CE\
COLUMN DECODER
OE\ WE\ *POWER DOWN
*On the low voltage Data Retention option.
PIN FUNCTIONS
A0 - A18 Address Inputs Write Enable Chip Enable Output Enable Data Inputs/Outputs Power Ground No Connection
TRUTH TABLE
MODE OE\ CE\ WE\ STANDBY X H X READ L L H NOT SELECTED H L H WRITE X L L
X = Don't Care
WE\
I/O HIGH-Z Q HIGH-Z D
POWER STANDBY ACTIVE ACTIVE ACTIVE
CE\ OE\ I/O0 - I/O7 VCC VSS NC
AS5LC512K8 Rev. 1.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
SRAM
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Supply Relative to Vss Vcc .........................................................................-.5V to 4.6V Storage Temperature .....................................-65C to +150C Short Circuit Output Current (per I/O)...........................20mA Voltage on any Pin Relative to Vss........................-.5V to 4.6V Maximum Junction Temperature**..............................+150C Power Dissipation ................................................................1W
AS5LC512K8
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. ** Junction temperature depends upon package type, cycle time, loading, ambient temperature and airflow, and humidity.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS (-55oC < TA < +125oC & -40oC < TA < +85oC ; Vcc = 3.3V +0.3%)
DESCRIPTION Power Supply Current: Operating CONDITIONS CE\ < VIL; Vcc = MAX f = MAX = 1/tRC Outputs Open "L" Version Only CE\ > VIH, All other inputs < VIL, Vcc = MAX, f = 0, Outputs Open Power Supply Current: Standby "L" Version Only CE\ > Vcc -0.2V; Vcc = MAX VINVcc -0.2V; f = 0 "L" Version Only ISBCLP 9 9 9 mA ICCSP ICCLP ISBTSP ISBTLP ISBCSP 80 60 70 50 60 40 mA mA 3, 2 SYM -12 MAX -15 -20 UNITS NOTES
20
20
20
mA
15
15
15
mA
15
15
15
mA








*

" "
"
CAPACITANCE
PARAMETER Input Capacitance Output Capactiance
AS5LC512K8 Rev. 1.0 7/02
"# $#%& ' ( )! ' )!
CONDITIONS TA = 25 C, f = 1MHz VIN = 0
o

(
! !

SYMBOL CI Co
MAX 9 6
UNITS pF pF
NOTES 4 4
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
SRAM
Austin Semiconductor, Inc.
AS5LC512K8
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS (-55oC < TA < +125oC or -40oC to +85oC; Vcc = 3.3V +0.3%)















!"# ( "#


!"# ( "#




&


$% &% '
*+


- , *
.
*+
/ *
, *





) )
, *
( .
(

* ( !"# * "#



&

'

)




$% &% '
AS5LC512K8 Rev. 1.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
SRAM
Austin Semiconductor, Inc.
AC TEST CONDITIONS
Input pulse levels ...................................................... Vss to 3.0V Input rise and fall times ......................................................... 3ns Input timing reference levels ............................................... 1.5V Output reference levels ........................................................ 1.5V Output load ................................................. See Figures 1 and 2 3.3V RL = 50 Q
ZO=50
AS5LC512K8
319 VL = 1.5V Q 353 5 pF
30 pF
Fig. 1 Output Load Equivalent
Fig. 2 Output Load Equivalent
NOTES
1. All voltages referenced to VSS (GND). 2. ICC limit shown is for absolute worst case switching of ADDR, ADDR\, ADDR, etc. 3. ICC is dependent on output loading and cycle rates. 4. This parameter is guaranteed but not tested. 5. Test conditions as specified with the output loading as shown in Fig. 1 unless otherwise noted. 6. tLZCE, tLZWE, tLZOE, t HZCE, tHZOE and tHZWE are specified with CL = 5pF as in Fig. 2. Transition is measured 200mV from steady state voltage. 7. At any given temperature and voltage condition, t HZCE is less than tLZCE, and tHZWE is less than t LZWE. 8. WE\ is HIGH for READ cycle. 9. 10. 11. 12. 13. 14. 15. Device is continuously selected. Chip enables and output enables are held in their active state. Address valid prior to, or coincident with, latest occurring chip enable. t RC = Read Cycle Time. Chip enable and write enable can initiate and terminate a WRITE cycle. Output enable (OE\) is inactive (HIGH). Output enable (OE\) is active (LOW). ASI does not warrant functionality nor reliability of any product in which the junction temperature exceeds 150C. Care should be taken to limit power to acceptable levels.
DATA RETENTION ELECTRICAL CHARACTERISTICS (L Version Only)
DESCRIPTION Vcc for Retention Data Data Retention Current Chip Deselect to Data Operation Recovery Time
AS5LC512K8 Rev. 1.0 7/02
CONDITIONS CE\ > VCC -0.2V VIN > VCC -0.2 or 0.2V Vcc = 2.0V
SYM VDR ICCDR tCDR tR
MIN 2
MAX
UNITS V
NOTES
6.5 0 20
mA ns ms 4 4, 11
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
653321 4 21 4321 4321 4321 4321 4
765412154 143 376 576 765454321321 376 765452121321 14354 52151321 32154 765414321321 14354 376 4 76 765452121321 3765 765412121321 34324 5
7654320 1 765 76543219876543214321 2119876543214321 0 765 76542119876543214321 210 320 765 76543219876543214321 765 76542119876543214321 210 320 765 76543219876543214321 765
VIH-
7432 565410987654321 5 7654309 543212187654321 7654309 5432121 654309 743232987654321 543212187654321 54321 7654309 565410187654321 7654121 543212187654321 54323 1 743212187654321 543212187654321 7654309 5432309 54321
tR
1. WE\ is HIGH for READ cycle. 2. Device is continuously selected. Chip enables and output enables are held in their active state.
654321 654321 654321 654321
543210987654321 543210987654321 654321 4321 543210987654321 543210987654321 543210987654321 654321 4321 4321 543210987654321 654321 654321 543210987654321 543210987654321 4321
t CDR
NOTES:
AS5LC512K8 Rev. 1.0 7/02
I/O, DATA IN & OUT
I/O, DATA IN & OUT
CE\
ADDRESS
ADDRESS
VCC
VIL-
CE\
Icc
Austin Semiconductor, Inc.
READ CYCLE NO. 11, 2 (Address Controlled, CE\ = OE\ = VIL, WE\ = VIH)
Previous Data Valid
LOW VCC DATA RETENTION WAVEFORM
High-Z
READ CYCLE NO. 2 (WE\ = VIH)
tOH
4.5V
DATA RETENTION MODE
t LZCE t ACE
t PU
t LZOE
6
tAA
VDR > 2V
t AOE
VALID
t RC
VDR
t RC
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4.5V
Data Valid
Data Valid
t HZOE
t HZCE
AS5LC512K8
t PD
Undefined Don't Care
SRAM
654321 654321 654321 654321 654321
t AS
ADDRESS
CE\
Austin Semiconductor, Inc.
WRITE CYCLE NO. 11 (CE Controlled)
t AS
t AW
t CW
t WC
t WP1
654 876543210987654321321 654 876543210987654321321 876543210987654321321 76543210987654321 876543210987654321321 654 8 654
0987654432109876543210987654321 321 6321210987654321098765432 543 09876564321098765432109876543211 45432109876543210987654321 09876565432109876543210987654321 4543210987654321098765432 321 09876564321098765432109876543211 4432109876543210987654321 321
I/O, DATA OUT
I/O, DATA IN
ADDRESS
WE\
WRITE CYCLE NO. 21, 2 (Write Enabled Controlled)
High-Z
t AW
t CW
765 5654321098765434321 7 76543210987654343 54321098765432121 765 76543210987654343 5432109876543212121 6543210987654343 765 7432109876543212121 5432109876543212121 765 5432109876543212121 76543210987654343 765
tAH
0987654321 132176543210987654321 098765409876543210987654321 1098 098 098765409876543210987654321 109876543210987654321 098765432176543210987654321 1321 098765432176543210987654321 109876543210987654321 098
1. 2.
NOTES:
AS5LC512K8 Rev. 1.0 7/02
Chip enable and write enable can initiate and terminate a WRITE cycle. Output enable (OE\) is inactive (HIGH).
I/O, DATA OUT
I/O, DATA IN
WE\
CE\
High-Z
7
t WC
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
t WP1
Data Valid
t DS
Data Valid
tAH
tDH
tDH
High-Z High-Z
AS5LC512K8
SRAM
SRAM
Austin Semiconductor, Inc.
AS5LC512K8
WRITE CYCLE NO. 31, 2, 3 (WE Controlled)
t WC
ADDRESS
t AW t CW tAH
CE\
t AS
WE\
t WP2
t DS
DATA IN
t HZWE
Data Valid
t LZWE
DATA OUT
Data Undefined
High-Z
NOTES:
1. At any given temperature and voltage condition, tHZCE is less than tLZCE, and tHZWE is less than tLZWE. 2. Chip enable and write enable can initiate and terminate a WRITE cycle. 3. Output enable (OE\) is active (LOW).
AS5LC512K8 Rev. 1.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
6654321098765432 7 7654 76543210987654323 6543210987654321121 6543210987654323 7654 7543210987654321121 6543210987654321121 7654 76543210987654323 6543210987654321121 76543
tDH
654321 654321 654321 654321
2321 109 987654109876543210987654321 2109876543210987654321 987654321876543210987654321 4109876543210987654321 321 2109876543210987654321 987652109876543210987654321 987654321876543210987654321 109
SRAM
Austin Semiconductor, Inc.
AS5LC512K8
MECHANICAL DEFINITIONS*
ASI Case #307 (Package Designator F)
L
E
Pin 1 identifier area 36 1
D1
*All measurements are in inches.
AS5LC512K8 Rev. 1.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
87654321 87654321 87654321 87654321 87654321 87654321 87654321 87654321
e
b
D
Bottom View
S
Top View
c Q E2 A
SYMBOL A b c D D1 E E2 e L Q
ASI SPECIFICATIONS MIN MAX 0.096 0.125 0.015 0.022 0.003 0.009 0.910 0.930 0.840 0.860 0.505 0.515 0.385 0.397 0.050 BSC 0.250 0.370 0.020 0.045
9
SRAM
Austin Semiconductor, Inc.
AS5LC512K8
MECHANICAL DEFINITIONS*
Package Designator DJ
SYMBOL A A1 A2 B b C D E E1 E2 e
ASI SPECIFICATIONS MIN MAX 0.128 0.148 0.025 --0.082 --0.015 0.020 0.026 0.032 0.007 0.013 0.920 0.930 0.435 0.445 0.395 0.405 0.370 BSC 0.050 BSC
*All measurements are in inches.
AS5LC512K8 Rev. 1.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
SRAM
Austin Semiconductor, Inc.
AS5LC512K8
MECHANICAL DEFINITIONS*
ASI Case #210 (Package Designator EC)
P A Pin 1 identifier area
*All measurements are in inches.
AS5LC512K8 Rev. 1.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7654321 7654321 7654321 7654321 7654321 7654321 7654321 7654321 7654321 7654321
L2 1 D 36 L e B D1 E
R
A1
SYMBOL A A1 B D D1 E e L L2 P R
ASI SPECIFICATIONS MIN MAX 0.080 0.100 0.054 0.066 0.022 0.028 0.910 0.930 0.840 0.860 0.445 0.460 0.050 BSC 0.100 TYP 0.115 0.135 --0.006 0.009 TYP
11
SRAM
Austin Semiconductor, Inc.
AS5LC512K8
ORDERING INFORMATION
EXAMPLE: AS5LC512K8F-12L/XT Device Number AS5LC512K8 AS5LC512K8 AS5LC512K8 Package Type F F F Speed ns -12 -15 -20 Options** L L L Process /* /* /*
EXAMPLE: AS5LC512K8DJ-20L/883C Device Number AS5LC512K8 AS5LC512K8 AS5LC512K8 Package Type DJ DJ DJ Speed ns -12 -15 -20 Options** L L L Process /* /* /*
EXAMPLE: AS5LC512K8EC-15L/IT Device Number AS5LC512K8 AS5LC512K8 AS5LC512K8 Package Type EC EC EC Speed ns -12 -15 -20 Options** L L L Process /* /* /*
*AVAILABLE PROCESSES IT = Industrial Temperature Range XT = Extended Temperature Range 883C = Full Military Processing1 **OPTIONS DEFINITIONS L = 2V Data Retention / Low Power
-40oC to +85oC -55oC to +125oC -55oC to +125oC
NOTES:
1. 883C process available with ceramic packaging only.
AS5LC512K8 Rev. 1.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12


▲Up To Search▲   

 
Price & Availability of AS5LC512K8F-20LXT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X