Part Number Hot Search : 
BYP35A 2902N 2902N 101MP 133TF1T VO2611 1500B 1DQ05
Product Description
Full Text Search
 

To Download AS5LC1008DJ-20XT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRAM
Austin Semiconductor, Inc. 128K x 8 SRAM
High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
FEATURES
* High-speed access times of 10, 12, 15 and 20 ns * High-performance, low-power CMOS process * Multiple center power and ground pins for greater noise immunity * Easy memory expansion with CE\ and OE\ options * CE\ power-down * Fully static operation: no clock or refresh required * TTL compatible inputs and outputs * Single 3.3V power supply
AS5LC1008
PIN ASSIGNMENT
(Top View)
32-Pin, 400-mil Plastic SOJ (DJ) & Ceramic SOJ (DCJ)
OPTIONS
* Timing 10ns access 12ns access 15ns access 20ns access * Package Plastic SOJ (32-pin, 400-mil) *Ceramic SOJ (32-pin, 400-mil) * Operating Temperature Ranges -Military (-55oC to +125oC) -Industrial (-40oC to +85oC)
MARKING
-10 -12 -15 -20
A0 A1 A2 A3 CE\ I/O 0 I/O 1 Vcc GND I/O 2 I/O 3 WE\ A4 A5 A6 A7
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
A16 A15 A14 A13 OE\ I/O 7 I/O 6 GND Vcc I/O 5 I/O 4 A12 A11 A10 A9 A8
DJ DCJ
No. 906 No. 501
PIN FUNCTIONS
XT IT
*Consult Factory, Possible Future Offering
GENERAL DESCRIPTION
The ASI AS5LC1008 is a very high-speed, low power, 131,072-word by 8-bit CMOS static RAM in revolutionary pinout. The AS5LC1008 is fabricated using high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields higher performance and low power consumption devices. When CE\ is HIGH (deselected), the device assumes a standby mode at which the power dissipation can be reduced down to 250W (typical) with CMOS input levels. The AS5LC1008 operates from a single 3.3V power supply and all inputs are TTL-compatible.
PIN A0 - A16 CE\ OE\ WE\ I/O0 - I/O7 VCC GND
DESCRIPTION Address Inputs Chip Enable Input Output Enable Input Write Enable Input Bidirectional Ports Power Ground
For more products and information please visit our web site at www.austinsemiconductor.com
AS5LC1008 Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
SRAM
Austin Semiconductor, Inc. FUNCTIONAL BLOCK DIAGRAM
A0 - A16 128K x 8 MEMORY ARRAY
AS5LC1008
DECODER
VCC GND
I/O0 - I/O7
I/O DATA CIRCUIT
COLUMN I/O
CE\ OE\ WE\
CONTROL CIRCUIT
ABSOLUTE MAXIMUM RATINGS*
Terminal Voltage with Respect to GND (VTERM)...........................................................................................-0.5V to VCC + 0.5V Temperature Under Bias (TBIAS).............................................................................................................................-55C to +125C Storage Temperature (TSTG)....................................................................................................................................-65C to +150C Power Dissipation (PT)................................................................................................................................................................1.0W
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
TRUTH TABLE
Mode Not Selected (Power-down) Output Disabled Read Write WE\ X H H L CE\ H L L L OE\ X H L X I/O Operation VCC Current High-Z High-Z DOUT DIN ISB1, ISB2 ICC1, ICC2 ICC1, ICC2 ICC1, ICC2
AS5LC1008 Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
SRAM
Austin Semiconductor, Inc.
AS5LC1008
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS (-55oC < TA < +125oC or -40oC to +85oC; Vcc = 3.3V +0.3V)
PARAMETER Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Leakage Output Leakage
1
SYMBOL VOH VOL VIH VIL ILI ILO
CONDITIONS VCC = Min., IOH = -4.0mA VCC = Min., IOL = 8.0mA
MIN 2.4 --2.2 -0.3
MAX --0.4 VCC + 0.3 0.8 5 5
UNITS V V V V A A
GND < VIN < VCC GND < VOUT < VCC; Outputs Disabled
-5 -5
NOTE: 1. VIL = -3.0V for pulse width less than 10ns.
POWER SUPPLY CHARACTERISTICS1 (-55oC < TA < +125oC or -40oC to +85oC; Vcc = 3.3V +0.3V)
PARAMETER VCC Dynamic Operating Supply Current SYM ICC CONDITIONS VCC = Max, CE\ = VIL, IOUT = 0 mA, f = Max VCC = Max, VIN = VIH or VIL CE\ > VIH, f = Max VCC = Max, VIN = VIH or VIL CE\ > VIH, f = 0 VIN > VCC - 0.2V, or VIN < 0.2V, f = 0 -10 -12 -20 -15 MIN MAX MIN MAX MIN MAX MIN MAX UNIT --160 --140 --130 --120 mA
ISB TTL Standby Current (TTL Inputs) ISB1
---
45
---
40
---
35
---
30
mA
---
30
---
30
---
30
---
30
mA
CMOS Standby Current (CMOS Inputs)
ISB2
---
10
---
10
---
10
---
10
mA
NOTE: 1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
CAPACITANCE1,2
PARAMETER Input Capacitance Input/Output Capacitance SYMBOL CONDITIONS CIN CI/O VIN = 0V VOUT = 0V MAX 6 8 UNIT pF pF
NOTE: 1. Tested initially and after any design or process changes that may affect these parameters. 2. Test conditions: TA = 25C, f = 1MHz, VCC = 3.3V.
AS5LC1008 Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
SRAM
Austin Semiconductor, Inc.
READ CYCLE SWITCHING CHARACTERISTICS1 (-55oC < TA < +125oC or -40oC to +85oC; Vcc = 3.3V +0.3V)
-10 PARAMETER Read Cycle Time Address Access Time Output Hold time CE\ Access Time OE\ Access Time OE\ to Low-Z Output OE\ to High-Z Output CE\ to Low-Z Output CE\ to High-Z Output SYMBOL tRC tAA tOHA tACE tDOE
2 tLZOE 2 tHZOE 2 tLZCE 2 tHZCE
AS5LC1008
-12 MAX --10 --10 5 --5 --5 MIN 12 --2 ----0 0 2 0 MAX --12 --12 6 --6 --6 MIN 15 --2 ----0 0 2 0
-15 MAX --15 --15 7 --7 --7 MIN 20 --2 ----0 0 2 0
-20 MAX --20 --20 8 --8 --8 UNIT ns ns ns ns ns ns ns ns ns
MIN 10 --2 ----0 0 2 0
NOTES: 1. Test conditions assume signal transition times of 3ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and C1 output loading specified in Figure 1. 2. Tested with the C2 load in Figure 1. Transition is measured 500 mV from steady-state voltage. Not 100% tested.
AC TEST CONDITIONS
PARAMETER Input Pulse Level Input Rise and Fall Times Input and Output timing and Reference Levels Output Load UNIT 0V to 3.0V 3ns 1.5V See Figures 1 and 2
AC TEST LOADS
FIGURE 1
AS5LC1008 Rev. 1.0 11/02
FIGURE 2
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
SRAM
Austin Semiconductor, Inc.
AS5LC1008
READ CYCLE #11,2
READ CYCLE #21,3
NOTES: 1. WE\ is HIGH for a Read Cycle. 2. The device is continuously selected. OE\, CE\ = VIL. 3. Address is valid prior to or coincident with CE\ LOW transitions.
AS5LC1008 Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
SRAM
Austin Semiconductor, Inc.
WRITE CYCLE SWITCHING CHARACTERISTICS1,3 (-55oC < TA < +125oC or -40oC to +85oC; Vcc = 3.3V +0.3V)
PARAMETER Write Cycle Time CE\ to Write End Address Setup Time to Write End Address Hold from Write End Address Setup Time WE\ Pulse Width (OE\ HIGH) WE\ Pulse Width (OE\ LOW) Data Setup to Write End Data Hold to Write End WE\ LOW to High-Z Output WE\ HIGH to Low-Z Output SYMBOL tWC tSCE tAW tHA tSA tPWE1 tPWE2 tSD tHD tHZWE tLZWE
2 2 1 2
AS5LC1008
-10 MIN 10 7 8 0 0 7 10 5 0 --2
MAX ------------------5 ---
-12 MIN MAX 12 8 9 0 0 8 12 6 0 --2 ------------------6 ---
-15 MIN MAX 15 9 10 0 0 9 12 7 0 --2 ------------------7 ---
-20 MIN MAX UNITS 20 10 12 0 0 10 15 8 0 --2 ------------------8 --ns ns ns ns ns ns ns ns ns ns ns
NOTES: 1. Test conditions assume signal transition times of 3ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and output loading specified in Figure 1. 2. Tested with the load in Figure 2. Transition is measured 200 mV from steady-state voltage. Not 100% tested. 3. The internal write time is defined by the overlap of CE\ LOW and WE\ LOW. All signals must be in valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling edge of the signal that terminates the Write.
WRITE CYCLE #11,2 (CE\ Controlled, OE\ = HIGH or LOW)
AS5LC1008 Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
SRAM
Austin Semiconductor, Inc.
WRITE CYCLE #21 (WE\ Controlled, OE\ = HIGH during Write Cycle)
AS5LC1008
WRITE CYCLE #3 (WE\ Controlled, OE\ = LOW during Write Cycle)
NOTES: 1. The internal write time is defined by the overlap of CE\ LOW and WE\ LOW. All signals must be in valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling edge of the signal that terminates the Write. 2. I/O will assume the High-Z state if OE\ * VIH.
AS5LC1008 Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
SRAM
Austin Semiconductor, Inc.
AS5LC1008
MECHANICAL DEFINITION*
ASI Case #906 (Package Designator DJ)
SYMBOL A A1 A2 B b C D E E1 E2 e
ASI SPECIFICATIONS MIN MAX 0.128 0.148 0.025 --0.082 --0.015 0.020 0.026 0.032 0.007 0.013 0.820 0.830 0.435 0.445 0.395 0.405 0.370 BSC 0.050 BSC
* All measurements are in inches.
AS5LC1008 Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
SRAM
Austin Semiconductor, Inc. MECHANICAL DEFINITIONS*
ASI Case #501 (Package Designator DCJ) POSSIBLE FUTURE OFFERING, CONTACT FACTORY
A
AS5LC1008
e
D D1
B1 b
E2 E1
E A2
SYMBOL A A2 B1 B1 D D1 E E1 E2 e
ASI SPECIFICATIONS MIN MAX 0.132 0.144 0.026 0.036 0.030 0.040 0.015 0.019 0.812 0.828 0.740 0.760 0.405 0.415 0.435 0.445 0.360 0.380 0.050 BSC
*All measurements are in inches.
AS5LC1008 Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
SRAM
Austin Semiconductor, Inc.
AS5LC1008
ORDERING INFORMATION
EXAMPLE: AS5LC1008DJ-12/XT Device Number AS5LC1008 AS5LC1008 AS5LC1008 AS5LC1008 Package Type DJ DJ DJ DJ Speed ns -10 -12 -15 -20 Process /* /* /* /*
EXAMPLE: AS5LC1008DCJ-10/IT Device Number AS5LC1008 AS5LC1008 AS5LC1008 AS5LC1008 Package Type DCJ DCJ DCJ DCJ Speed ns -10 -12 -15 -20 Process /* /* /* /*
*AVAILABLE PROCESSES IT = Industrial Temperature Range XT = Military Temperature Range
-40oC to +85oC -55oC to +125oC
AS5LC1008 Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10


▲Up To Search▲   

 
Price & Availability of AS5LC1008DJ-20XT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X