Part Number Hot Search : 
1SS40 MBRF10 R2001 2SC35 0515S AD8567 NJM2732D H08A15
Product Description
Full Text Search
 

To Download AS535SIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.5 V Precision Reference / Amplifier
Features Description
A/AS535
* * * * * *
Temperature-compensated: 50 ppm/C Trimmed 0.5% typical bandgap reference High gain Internal amplifier with 100 mA capability Nominal temperature range extended to 105 C Low frequency dynamic output impedance: < 150 m Low output noise
Top view
The AS535 is a three terminal adjustable shunt regulator utilizing an accurate 2.5V bandgap reference. The AS535 is functionally similar to an AS2431 except that the reference and amplifier operate off of a seperate supply from the output, allowing very low output voltges (0.1V Typically) Because of its robust bipolar technology, the AS535 handles a wide range of current, and holds off up to 18V so its use is not limited to low power, low voltage systems. Significant care has been taken to provide adequate AC bandwidth to allow the AS535 as an amplifier in control systems and power electronics. ASTEC also offers a 1.0% version of this part, the A535.
Pin Configuration --
SOIC (D)
4L SIP (SIP)
SOT-23-5 (DBV)
VCC N/C N/C ANODE
VOUT
N/C
N/C
ANODE
VREF
N/C
VCC
VOUT
VREF
ANODE VREF VCC VOUT
Ordering Information
Description Temperature Range 0.5% Order Codes 1.0%
8-Pin Plastic SOIC 4-Pin Plastic SIP SOT - 23 - 5
0 to 105 C 0 to 105 C 0 to 105 C
AS535D AS535SIP AS535DBV
A535D A535SIP A535DBV
(c) ASTEC Semiconductor
25
A/AS535
Functional Block Diagram
2.5 V Precision Reference / Amplifier
Supply (Vcc) Output (VOUT)
Reference (R)
2.5 V
Absolute Maximum Ratings
Parameter
Anode (A)
Symbol Rating Units
Supply Voltage Output Voltage Anode-VOUT Forward Current Operating Output Current Reference Input Current Continuous Power at 25 C 8L SOIC 4L SIP SOT-23-5 Junction Temperature Storage Temperature Lead Temperature (Soldering 10 sec.)
VCC VOUT IAO IOUT IREF PD
18 18 1 100 1
V V A mA mA
750 1000 200 TJ TSTG TL 150 - 65 to 150 300
mW mW mW C C C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended Conditions
Parameter Symbol Rating Unit
Typical Thermal Resistances
Package JA JC Typical Derating
Output Voltage Output Current
VOUT IOUT
-0.2 to 18 10
V mA
SOIC SIP SOT-23-5
175 C/W 95 C/W 575 C/W
45 C/W 50 C/W 150 C/W
5.7 mW/C 10.5 mW/C 1.7 mW/C
ASTEC Semiconductor
26
2.5V Precision Reference / Amplifier
Electrical Characteristics
A/AS535
Electrical characteristics are guaranteed over the full junction temperature range (0-105 C). Ambient temperature must be derated based upon power dissipation and package thermal characteristics. Unless otherwise stated, test conditions are: VOUT= VREF, VCC=5V and IOUT= 1 mA.
A535 (1.0 %) AS535 (0.5 %)
Parameter Supply Voltage Supply Current Reference Voltage Line Regulation Load Regulation Temperature Deviation Reference Input Current Amplifier open loop gain Amplifier Unity gain frequency Output Saturation Voltage Off State Leakage
Symbol VCC ICC VREF VOUT VOUT VOUT IREF Av F1 VSAT ILEAK
Test Condition
Min 4
Typ
Max 15
Min 4
Typ
Max Units 15 V mA V mV mV mV A dB MhZ 0.4 V nA
0.5 TJ = 25 C VCC =4 to 15 V IOUT = 1 to 100 mA 0 < TJ < 105 C
1
0. 5
1
2.475 2.500 2.525 -1 1 3 0.1 70 80 2 0.4 0.04 500 -10 50 10 0.4
2.488 2.500 2.513 -1 1 3 0.1 70 1 80 2 -10 50 8 0.4
CLOAD < 1nF IOUT =100mA VREF = 0 V, VOUT = 15 V
1
0.04
500
*Temperature deviation is defined as the maximum deviation of the reference over the given temperature range and does not imply an incremental deviation at any given temperature.
Typical Performance Curves
*Calculating Average Temperature Coefficient (TC)
ppm mV
0
0
0 VREF T
* TC in mV/C =
VREF TA
%
(mV)
2000
0.2
-5
* TC in %/C =
-10 0 15 30 45 60 Temperature (C) 75 90 105
(
VREF VREF at 25 C TA
)
x 100
0.021 mV/C 0.008 %/C 8.0 ppm/C
* TC in ppm/C =
(
VREF VREF at 25 C TA
)
x 106
ASTEC Semiconductor
27


▲Up To Search▲   

 
Price & Availability of AS535SIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X