Part Number Hot Search : 
FQP5N40 BU4230G S2N65 2587P890 RF3934SB SB160 SZN4961 4VHC1G
Product Description
Full Text Search
 

To Download ARS50M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARS50 / AR50
50.0 AMPS. High Current Plastic Silicon Rectifiers
Voltage Range 50 to 1000 Volts Current 50.0 Amperes
Features
Plastic material used carries Underwriters Laboratory Classification 94V-O Low cost construction utilizing void-free molded plastic technique Low cost Diffused junction Low leakage High surge capability High temperature soldering guaranteed: o 260 C for 10 seconds
ARS
AR
Mechanical Data
Case: Molded plastic case Terminals: Plated terminals, solderable per MILSTD-202, Method 208 Polarity: Color ring denotes cathode end Weight: 0.07 ounce, 1.8 grams Mounting position: Any
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
ARS
Type Number
Maximum Recurrent Peak Revere Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @Tc = 135 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) at TJ=150oC
Maximum Instantaneous Forward Voltage @ 50A
Symbol 50A
AR 50A
ARS 50B AR 50B
ARS 50D AR 50D
ARS 50G AR 50G
ARS 50J AR 50J
ARS 50K AR 50K
ARS 50M AR 50M
Units
V V V A A V uA uA uS pF /W
VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj
50 35 50
100 70 100
200 140 200
400 280 400 50 500 1.1 5.0 250 3.0 300
600 420 600
800 1000 560 700 800 1000
Maximum DC Reverse Current @ Tc=25 at Rated DC Blocking Voltage @ Tc=100 Typical Reverse Recovery Time (Note 2) Typical Junction Capacitance ( Note 1 ) TJ=25oC Typical Thermal Resistance ( Note 3 )
Operating and Storage Temperature Range
RJC 1.0 TJ, TSTG -50 to +175 Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 3. Thermal Resistance from Junction to Case, Singe Side Cooled.
- 504 -
RATINGS AND CHARACTERISTIC CURVES (ARS50 THRU AR50)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
70 1000 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
8.3ms Single Half Sine Wave JEDEC Method 500
AVERAGE FORWARD CURRENT. (A)
60 50 40 30 20 10 0 125 135 145 155
o
100
50 165 175 1 2 5 10 20 50 100 CASE TEMPERATURE. ( C) NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL FORWARD CHARACTERISTICS
1000
FIG.4- TYPICAL REVERSE CHARACTERISTICS
100 60 40
Tj=100 0C
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
100
20 10 6 4 2 1 0.6 0.4 0.2 0.1
Tj=25 0C
10
1
Tj=25 C PULSE WIDTH-300 S 2% DUTY CYCLE
0
0.1
0.6
1.0
1.4
1.8
2.2
2.6
0
20
40
60
80
100
120
140
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
1000
JUNCTION CAPACITANCE.(pF)
500
Tj=25 0C
100
50
1
2
5
10
20
50
100
REVERSE VOLTAGE. (V)
- 505 -


▲Up To Search▲   

 
Price & Availability of ARS50M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X