Part Number Hot Search : 
4148W ZX360 28100Y 39861 NJU7021D NJU7021D IRF740 5KP45
Product Description
Full Text Search
 

To Download ARF448B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D G S
TO-247
ARF448A ARF448B
Common Source
RF POWER MOSFETs
N - CHANNEL ENHANCEMENT MODE
150V
140W
65MHz
The ARF448A and ARF448B comprise a symmetric pair of common source RF power transistors designed for pushpull scientific, commercial, medical and industrial RF power amplifier applications up to 65 MHz. Specified 150 Volt, 40.68 MHz Characteristics: Low Cost Common Source RF Package. Very High Breakdown for Improved Ruggedness. Low Thermal Resistance. Nitride Passivated Die for Improved Reliability.

Output Power = 140 Watts. Gain = 15dB (Class C) Efficiency = 75%
MAXIMUM RATINGS
Symbol VDSS VDGO ID VGS PD RqJC TJ,TSTG TL Parameter Drain-Source Voltage Drain-Gate Voltage Continuous Drain Current @ TC = 25C Gate-Source Voltage Total Power Dissipation @ TC = 25C Junction to Case Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec.
All Ratings: TC = 25C unless otherwise specified.
ARF448A/448B UNIT Volts Amps Volts Watts C/W C
450 450 15 30 230 0.55 -55 to 150 300
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250 mA)
1
MIN
TYP
MAX
UNIT Volts
450 3 25 250 100 5 2 8.5 5
VDS(ON) On State Drain Voltage IDSS IGSS gfs VGS(TH)
(I D(ON) = 7.5A, VGS = 10V)
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Forward Transconductance (VDS = 25V, ID = 7.5A) Gate Threshold Voltage (VDS = VGS, ID = 50mA)
mA nA mhos
7-2003 050-4908 Rev C
Volts
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions VGS = 0V MIN TYP
ARF448A/448B
MAX UNIT
1400 150 65 7 5 23 12
1700 200 100 15 10 40 25
ns pF
VDS = 150V f = 1 MHz
VGS = 15V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C RG = 1.6W
FUNCTIONAL CHARACTERISTICS
Symbol GPS h y Characteristic Common Source Amplifier Power Gain Drain Efficiency Electrical Ruggedness VSWR 20:1 Test Conditions f = 40.68 MHz VGS = 0V VDD = 150V Pout = 140W MIN TYP MAX UNIT dB %
13 70
15 75
No Degradation in Output Power
1 Pulse Test: Pulse width < 380 m Duty Cycle < 2% S, APT Reserves the right to change, without notice, the specifications and information contained herein.
30 25 20 GAIN (dB) 15 10 5 0 10 Class C VDD = 150V
3000 Ciss 1000 500
Pout = 250W CAPACITANCE (pf)
Coss Crss
100 50
30 40 50 60 65 FREQUENCY (MHz) Figure 1, Typical Gain vs Frequency
20
1 5 10 50 150 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) Figure 2, Typical Capacitance vs. Drain-to-Source Voltage
25 ID, DRAIN CURRENT (AMPERES)
TJ = -55C
VDS> ID (ON) x RDS (ON)MAX. 250mSEC. PULSE TEST @ <0.5 % DUTY CYCLE
70 ID, DRAIN CURRENT (AMPERES)
OPERATION HERE LIMITED BY RDS (ON)
10mS 100mS
20
10 5
1mS
15
10mS 1 .5 TC =+25C TJ =+150C SINGLE PULSE 100mS DC
10
5
050-4908 Rev B
TJ = +125C
TJ = -55C
TJ = +25C 0 0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) Figure 3, Typical Transfer Characteristics
.1
1 5 10 50 100 500 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) Figure 4, Typical Maximum Safe Operating Area
1.2 VGS(th), THRESHOLD VOLTAGE (NORMALIZED) 1.1 1.0 0.9 0.8 0.7
ARF448A/448B
ID, DRAIN CURRENT (AMPERES)
40
VGS=8, 10 & 15V
30 6.5V 20 6V 5.5V 5V 4.5V 0 1 5 10 15 20 25 30 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) Figure 6, Typical Output Characteristics
10
0.6 -50 -25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) Figure 5, Typical Threshold Voltage vs Temperature GPS, COMMON SOURCE AMPLIFIER GAIN (dB) 300 Class C VDD = 150V
17 Class C VDD = 150V
POUT, POWER OUT (WATTS)
240
f = 40.68 MHz
16
f = 40.68 MHz
180
15
120
60
14
0 0
4 6 8 10 PIN, POWER IN (WATTS) Figure 7, Typical Power Out vs Power In
2
60 120 180 240 300 POUT, POWER OUT (WATTS) Figure 8, Typical Common Source Amplifier Gain vs Power Out
13
0
0.6 D=0.5 , THERMAL IMPEDANCE (C/W) 0.2 0.1 0.05 0.05 0.02 0.01 0.005 0.01 SINGLE PULSE Note:
PDM t1 t2 Peak TJ = PDM x ZqJC + TC Duty Factor D = t1/t2
0.1
Z 0.001 10-5
qJC
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (SECONDS) Figure 9, Typical Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
10-4
10
Table 1 - Typical Class C Large Signal Input-Output Impedance Freq. (MHz) 2.0 13.5 27.0 40.0 65.0 Z in (W) 20.90 - j 9.2 2.40 - j 6.8 0.57 - j 2.6 0.31 - j 0.5 0.44 + j 1.9 Z OL (W) 56.00 - j 06.0 37.00 - j 26.0 18.00 - j 25.0 9.90 - j 19.2 4.35 - j 11.4
7-2003 050-4908 Rev C
Z in - gate shunted by 25W Z OL - conjugate of optimum load impedance for 250W at 150V
ARF448A/448B
40.68 MHz Test Circuit
Parts List
C1 -- 1800pF 100V chip C2-C4 -- Arco 463 Mica Trimmer C5-C7 -- 1nF 500V COG chip L1 -- 1" #16 AWG into hairpin ~9.6nH L2 -- 6t #16 AWG .25" ID ~165nH L3 -- 10t #18 AWG .25" ID ~0.47H L4 -- VK200-4B ferrite choke ~3H R1 -- 25 Ohm 1/2W Carbon T1 -- 9:1 Broadband Transformer
L4 + C6 L3 L2 C5 C4 RF Output C7 150V
RF Input
L1 T1 C1 C2 R1
DUT
C3
40.48 MHz Test Circuit
TO-247 Package Outline
Top View 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC
Dimensions in Millimeters and (Inches) NOTE: The ARF446 and ARF447 comprise a symmetric pair of RF power transistors and meet the same electrical specifications. The device pin-outs are the mirror image of each other to allow ease of use as a push-pull pair.
Source
20.80 (.819) 21.46 (.845) 3.55 (.138) 3.81 (.150)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084)
19.81 (.780) 20.32 (.800)
1.01 (.040) 1.40 (.055)
Device ARF448A ARF448B Gate Drain Source Source Drain Gate
050-4908 Rev C
7-2003
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of ARF448B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X