Part Number Hot Search : 
420HWB 16000 092315 MOLEX AD1147 2SC5850B 74HCT08 MKW5030
Product Description
Full Text Search
 

To Download AR5KL25XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL A
1-13/16" Diameter 10-Turn Wirewound Precision Potentiometer
ELECTRICAL
2
Resistance Range, Ohms Standard Resistance Tolerance Minimum Practical Resistance Tolerance Independent Linearity Minimum Practical Independent Linearity
Power Rating, Watts Input Voltage, Maximum Dielectric Strength Insulation Resistance, Minimum Noise, Maximum Actual Electrical Travel Tap Tolerance End Voltage, Maximum (% of input voltage)
This model available in a hybrid version - contact factory for details. ENVIRONMENTAL (MIL-R-12934)
10 to 500K < 100 Ohms = 5%, 100 Ohms = 3% 1% < 300 Ohms = 0.50%, 300 Ohms = 0.25% 0.15%, 20 Ohms 0.10%, < 100 Ohms 0.075%, < 300 Ohms 0.05%, 300 Ohms 5.0 at 40C derating to 0 at 85C 1,000Vdc not to exceed power rating 1,000V rms 1,000 Megohms 500 Ohms: RT 2613.7 Ohms 250 Ohms: RT > 2613.7 Ohms 3600 + 4 - 0 20 Ohms = 3, < 100 Ohms = 2 < 300 Ohms = 1.5, 300 Ohms = 1 10 Ohms = 3%, 25 Ohms = 1.2% 50 Ohms = 0.6%, 100 Ohms = 0.25%
Operating Temperature Range Temperature Cycling Shock, 6ms Sawtooth Vibration Moisture Resistance High Temperature Exposure Rotational Load Life
Specifications subject to change without notice.
Static: -65C to +85C Dynamic: -40C to +85C 5 cycles, -65C to +85C (5% R) 100G's (0.1ms discontinuity max.) 6 hours, 10 to 55 Hz (5% RT, 0.1ms discontinuity max.) Ten 24 hour cycles (3% R) 1,000 hours at 85C (5% R) 2 mil. shaft rev. + 900 hrs. at rated wattage at 40C (5% R)
2-5
Model A
MECHANICAL
Total Mechanical Travel Number of Gangs, Maximum Weight, Nominal (Single Gang) Static Stop Strength Backlash, Maximum Panel Nut Tightening Torque, Maximum Shaft End Play, Maximum Shaft Runout, T.I.R., Maximum Pilot Diameter Runout, T.I.R., Maximum Lateral Runout, T.I.R., Maximum Shaft Radial Play, Maximum Start/Run Torque, Maximum (per gang)
STANDARD RESISTANCE VALUES, OHMS
3600 + 4 - 0 3 4.4 oz. 550 oz.-in. 1 25 lb.-in. .005" .0005" .002" .003" .003" 3.0 oz.-in.
Total Resistance 10 25 50 100 200 500 1K 2K 5K 10K 20K 50K 100K 200K 300K 500K
Theoretical Resolution (% Nominal) 0.082 0.040 0.031 0.040 0.031 0.024 0.021 0.016 0.014 0.011 0.009 0.007 0.006 0.005 0.005 0.005 * Lower tempco available as a special model.
Tempco of Wire +800 ppm/C +800 ppm/C +800 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C +130 ppm/C +130 ppm/C +130 ppm/C +130 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C * * *
* * * *
2-6
Model A
OUTLINE DIMENSIONS (Inch/mm)
Dim. "L" 2.016 Max. 51.21 4.243 Max. 107.78 6.143 Max. 156.04
Dim. "M" 2.062.031 52.380.79
Dim. "RS" 2.875.031 73.030.79
No.of Gangs 1
5.016.031 4.205.031 106.810.79 127.41.0.79 6.100.031 154.940.79 6.906+.031 175.420.79
2 3
2
RS M L Slider CCW CW
Mounting Surface .062.016 1.580.41 .812.031 20.60.79
1.812.016 46.030.41 Dia.
+.000 .406 -.002 Dia. +0.000 10.312 -0.051 +.0000 .2497 -.0003 Dia. +0.0000 6.3424 -0.0076
1.250 R Max. 31.75
.562.016 14.30.41 Chamfer .016 Max. x 45 0.41 3/8 - 32 UNEF Thread 2 & 3 Gang Outline Locating Lug .125.005/3.1750.127 Dia. Positioned as Shown 5
.312.025 7.930.64
.062.016 1.580.41 .312.016 7.930.41
METRIC CONVERSIONS
1 in. 1 oz.
25.4mm 28.4 gm
1 oz.-in. 1 lb.-in.
0,007 N-m 0,113 N-m
2-7
Model A
SPECIAL FEATURE CODES
Center Tap Linearity Tape Rear Shaft Extension Flatted Shaft Slotted Shaft Shaft Lock Color Coded Additional Gangs
ORDERING INFORMATION
CT LT RS FS SS SL CC 2G or 3G
A R 10K T2 L .25 XX Model Series Resistance Prefix Resistance Value Linearity Optional Non-Standard Tolerance Optional Special Feature Code
MATCHING TURNS COUNTING DIALS
2606, 2607, 2626, 2627, 2646, 2647, 2126, 2606S, 2607S, 2646S, 2647S, RB
CIRCUIT DIAGRAM
NOTES
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only. Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
(S) (CCW) (CW)
INCH mm
2-8
Model A


▲Up To Search▲   

 
Price & Availability of AR5KL25XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X