Part Number Hot Search : 
191210 MJE802G SC33063A M5M4416P FRF9150H D4102 PT1204 C6074C
Product Description
Full Text Search
 

To Download AR302S08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POSEICO
POSEICO SPA POwer SEmiconductors Italian COrporation
POSEICO SPA Via N. Lorenzi 8, 16152 Genova - ITALY Tel. ++ 39 010 6556234 - Fax ++ 39 010 6557519 Sales Office: Tel. ++ 39 010 6556775 - Fax ++ 39 010 6442510
RECTIFIER DIODE
AR302
Repetitive voltage up to Mean forward current Surge current 800 V 1570 A 16 kA
FINAL SPECIFICATION
ago 02 - ISSUE : 03
Symbol
Characteristic
Conditions
Tj [C]
Value
Unit
BLOCKING
V V I
RRM RSM RRM
Repetitive peak reverse voltage Non-repetitive peak reverse voltage Repetitive peak reverse current V=VRRM
190 190 190
800 900 50
V V mA
CONDUCTING
I I I
F (AV)
Mean forward current Mean forward current Surge forward current I t Forward voltage Threshold voltage Forward slope resistance
180 sin ,50 Hz, Th=55C, double side cooled 180 sin ,50 Hz, Tc=85C, double side cooled Sine wave, 10 ms without reverse voltage Forward current = 3000 A 190
1570 1680 16 1280 x 1E3 25 190 190 1.55 0.75 0.250
A A kA As V V mohm
F (AV) FSM
I t V V r
FM F(TO) F
SWITCHING
t rr Q rr I rr Reverse recovery time Reverse recovery charge Peak reverse recovery current 190 s C A
MOUNTING
R th(j-h) R th(c-h) T F
j
Thermal impedance, DC Thermal impedance Operating junction temperature Mounting force Mass ORDERING INFORMATION : AR302 S 08 standard specification
Junction to heatsink, double side cooled Case to heatsink, double side cooled
50 15 -30 / 8.0 85 190 / 9.0
C/kW C/kW C kN g
VRRM/100
AR302 RECTIFIER DIODE
FINAL SPECIFICATION ago 02 - ISSUE : 03
POSEICO
POSEICO SPA POwer SEmiconductors Italian COrporation
DISSIPATION CHARACTERISTICS SQUARE WAVE
Th [C] 190 170 150 130 110 90 70 50 0 500 1000 1500 2000 2500 IF(AV) [A]
30
60
90
120
180
DC
PF(AV) [W] 3000
DC
2500
60 90
120
180
2000
30
1500 1000 500 0 0 500 1000 1500 2000 2500 IF(AV) [A]
AR302 RECTIFIER DIODE
FINAL SPECIFICATION ago 02 - ISSUE : 03
POSEICO
POSEICO SPA POwer SEmiconductors Italian COrporation
DISSIPATION CHARACTERISTICS SINE WAVE
Th [C] 210 190 170 150 130 110 90 70 50 0 500 1000 1500 2000 2500 IF(AV) [A]
30 120
60
90
180
PF(AV) [W] 3000
120 180
2500
90
2000 1500 1000 500 0 0 500
30
60
1000
1500
2000
2500
IF(AV) [A]
AR302 RECTIFIER DIODE
FINAL SPECIFICATION ago 02 - ISSUE : 03
POSEICO
POSEICO SPA POwer SEmiconductors Italian COrporation
FORWARD CHARACTERISTIC Tj = 190 C 5000 4500 4000 Forward Current [A] 3500 ITSM [kA] 3000 2500 2000 1500 1000 500 0 0.6 1.1 1.6 Forward Voltage [V] 18 16 14 12 10 8 6 4 2 0 1
SURGE CHARACTERISTIC Tj = 190 C
10 n cycles
100
TRANSIENT THERMAL IMPEDANCE DOUBLE SIDE COOLED
60.0
50.0
Zth j-h [C/kW]
40.0
30.0
20.0
10.0
0.0 0.001
0.01
0.1 t[s]
1
10
100
Distributed by All the characteristics given in this data sheet are guaranteed only with uniform clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2 m. In the interest of product improvement POSEICO reserves the right to change any data given in this data sheet at any time without previous notice. If not stated otherwise the maximum value of ratings (simbols over shaded background) and characteristics is reported.


▲Up To Search▲   

 
Price & Availability of AR302S08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X