Part Number Hot Search : 
3G3FV MX23L 39G2U5CA K4MDW62 LCE15A KTC43 36916 M4S52ZBJ
Product Description
Full Text Search
 

To Download AR3001LTS10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POSEICO
POSEICO SPA POwer SEmiconductors Italian COrporation
POSEICO SPA Via N. Lorenzi 8, 16152 Genova - ITALY Tel. ++ 39 010 6556234 - Fax ++ 39 010 6557519 Sales Office: Tel. ++ 39 010 6556775 - Fax ++ 39 010 6442510
RECTIFIER DIODE
AR3001LT
Repetitive voltage up to Mean forward current Surge current 1000 V 5835 A 50.4 kA
FINAL SPECIFICATION
set 02 - ISSUE : 03
Symbol
Characteristic
Conditions
Tj [C]
Value
Unit
BLOCKING
V V I
RRM RSM RRM
Repetitive peak reverse voltage Non-repetitive peak reverse voltage Repetitive peak reverse current V=VRRM
190 190 190
1000 1100 75
V V mA
CONDUCTING
I I I
F (AV)
Mean forward current Mean forward current Surge forward current I t Forward voltage Threshold voltage Forward slope resistance
180 sin ,50 Hz, Th=55C, double side cooled 180 sin ,50 Hz, Tc=85C, double side cooled Sine wave, 10 ms without reverse voltage Forward current = 4500 A 190
5835 6460 50.4 12701 x 1E3 25 190 190 1.16 0.75 0.055
A A kA As V V mohm
F (AV) FSM
I t V V r
FM F(TO) F
SWITCHING
t rr Q rr I rr Reverse recovery time Reverse recovery charge Peak reverse recovery current 190 s C A
MOUNTING
R th(j-h) R th(c-h) T F
j
Thermal impedance, DC Thermal impedance Operating junction temperature Mounting force Mass
Junction to heatsink, double side cooled Case to heatsink, double side cooled
15 5 -30 / 22.0 200 190 / 24.5
C/kW C/kW C kN g
ORDERING INFORMATION : AR3001LT S 10 standard specification
VRRM/100
AR3001LT RECTIFIER DIODE
FINAL SPECIFICATION set 02 - ISSUE : 03
POSEICO
POSEICO SPA POwer SEmiconductors Italian COrporation
DISSIPATION CHARACTERISTICS SQUARE WAVE
Th [C] 190 170 150 130 110 90 70 50 0 1000 2000 3000 4000 IF(AV) [A] 5000 6000 7000 8000
30 60 90 120 180 DC
PF(AV) [W] 10000 9000 8000 7000 6000 5000 4000 3000 2000 1000 0 0 1000 2000 3000 4000 IF(AV) [A] 5000 6000 7000 8000
30 60 90 180 120 DC
AR3001LT RECTIFIER DIODE
FINAL SPECIFICATION set 02 - ISSUE : 03
POSEICO
POSEICO SPA POwer SEmiconductors Italian COrporation
DISSIPATION CHARACTERISTICS SINE WAVE
Th [C] 210 190 170 150 130 110 90 70 50 0 1000 2000 3000 4000 IF(AV) [A] 5000 6000 7000 8000
30 60 90 120 180
PF(AV) [W] 10000 9000 8000 7000 6000 5000 4000 3000 2000 1000 0 0 1000 2000 3000 4000 IF(AV) [A] 5000 6000 7000 8000
30 90 60 120 180
AR3001LT RECTIFIER DIODE
FINAL SPECIFICATION set 02 - ISSUE : 03
POSEICO
POSEICO SPA POwer SEmiconductors Italian COrporation
FORWARD CHARACTERISTIC Tj = 190 C
SURGE CHARACTERISTIC Tj = 190 C
20000 18000 16000 Forward Current [A] 14000 ITSM [kA] 0.6 1.1 Forward Voltage [V] 1.6 12000 10000 8000 6000 4000 2000 0
60 50 40 30 20 10 0 1 10 n cycles 100
TRANSIENT THERMAL IMPEDANCE DOUBLE SIDE COOLED 16.0 14.0 12.0 Zth j-h [C/kW] 10.0 8.0 6.0 4.0 2.0 0.0 0.001
0.01
0.1 t[s]
1
10
100
Distributed by All the characteristics given in this data sheet are guaranteed only with uniform clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2 m. In the interest of product improvement POSEICO SPA reserves the right to change any data given in this data sheet at any time without previous notice. If not stated otherwise the maximum value of ratings (simbols over shaded background) and characteristics is reported.


▲Up To Search▲   

 
Price & Availability of AR3001LTS10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X