Part Number Hot Search : 
UCA6474N L1923 MZT2977 BT3904 7401QN 2N5886G SLE442 E006276
Product Description
Full Text Search
 

To Download AQW610SZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TESTING
GU (General Use) Type SOP Series [2-Channel (Form A Form B) Type] FEATURES
4.4 .173 2.1 .083
PhotoMOS RELAYS
Applicable for 1 Form A 1 Form B use as well as two independent 1 Form A and 1 Form B use Controls low-level analog signals PhotoMOS relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion 5. Low-level off state leakage current
9.37 .369
1. 2 channels in super miniature design The device comes in a super-miniature SO package measuring (W) 4.4 x (L) 9.37 x (H) 2.1 mm (W) .173x (L) .369x (H) .083 inch --approx. 38% of the volume and 66% of the footprint size of DIP type PhotoMOS Relays.
mm inch (DIP) Volume (SOP) Approx. 38%
1 2 3 4
N.C.
8 7 6 5
Approx. 66% Footprint
N.O.
TYPICAL APPLICATIONS
* Telephones * Measuring instruments * Computer * Industrial robots * High-speed inspection machines.
2. Tape and reel The device comes standard in a tape and reel (1,000 pcs./reel) to facilitate automatic insertion machines.
TYPES
1. AC/DC type
Output rating* Load voltage Load current 350 V 100 mA Part No. Picked from the 1/2/3/4-pin side Picked from the 5/6/7/8-pin side AQW610SX AQW610SZ Packing quantity in tape and reel 1,000 pcs.
*Indicate the peak AC and DC values. Notes: (1) Tape package is the standard packing style. Also available in tube. (Part No. suffix "X" or "Z" is not needed when ordering; Tube: 50 pcs.; Case: 1,000 pcs.) (2) For space reasons, the package type indicator "X" and "Z" are omitted from the seal.
RATING
1. AC/DC type 1. Absolute maximum ratings (Ambient temperature : 25C 77F)
Item LED forward current LED reverse voltage Peak forward current Power dissipation Load voltage (peak AC) Continuous load current Symbol IF VR IFP Pin VL IL Ipeak Pout PT Viso Topr Tstg AQW610S 50 mA 3V 1A 75 mW 350 V 0.1 A (0.13 A) 0.3 A 600 mW 650 mW 1,500 V AC -40C to +85C -40F to +185F -40C to +100C -40F to +212F Remarks
Input
f = 100 Hz, Duty factor = 0.1%
Output
Peak load current Power dissipation Total power dissipation I/O isolation voltage Operating Temperature limits Storage
Peak AC, DC ( ): in case of using only 1a or 1b, 1 channel 100 ms (1 shot), VL = DC
Non-condensing at low temperatures
1
AQW610S
2. Electrical characteristics (Ambient temperature : 25C 77F)
Item LED operate current Input LED reverse current LED dropout voltage On resistance Output Off state leakage current Operate time* Reverse time* I/O capacitance Initial I/O isolation resistance Note: Recommendable LED forward current IF = 5 mA. *Operate/Reverse time 1) N.O.
Input Input
Symbol Typical Maximum Minimum Typical Typical Maximum Typical Maximum Maximum Typical Maximum Typical Maximum Typical Maximum Minimum IFon IFoff VF Ron Ileak Ton Toff Ciso Riso
AQW610S 0.9 mA 3 mA 0.4 mA 0.8 mA 1.14 V (1.25 V at IF = 50 mA) 1.5 V 18 25 1 A 0.28 ms (N.O.), 0.52 ms (N.C.) 1.0 ms 0.04 ms (N.O.), 0.23 ms (N.C.) 1.0 ms 0.8 pF 1.5 pF 1,000 M
Condition IL = Max. IL = Max. IF = 5 mA IF = 5 mA (N.O.) IF= 0 mA (N.C.) IL = Max. Within 1 s on time IF = 0 mA (N.O.) IF= 5 mA (N.C.) VL = Max. IF = 0 mA 5 mA IL = Max. IF = 5 mA 0 mA IL = Max. f = 1 MHz VB = 0 500 V DC For type of connection, see page 32.
Transfer characteristics
2) N.C.
90% Output Ton Toff Toff Ton 10% Output 10% 90%
REFERENCE DATA
1. Load current vs. ambient temperature characteristics
Allowable ambient temperature: -40C to +85C -40F to +185F
Using only 1 channel
2. On resistance vs. ambient temperature characteristics
Measured portion: between terminals 5 and 6, 7 and 8; LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
50 Between terminals 5 and 6(N.O.) Between terminals 7 and 8(N.C.) On resistance,
3. Opearte time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
1.0 Between terminals 5 and 6(N.O.) Between terminals 7 and 8(N.C.) Operate time, ms 0.8
130 120 Load current, mA 100 80 60 40
Using 2 channels
40
30
0.6
20
0.4
10 20 0 -40 -20 0 -40 -20 0 20 40 60 80 85
0.2
0
20
40
60
80 85
0
-40 -20
0
20
40
60
80 85
Ambient temperature, C
Ambient temperature, C
Ambient temperature, C
2
AQW610S
4. Reverse time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
1.0 LED operate current, mA Between terminals 5 and 6(N.O.) Between terminals 7 and 8(N.C.) Reverse time, ms 0.8
5. LED operate current vs. ambient temperature characteristics
Load voltage: Max. (DC); Continuous load current: Max. (DC)
5 Between terminals 5 and 6(N.O.) Between terminals 7 and 8(N.C.) 4
6. LED Reverse current vs. ambient temperature characteristics
Load voltage: Max. (DC); Continuous load current: Max. (DC)
5 LED reverse current, mA Between terminals 5 and 6(N.O.) Between terminals 7 and 8(N.C.) 4
0.6
3
3
0.4
2
2
0.2
1
1
0
-40 -20
0
20
40
60 80 85 100
0
-40
-20
0
20
40
60
80 85
0
-40
-20
0
20
40
60
80 85
Ambient temperature, C
Ambient temperature, C
Ambient temperature, C
7. LED dropout voltage vs. ambient temperature characteristics
LED current: 5 to 50 mA
1.5 LED dropout voltage, V 1.4 1.3 1.2 1.1 1.0 0 50mA 30mA 20mA 10mA 5mA
8. Voltage vs. current characteristics of output at MOS portion
Measured portion: between terminals 5 and 6, 7 and 8; Ambient temperature: 25C 77F
140 Between terminals 120 5 and 6(N.O.) Between terminals 100 7 and 8(N.C.) 80 60 40 20 -3 -2.5 -2 -1.5 -1 -0.5 Current, mA 0.5 1 1.5 2 2.5 3 -20 Voltage, V -40 -60 -80 -100 -120 -140
9. Off state leakage current
Measured portion: between terminals 5 and 6, 7 and 8; Ambient temperature: 25C 77F
Off state leakage current, A
10
-3
Between terminals 5 and 6(N.O.) Between terminals 7 and 8(N.C.)
10
-6
10
-9
10
-12
-40 -20
0 20 40 60 80 85 Ambient temperature, C
0
20
40 80 60 Load voltage, V
100
10. LED forward current vs. operate time characteristics
Measured portion: between terminals 5 and 6, 7 and 8; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
5 Between terminals 5 and 6(N.O.) Between terminals 7 and 8(N.C.)
11. LED forward current vs. reverse time characteristics
Measured portion: between terminals 5 and 6, 7 and 8; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
0.5 Between terminals 5 and 6(N.O.) Between terminals 7 and 8(N.C.) Reverse time, ms 0.4
12. Applied voltage vs. output capacitance characteristics
Measured portion: between terminals 5 and 6, 7 and 8; Frequency: 1 MHz; Ambient temperature: 25C 77F
120 Output capacitance, pF Between terminals 5 and 6(N.O.) Between terminals 7 and 8(N.C.) 100 80 60 40 20 0
Operate time, ms
4
3
0.3
2
0.2
1
0.1
0
0
10
20
30
40
50
60
0
0
10
20
30
40
50
60
0
10
20
30
40
50
60
LED forward current, mA
LED forward current, mA
Applied voltage, V
5/7/2001
All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd. 77


▲Up To Search▲   

 
Price & Availability of AQW610SZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X