Part Number Hot Search : 
Z550LA20 PR1000R 25616 KBU3504 NJU7630 CJP03N60 1339A1 25616
Product Description
Full Text Search
 

To Download AQV217AZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (Standard type)
TESTING
VDE
(Reinforced type)
GU (General Use) Type [1-Channel (Form A) Type]
PhotoMOS RELAYS
6. Stable on resistance 7. Low-level off state leakage current 8. Eliminates the need for a power supply to drive the power MOSFET A power supply used to drive the power MOSFET is unnecessary because of the built-in optoelectronic device. This results in easy circuit design and small PC board area. 9. Low thermal electromotive force (Approx. 1 V)
FEATURES
8.80.05 .346.002 6.40.05 .252.002 3.90.2 .154.008 6.40.05 .252.002 3.60.2 .142.008
8.80.05 .346.002
mm inch
1 2 3 6 5 4
1. Controls low-level analog signals PhotoMOS relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion. 2. Control with low-level input signals 3. Controls various types of loads such as relays, motors, lamps and solenoids. 4. Optical coupling for extremely high isolation Unlike mechanical relays, the PhotoMOS relay combines LED and optoelectronic device to transfer signals using light for extremely high isolation. 5. Eliminates the need for a counter electromotive force protection diode in the drive circuits on the input side
TYPICAL APPLICATIONS
* High-speed inspection machines * Telephone equipment * Data communication equipment * Computer
TYPES
Part No. Output rating* Type I/O isolation Load voltage 60V 100 V 200 V 350 V 400 V 600 V 400 V Load current 400 mA 320 mA 180 mA 130 mA 120 mA 50 mA 120 mA Through hole terminal Tube packing style AQV212 AQV215 AQV217 AQV210 AQV214 AQV216 AQV214H AQV212A AQV215A AQV217A AQV210A AQV214A AQV216A AQV214HA Surface-mount terminal Tape and reel packing style Picked from the Picked from the 1/2/3-pin side 4/5/6-pin side AQV212AX AQV212AZ AQV215AX AQV217AX AQV210AX AQV214AX AQV216AX AQV214HAX AQV215AZ AQV217AZ AQV210AZ AQV214AZ AQV216AZ AQV214HAZ Packing quantity
Tube
Tape and reel
AC/DC
Standard 1,500 V AC
1 tube contains 50 pcs. 1 batch contains 500 pcs.
1,000 pcs.
Reinforced 5,000 V
*Indicate the peak AC and DC values. Note: For space reasons, the package type indicator "X" and "Z" are omitted from the seal.
RATING
1. Absolute maximum ratings (Ambient temperature: 25C 77F)
Item LED forward current LED reverse voltage Peak forward current Power dissipation Load voltage (peak AC) Output Continuous load current Peak load current Power dissipation Total power dissipation I/O isolation voltage Temperature limits Operating Storage Type of SymRemarks connec- AQV212(A) AQV215(A) AQV217(A) AQV210(A) AQV214(A) AQV216(A) AQV214H(A) bol tion 50 mA IF VR 3V IFP 1A f = 100 Hz, Duty factor = 0.1% Pin 75 mW 60 V 100 V 200 V 350 V 400 V 600 V 400 V VL A 0.40 A 0.32 A 0.18 A 0.13 A 0.12 A 0.05 A 0.12 A A connection: Peak AC, DC; IL B 0.60 A 0.42 A 0.22 A 0.15 A 0.13 A 0.06 A 0.13 A B, C connection: DC C 0.80 A 0.60 A 0.30 A 0.17 A 0.15 A 0.08 A 0.15 A A connection: 100 ms (1 shot), 1.2 A 0.96 A 0.54 A 0.4 A 0.3 A 0.15 A 0.3 A Ipeak VL=DC Pout 500 mW PT 550 mW Viso 1,500 V AC -40C to +85C -40F to +185F Non-condensing at low temp. Topr Tstg -40C to +100C -40F to +212F
50
Input
AQV21r
2. Electrical characteristics (Ambient temperature: 25C 77F)
Item LED operate current Input LED turn off current LED dropout voltage Type of SymCondition connec- AQV212(A) AQV215(A) AQV217(A) AQV210(A) AQV214(A) AQV216(A) AQV214H(A) bol tion** 1 mA 1 mA 1 mA 1 mA 1 mA 1 mA 1.3 mA Typical -- IL = Max. IFon Maximum 3 mA 3 mA 3 mA 3 mA 3 mA 3 mA 3 mA Minimum 0.4 mA 0.4 mA 0.4 mA 0.4 mA 0.4 mA 0.4 mA 0.4 mA IFoff -- IL = Max. Typical 0.79 mA 0.79 mA 0.79 mA 0.79 mA 0.79 mA 0.79 mA 1.2 mA Typical 1.14 V (1.25 V at IF = 50 mA) VF -- IF = 5 mA Maximum 1.5 V IF = 5 mA 0.83 2.3 11.0 23 30 70 30 Typical A IL = Max. Ron Maximum 2.5 4.0 15.0 35 50 120 50 Within 1 s on time IF = 5 mA 0.44 1.15 5.5 11.5 22.5 55 22.5 Typical B Ron IL = Max. Maximum 1.25 2.0 7.5 17.5 25 100 25 Within 1 s on time IF = 5 mA 0.25 0.6 2.8 6.0 11.3 28 11.3 Typical C Ron IL = Max. Maximum 1.63 1.0 3.8 8.8 12.5 50 12.5 Within 1 s on time IF = 0 Typical Cout A 150 pF 110 pF 70 pF 45 pF 45 pF 45 pF 45 pF VB = 0 f = 1 MHz IF = 0 Maximum -- -- 1 A VL = Max. 0.65 ms 0.6 ms 0.25 ms 0.25 ms 0.21 ms 0.28 ms 0.6 ms Typical IF= 5 mA** -- Ton lL=Max. Maximum 2 ms 2 ms 1.0 ms 0.5 ms 0.5 ms 0.5 ms 0.8 ms 0.08 ms 0.06 ms 0.05 ms 0.05 ms 0.05 ms 0.04 ms 0.05 ms IF = 5 mA Typical -- Toff IL = Max. Maximum 0.2 ms 0.2 ms 0.2 ms 0.2 ms 0.2 ms 0.2 ms 0.2 ms Typical Maximum Minimum Ciso Riso -- -- 0.8 pF 1.5 pF 1,000 M f = 1 MHz VB = 0 500 V DC
On resistance Output Output capacitance Off state leakage current Transfer characteristics Turn on time* Turn off time* Switching speed I/O capacitance Initial I/O isolation resistance
Note: Recommendable LED forward current Standard type: 5 mA Reinforced type: 5 to 10 mA *Turn on/Turn off time
For type of connection, see page 31.
Input
90% Output Ton Toff 10%
s For Dimensions, see Page 27. s For Schematic and Wiring Diagrams, see Page 31. s For Cautions for Use, see Page 36.
REFERENCE DATA
1-(1). Load current vs. ambient temperature characteristics
Allowable ambient temperature: -40C to +85C -40F to +185F Type of connection: A
0.7 0.6 Load current, mA 0.5 0.4 0.3 0.2 0.1 0 -40 -20 0 20 40 60 8085 100 Ambient temperature, C AQV217 AQV212 AQV215
1-(2). Load current vs. ambient temperature characteristics
Allowable ambient temperature: -40C to +85C -40F to +185F Type of connection: A
140 120 100 80 60 40 AQV216 AQV210 AQV214(H)
2-(1). On resistance vs. ambient temperature characteristics
Measured portion: between terminals 4 and 6; LED current: 5 mA; Load voltage: Max. (DC) Continuous load current: Max. (DC)
5
4 On resistance, Load current, A AQV215 3
2 AQV212
1 20 0 -40 -20 0 20 40 60 8085 100 Ambient temperature, C 0
-40
-20
0 20 40 60 8085 Ambient temperature, C
51
AQV21r
2-(2). On resistance vs. ambient temperature characteristics
Measured portion: between terminals 4 and 6; LED current: 5 mA; Load voltage: Max. (DC) Continuous load current: Max. (DC)
120 100 On resistance, 80 60 AQV214(H) 40 AQV210 20 AQV214 0 -40 -20 AQV217 0 20 40 60 8085 Ambient temperature, C AQV214 0 -40 -20 0 20 40 60 8085 Ambient temperature, C 0 -40 -20 0 20 40 60 Ambient temperature, C 8085 AQV216 Turn on time, ms Turn off time, ms 1.5 AQV212,AQV215 1.0 AQV214H AQV216,AQV210,AQV217 0.5 0.3
3. Turn on time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
2.0
4. Turn off time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
0.4
0.2 AQV214H AQV212,215 AQV216,210,217
0.1
5-(1). LED operate current vs.ambient temperature characteristics
Load voltage: Max. (DC); Continuous load current: Max. (DC)
5 LED operate on current, mA
5-(2). LED operate current vs.ambient temperature characteristics
Load voltage: Max. (DC); Continuous load current: Max. (DC)
5 LED operate on current, mA
6-(1). LED turn off current vs. ambient temperature characteristics
Load voltage: Max. (DC); Continuous load current: Max. (DC)
5 LED turn off current, mA
4 AQV212 AQV215 AQV217 AQV210
4
4
3
3
AQV214H
3
2 AQV214 AQV216
2
2
1
1
1
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
6-(2). LED turn off current vs. ambient temperature characteristics
Load voltage: Max. (DC); Continuous load current: Max. (DC)
5 LED turn off current, mA
7. LED dropout voltage vs. ambient temperature characteristics
Sample: All types LED current: 5 to 50 mA
1.5
8-(1). Voltage vs. current characteristics of output at MOS portion
Measured portion: between terminals 4 and 6; Ambient temperature: 25C 77F
0.5 Current, A 0.4 0.3 0.2 AQV212 AQV215
LED dropout voltage, V
4
1.4 1.3 1.2 1.1 1.0 50mA 30mA 20mA 10mA 5mA
3 AQV214H 2
0.1 -1.0 -0.8 -0.6 -0.4 -0.2 0.2 0.4 0.6 0.8 1.0 -0.1 Voltage, V -0.2 -0.3 -0.4 -40 -20 0 20 40 60 8085 Ambient temperature, C -0.5
1
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
0
8-(2). Voltage vs. current characteristics of output at MOS portion
Measured portion: between terminals 4 and 6; Ambient temperature: 25C 77F
200 Current, mA 160 120 80 40 -5 -4 -3 -2 -1 1 -40 -80 -120 -160 -200 234 Voltage, V 5 AQV216
9. Off state leakage current
Measured portion: between terminals 4 and 6; Ambient temperature: 25C 77F
10-(1). LED forward current vs. turn on time characteristics
Measured portion: between terminals 4 and 6; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
1.2
AQV217 AQV210 AQV214(H) Off state leakage current, A 10-3 Turn on time, ms 1.0 0.8 0.6 AQV210,AQV216,AQV217 0.4 0.2 0 AQV212,AQV215
10-6
10-9
AQV216 AQV214(H)
AQV214
10-12 0 20 60 40 80 Load voltage, V 100 10 50 20 30 40 LED forward current, mA 60
52
AQV21r
10-(2). LED forward current vs. turn on time characteristics
Measured portion: between terminals 4 and 6; Load voltage: 400 V (DC); Continuous load current: 120 mA (DC); Ambient temperature: 25C 77F
2.5
11. LED forward current vs. turn off time characteristics
Measured portion: between terminals 4 and 6; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
0.12
12. Applied voltage vs. output capacitance characteristics
Measured portion: between terminals 4 and 6; Frequency: 1 MHz; Ambient temperature: 25C 77F
200 Output capacitance, pF
2.0 Turn on time, ms Turn off time, ms
0.10 0.08
AQV212
150
1.5
AQV215 0.06 AQV214H 0.04 AQV210,214,217 AQV216
100 AQV214(H),AQV216,AQV210 AQV217 50 AQV215 0 AQV212
1.0
0.5 AQV214H 0 10 20 30 40 50 LED forward current, mA 60
0.02 0
10
50 20 30 40 LED forward current, mA
0
10
20 30 40 Applied voltage,V
50
5/7/2001
All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd. 53 Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of AQV217AZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X