Part Number Hot Search : 
RERA16D AO3401 350019 A102J W2CBW003 CONDUCT C3842 CA307
Product Description
Full Text Search
 

To Download APTM120UM70D-ALN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM120UM70D-ALN
Single switch with Series diodes MOSFET Power Module
SK S D
VDSS = 1200V RDSon = 70m max @ Tj = 25C ID = 171A @ Tc = 25C
Application * Zero Current Switching resonant mode Features * Power MOS 7(R) MOSFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Avalanche energy rated - Very rugged * Kelvin source for easy drive * Very low stray inductance - Symmetrical design - M5 power connectors * High level of integration * AlN substrate for improved thermal performance Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Low profile
G
DK
DK
S
D
SK G
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS
Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C
Tc = 25C
Max ratings 1200 171 126 684 30 70 5000 24 50 3200
Unit V A V m W A mJ
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-6
APTM120UM70D-ALN Rev 0
July, 2004
APTM120UM70D-ALN
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol BVDSS IDSS RDS(on) VGS(th) IGSS Characteristic Drain - Source Breakdown Voltage Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions VGS = 0V, ID = 1.5mA Min 1200
VGS = 0V,VDS = 1200V VGS = 0V,VDS = 1000V T j = 25C T j = 125C
Typ
Max 1.5 6 70 5 600
Unit V mA m V nA
VGS = 10V, ID = 85.5A VGS = VDS, ID = 30mA VGS = 30 V, VDS = 0V
3
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 600V ID = 171A Inductive switching @ 125C VGS = 15V VBus = 800V ID = 171A R G =0.8 Inductive switching @ 25C VGS = 15V, VBus = 800V ID = 171A, R G = 0.8 Inductive switching @ 125C VGS = 15V, VBus = 800V ID = 171A, R G = 0.8
Min
Typ 43.5 6.6 1.2 1650 192 1074 20 17 245 62 7.6 6.9 13.8 8.5
Max
Unit nF
nC
ns
mJ
mJ
Eon includes diode reverse recovery. In accordance with JEDEC standard JESD24-1.
Series diode ratings and characteristics
Symbol Characteristic VRRM Maximum Repetitive Reverse Voltage IF(A V) Maximum Average Forward Current VF Diode Forward Voltage
Test Conditions 50% duty cycle IF = 240A IF = 480A IF = 240A IF = 240A VR = 800V di/dt = 800A/s IF = 240A VR = 800V di/dt = 800A/s
T c = 70C
Min 1200
Typ 240 2 2.3 1.8 400 470 4.8 16
Max
Unit V A V
2.5
July, 2004 2-6 APTM120UM70D-ALN Rev 0
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
trr Qrr
Reverse Recovery Time Reverse Recovery Charge
ns C
APT website - http://www.advancedpower.com
APTM120UM70D-ALN
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5 Transistor Series diode 2500 -40 -40 -40 3 2 Min Typ Max 0.025 0.20 150 125 100 5 3.5 280 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Package outline
APT website - http://www.advancedpower.com
3-6
APTM120UM70D-ALN Rev 0
July, 2004
APTM120UM70D-ALN
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.03 Thermal Impedance (C/W) 0.025 0.02 0.015 0.01 0.005 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10
0 0.00001
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 420 I D, Drain Current (A) ID, Drain Current (A) 360 300 240 180 120 60 0 0 5 10 15 20 25 VDS, Drain to Source Voltage (V) RDS(on) vs Drain Current ID, DC Drain Current (A)
Normalized to VGS =10V @ 85.5A 4.5V 6V 5.5V VGS =15, 10V 7V
Transfert Characteristics 480 420 360 300 240 180 120 60 0 0 1 2 3 4 5 6 7 VGS, Gate to Source Voltage (V) DC Drain Current vs Case Temperature 180 135 90 45 0 30 TJ =125C TJ =-55C TJ=25C
VDS > ID(on)xRDS (on)MAX 250s pulse test @ < 0.5 duty cycle
5V
RDS(on) Drain to Source ON Resistance
1.4 1.3 1.2 1.1 1 0.9 0.8 0
VGS=10V VGS=20V
60
120
180
240
300
360
25
50
75
100
125
150
July, 2004 4-6 APTM120UM70D-ALN Rev 0
ID, Drain Current (A)
TC, Case Temperature (C)
APT website - http://www.advancedpower.com
APTM120UM70D-ALN
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.2 VGS(TH), Threshold Voltage (Normalized) I D, Drain Current (A) 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage VGS, Gate to Source Voltage (V) 100000 Ciss C, Capacitance (pF) 14 12 10 8 6 4 2 0 0 420 840 1260 1680 2100
July, 2004
ON resistance vs Temperature 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area
VGS =10V ID=85.5A
1000
limited by RDS on 100s
100
1ms 10ms
10 Single pulse TJ =150C 1 1 1200 10 100 1000 VDS, Drain to Source Voltage (V)
Gate Charge vs Gate to Source Voltage ID=171A TJ=25C
VDS=240V VDS=600V VDS=960V
10000
Coss
Crss 1000 0 10 20 30 40 50 VDS, Drain to Source Voltage (V)
Gate Charge (nC)
APT website - http://www.advancedpower.com
5-6
APTM120UM70D-ALN Rev 0
APTM120UM70D-ALN
Delay Times vs Current 300 td(on) and td(off) (ns) 250 200 150 100 50 0 60 90 120 150 180 210 240 270 ID, Drain Current (A) Switching Energy vs Current
VDS=800V RG=0.8 T J=125C L=100H
Rise and Fall times vs Current 100 t d(off) 80
VDS=800V RG=0.8 T J=125C L=100H
tf
tr and tf (ns)
60 40 20 0 60 90 120 150 180 210 240 270 ID, Drain Current (A) tr
td(on)
Switching Energy vs Gate Resistance 36
V DS=800V ID=171A T J=125C L=100H
24
Switching Energy (mJ) Switching Energy (mJ)
20 16 12 8 4 0 60
VDS=800V RG=0.8 TJ=125C L=100H
Eon E off
30 24 18 12 6
Eoff
Eon
90 120 150 180 210 240 270
I D, Drain Current (A)
0
1
2
3
4
5
6
Gate Resistance (Ohms) Source to Drain Diode Forward Voltage
Operating Frequency vs Drain Current 150
IDR, Reverse Drain Current (A)
175
1000 TJ=150C 100 TJ=25C
Frequency (kHz)
125 100 75 50 25 0 40
ZCS Hard switching VDS=800V D=50% RG=0.8 T J=125C T C=75C
10
1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
July, 2004
60
80 100 120 140 ID, Drain Current (A)
160
VSD, Source to Drain Voltage (V)
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
6-6
APTM120UM70D-ALN Rev 0


▲Up To Search▲   

 
Price & Availability of APTM120UM70D-ALN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X