Part Number Hot Search : 
34063AD M32F10 TP250 DFLZ27Q 024S2V AP9575GH S2570 E226M
Product Description
Full Text Search
 

To Download APTM120DA15G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM120DA15G
Boost chopper MOSFET Power Module
VBUS CR1
VDSS = 1200V RDSon = 150m typ @ Tj = 25C ID = 60A @ Tc = 25C
Application * * * AC and DC motor control Switched Mode Power Supplies Power Factor Correction
OUT
Features
Q2
*
G2
S2 0/VBUS
* * *
VBUS 0/VBUS OUT
Power MOS 7(R) MOSFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Avalanche energy rated - Very rugged Kelvin source for easy drive Very low stray inductance - Symmetrical design - M5 power connectors High level of integration
Benefits * * * * * Outstanding performance at high frequency operation Direct mounting to heatsink (isolated package) Low junction to case thermal resistance Low profile RoHS Compliant
S2 G2
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS
Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C
mJ
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-6
APTM120DA15G- Rev 1
July, 2006
Tc = 25C
Max ratings 1200 60 45 240 30 175 1250 22 50 3000
Unit V A V m W A
APTM120DA15G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol IDSS RDS(on) VGS(th) IGSS Characteristic Test Conditions Min Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current
VGS = 0V,VDS = 1200V VGS = 0V,VDS = 1000V T j = 25C T j = 125C
Typ
VGS = 10V, ID = 30A VGS = VDS, ID = 10mA VGS = 30 V, VDS = 0V
150 3
Max 500 3000 175 5 250
Unit A m V nA
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 600V ID = 60A Inductive switching @ 125C VGS = 15V VBus = 800V ID = 60A R G = 1.2 Inductive switching @ 25C VGS = 15V, VBus = 800V ID = 60A, R G = 1.2 Inductive switching @ 125C VGS = 15V, VBus = 800V ID = 60A, R G = 1.2
Min
Typ 20.6 3.08 0.52 748 96 480 20 15 160 45 3.96 2.74 6.26 3.43
Max
Unit nF
nC
ns
mJ
mJ
Chopper diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage
Test Conditions VR=1200V Tj = 25C Tj = 125C Tc = 70C
Min 1200
Typ
Max 250 750
Unit V A A
IF = 60A IF = 120A IF = 60A IF = 60A VR = 800V di/dt = 200A/s
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
60 2 2.3 1.8 400 470 1200 4000
2.5 V
Qrr
Reverse Recovery Charge
nC
www.microsemi.com
2-6
APTM120DA15G- Rev 1
July, 2006
trr
Reverse Recovery Time
ns
APTM120DA15G
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5 Transistor Diode 2500 -40 -40 -40 3 2 Min Typ Max 0.1 0.9 150 125 100 5 3.5 280 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
SP6 Package outline (dimensions in mm)
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com
www.microsemi.com
3-6
APTM120DA15G- Rev 1
July, 2006
APTM120DA15G
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.12 Thermal Impedance (C/W) 0.1 0.08 0.06 0.04 0.02 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse
0 0.00001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 200
VGS =15, 10 & 8V
Transfert Characteristics 320 280 ID, Drain Current (A)
VDS > I D(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle
I D, Drain Current (A)
160 120 80 40 0 0 5 10 15 20
7V 6.5V
240 200 160 120 80 40 0
TJ=25C T J=125C TJ=-55C
6V
5.5V 5V
25
30
0
1
2
3
4
5
6
7
8
9
VDS, Drain to Source Voltage (V) RDS(on) vs Drain Current ID, DC Drain Current (A)
Normalized to VGS =10V @ 30A
VGS, Gate to Source Voltage (V) DC Drain Current vs Case Temperature 70 60 50 40 30 20 10 0 25 50 75 100 125 150
July, 2006 4-6 APTM120DA15G- Rev 1
RDS(on) Drain to Source ON Resistance
1.4 1.3 1.2 1.1 1 0.9 0.8 0
VGS=10V V GS=20V
40
80
120
160
ID, Drain Current (A)
TC, Case Temperature (C)
www.microsemi.com
APTM120DA15G
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.2 VGS(TH), Threshold Voltage (Normalized) I D, Drain Current (A) 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage VGS, Gate to Source Voltage (V) 100000 Ciss C, Capacitance (pF) 10000 Coss 14 12 10 8 6 4 2 0 0 160 320 480 640 800 960 Gate Charge (nC)
July, 2006
ON resistance vs Temperature 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area
VGS =10V ID=30A
1000
100s
100
limited by RDS on 1ms 10ms
10
Single pulse TJ=150C TC=25C 1
1 1200 10 100 1000 VDS, Drain to Source Voltage (V)
Gate Charge vs Gate to Source Voltage I D=60A TJ=25C
V DS=240V VDS=600V V DS =960V
1000
Crss
100 0 10 20 30 40 50 VDS, Drain to Source Voltage (V)
www.microsemi.com
5-6
APTM120DA15G- Rev 1
APTM120DA15G
Delay Times vs Current 180 td(on) and td(off) (ns) 150 60
V DS=800V RG=1.2 T J=125C L=100H
Rise and Fall times vs Current 80
VDS=800V RG=1.2 T J=125C L=100H
t d(off)
tf
90 60 30 0 20
tr and tf (ns)
120
40 tr 20
t d(on)
0 40 60 80 100 120 140 20 40 I D, Drain Current (A) Switching Energy vs Current 60 80 100 120 I D, Drain Current (A) 140
Switching Energy vs Gate Resistance
12 Switching Energy (mJ) 10 8 6 4 2 0 20 40 60 80 100 120 140
ID, Drain Current (A) Operating Frequency vs Drain Current
14 Switching Energy (mJ)
VDS=800V RG=1.2 TJ=125C L=100H
Eon
12 10 8 6 4
V DS=800V ID=60A T J=125C L=100H
Eoff
Eoff
Eon Eoff
2 0.00 1.25 2.50 3.75 5.00 6.25 7.50 8.75
Gate Resistance (Ohms) Source to Drain Diode Forward Voltage
200 Frequency (kHz) 150 100 50 0 5 15 25 35 45 ID, Drain Current (A) 55
V DS=800V D=50% R G=1.2 T J=125C T C=75C ZCS ZVS
IDR, Reverse Drain Current (A)
250
1000
100
T J=150C T J=25C
10
Hard switching
1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
July, 2006
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
6-6
APTM120DA15G- Rev 1
Microsemi reserves the right to change, without notice, the specifications and information contained herein


▲Up To Search▲   

 
Price & Availability of APTM120DA15G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X