Part Number Hot Search : 
SMV1406 4AHC1G RC207 MAX6482B CSE2450 133TQI Z08530 PD55FG40
Product Description
Full Text Search
 

To Download APTM100U13S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM100U13S
Single switch Series & parallel diodes MOSFET Power Module
SK CR1 D
VDSS = 1000V RDSon = 130m typ @ Tj = 25C ID = 65A @ Tc = 25C
Application * * * Motor control Switched Mode Power Supplies Uninterruptible Power Supplies
S
Q1 G
Features * Power MOS V(R) MOSFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Avalanche energy rated - Very rugged Kelvin source for easy drive Very low stray inductance
* * Benefits * * *
Outstanding performance at high frequency operation Direct mounting to heatsink (isolated package) Low junction to case thermal resistance
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS
Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C
Tc = 25C
mJ
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-5
APTM100U13S - Rev 2 July, 2005
Max ratings 1000 65 48 260 30 145 1250 17 50 2500
Unit V A V m W A
APTM100U13S
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic IDSS RDS(on) VGS(th) IGSS Test Conditions Min Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current
VGS = 0V,VDS= 1000V VGS = 0V,VDS= 800V Tj = 25C Tj = 125C
Typ
VGS = 10V, ID = 32.5A VGS = VDS, ID = 10mA VGS = 30 V, VDS = 0V
130 2
Max 100 400 145 4 200
Unit A m V nA
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff RthJC
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy Junction to Case
Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 500V ID = 65A Inductive Switching @ 25C VGS = 15V VBus = 667V ID = 65A R G = 1.5 Inductive switching @ 25C VGS = 15V, VBus = 667V ID = 65A, R G = 1.5
Inductive switching @ 125C
Min
Typ 26.4 2.38 1.16 1340 116 660 20 20 125 40 2.6 1.6 4.2 1.82
Max 31.6 3.32 1.72 2000 180 1000
Unit nF
nC
ns
J J 0.1 C/W
VGS = 15V, VBus = 667V ID = 65A, R G = 1.5
Series diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF(A V) VF Maximum Reverse Leakage Current Maximum Average Forward Current Diode Forward Voltage
Test Conditions VR=200V
50% duty cycle
Min 200 Tj = 25C Tj = 125C Tc = 80C
Typ
Max 350 600
Unit V A A
IF = 120A IF = 240A IF = 120A IF = 120A VR = 133V
di/dt = 400A/s
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
120 1.1 1.4 0.9 31 60 120 500
1.15 V
Qrr RthJC
Reverse Recovery Charge Junction to Case
nC 0.46 C/W
APT website - http://www.advancedpower.com
2-5
APTM100U13S - Rev 2 July, 2005
trr
Reverse Recovery Time
ns
APTM100U13S
Parallel diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF(A V) VF trr Qrr RthJC Symbol VISOL TJ TSTG TC Torque Wt Maximum Reverse Leakage Current Maximum Average Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Junction to Case Characteristic Min 2500 -40 -40 -40 3 Typ Test Conditions VR=1000V
50% duty cycle
Min 1000 Tj = 25C Tj = 125C Tc = 40C
Typ
Max 250 500
Unit V A A
IF = 100A IF = 200A IF = 100A IF = 100A VR = 667V
di/dt = 200A/s
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
100 1.9 2.2 1.7 300 360 800 4050
2.5 V ns nC 0.6 Max 150 125 100 1.2 5 400 C/W Unit V C N.m g
Thermal and package characteristics
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight M4 M6
J3 Package outline (dimensions in mm)
APT website - http://www.advancedpower.com
3-5
APTM100U13S - Rev 2 July, 2005
APTM100U13S
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.12 Thermal Impedance (C/W) 0.1 0.08 0.06 0.04 0.02 0.9 0.7 0.5 0.3 0.1 0.05 0 0.00001 0.0001 Single Pulse 0.001 0.01 0.1 rectangular Pulse Duration (Seconds) 1 10
Low Voltage Output Characteristics 200 ID, Drain Current (A) ID, Drain Current (A)
V GS =15V 5V
Transfert Characteristics
200
VDS > I D(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle
150 100
150 100 50 0
4.5V
50
4V
T J=125C TJ =25C TJ =-55C
0 0 5 10 15 VDS , Drain to Source Voltage (V) RDS(on) vs Drain Current
V GS =10V
20
0
1
2
3
4
5
6
VGS, Gate to Source Voltage (V) DC Drain Current vs Case Temperature 70 ID, DC Drain Current (A) 200 60 50 40 30 20 10 0 25 50 75 100 125 TC, Case Temperature (C) 150
RDS(on) Drain to Source ON Resistance
1.30
Normalized to VGS =10V @ 32.5A
1.20
1.10
VGS =20V
1.00
0.90 0 50 100 150 ID, Drain Current (A)
APT website - http://www.advancedpower.com
4-5
APTM100U13S - Rev 2 July, 2005
APTM100U13S
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.15 1.10 1.05 1.00 0.95 0.90 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.2 VGS (TH), Threshold Voltage (Normalized) 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C) Gate Charge vs Gate to Source Voltage 18 VGS, Gate to Source Voltage (V) 16 14 12 10 8 6 4 2 0 0 500 1000 1500 Gate Charge (nC) 2000
VDS=200V VDS=800V
2.5 2.0 1.5 1.0 0.5 0.0
ON resistance vs Temperature
VGS=10V ID=32.5A
-50 -25
0
25 50
75 100 125 150
T J, Junction Temperature (C) Capacitance vs Drain to Source Voltage
Ciss
100000 C, Capacitance (pF)
10000
Coss
1000
Crss
100 0.01 0.1 1 10 100 VDS, Drain to Source Voltage (V) Source to Drain Diode Forward Voltage
VDS=500V
IDR , Reverse Drain Current (A)
ID=65A T J=25C
1000
100
TJ=150C
10
TJ=25C
1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 VS D, Source to Drain Voltage (V)
Operating Frequency vs Drain Current 250 200 Frequency (kHz) 150 100 50 0 10 20 30 40 50 ID, Drain Current (A) 60
V DS=667V D=50% R G=1. 5 T J=125C T C=75C
ZVS
ZCS
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
5-5
APTM100U13S - Rev 2 July, 2005
Hard switching


▲Up To Search▲   

 
Price & Availability of APTM100U13S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X