Part Number Hot Search : 
ST7FDALI MAX815C STP4A60S TSC1141 AM2360N 3AXXX BAT54STB 1N5371
Product Description
Full Text Search
 

To Download APTK2012MGCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0X1.25mm SMD CHIP LED LAMP
APTK2012MGCK MEGA GREEN
Features
!2.0mmX1.25mm SMT LED, 0.75mm THICKNESS. !LOW
Description
The Mega Green source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
POWER CONSUMPTION. VIEWING ANGLE. FOR BACKLIGHT AND INDICATOR. COLORS AND LENS TYPES AVAILABLE. : 2000PCS / REEL.
!WIDE !IDEAL
!VARIOUS !PACKAGE
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD1122 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/23/2003 DRAWN:D.L.HUANG
PAGE: 1 OF 4
Selection Guide
P ar t N o . Dic e L en s Ty p e Iv (m c d ) @ 20m A Min . APTK2012MGCK MEGA GREEN ( InGaAlP ) WATER CLEAR 18 Ty p . 70 V i ew i n g An g l e 21/2 100
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current D ev i c e Mega Green Mega Green Mega Green Mega Green Mega Green Mega Green Ty p . 574 570 20 15 2.1 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s IF = 2 0 m A IF = 2 0 m A IF = 2 0 m A V F = 0 V; f = 1 M Hz IF = 2 0 m A VR = 5V
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Meg a Gr een 105 30 150 5 -40C To +85C
Un it s mW mA mA V
SPEC NO: DSAD1122 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/23/2003 DRAWN:D.L.HUANG
PAGE: 2 OF 4
Mega Green
APTK2012MGCK
SPEC NO: DSAD1122 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/23/2003 DRAWN:D.L.HUANG
PAGE: 3 OF 4
APTK2012MGCK SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD1122 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/23/2003 DRAWN:D.L.HUANG
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of APTK2012MGCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X