Part Number Hot Search : 
ST25VF BU2507DX LM78L10F KVX31S1 ADP0604 3120C F1A1548 8P2602
Product Description
Full Text Search
 

To Download APTGT600DA60G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT600DA60G
Boost chopper Trench + Field Stop IGBT(R) Power Module VCES = 600V IC = 600A* @ Tc = 80C
Application * AC and DC motor control * Switched Mode Power Supplies * Power Factor Correction Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - M5 power connectors * High level of integration Benefits * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS Compliant
VBUS
CR1
OUT
Q2 G2
E2 0/VBUS
VBUS
0/VBUS
OUT
E2 G2
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 150C
Reverse Bias Safe Operating Area
1200A @ 550V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-5
APTGT600DA60G - Rev 1
* Specification of IGBT device but output current must be limited to 500A to not exceed a delta of temperature greater than 100C for the connectors.
June, 2006
Max ratings 600 700 * 600 * 800 20 2300
Unit V A V W
APTGT600DA60G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 600V Tj = 25C VGE =15V IC = 600A Tj = 150C VGE = VCE , IC = 2mA VGE = 20V, VCE = 0V Min Typ 1.4 1.5 5.8 Max 750 1.8 6.5 800 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 600A R G = 2 Inductive Switching (150C) VGE = 15V VBus = 300V IC = 600A R G = 2 Tj = 25C VGE = 15V Tj = 150C VBus = 300V IC = 600A Tj = 25C R G = 2 Tj = 150C
Min
Typ 49 3.1 1.5 130 55 250 60 145 60 320 80 3 5.5 17 21
Max
Unit nF
ns
ns
mJ mJ
Chopper diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF trr Qrr Er Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
Test Conditions VR=600V Tj = 25C Tj = 150C Tc = 80C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C
Min 600
Typ
Max 350 550
Unit V A A
IF = 600A VGE = 0V
di/dt =5000A/s
mJ
www.microsemi.com
2-5
APTGT600DA60G - Rev 1
June, 2006
IF = 600A VR = 300V
600 1.5 1.4 120 210 27 57 6.9 14.1
1.9
V ns C
APTGT600DA60G
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5 IGBT Diode 2500 -40 -40 -40 3 2 Min Typ Max 0.065 0.11 175 125 100 5 3.5 280 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
SP6 Package outline (dimensions in mm)
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com APTGT600DA60G - Rev 1
www.microsemi.com
3-5
June, 2006
APTGT600DA60G
Typical Performance Curve
1200 1000
IC (A) Output Characteristics (VGE=15V)
TJ =25C TJ=125C
Output Characteristics 1200
T J = 150C
1000
VGE =19V T J=150C
VGE =13V VGE =15V VGE =9V
800 600 400 200
800 IC (A) 600 400 200
TJ=25C
0 0 0.5 1 1.5 V CE (V) 2 2.5
0 0 0.5 1 1.5 2 V CE (V) 2.5 3 3.5
1200 1000 800 600 400
Transfert Characteristics
T J=25C
Energy losses vs Collector Current 40 35 30 E (mJ) 25 20 15 10
VCE = 300V VGE = 15V RG = 1 T J = 150C Eoff
Er
IC (A)
T J=125C T J=150C
200 0 5 6 7 8 V GE (V) 9
T J=25C
5 0 11 0 200 400 600 IC (A) 800
Eon
10
1000 1200
Switching Energy Losses vs Gate Resistance 40
V CE = 300V V GE =15V I C = 600A T J = 150C
Reverse Bias Safe Operating Area 1400 1200
Eoff Eon
30 E (mJ)
1000 IC (A) 800 600 400 200 0 6 0
V GE=15V T J=150C RG=1
20
10
Eon
Er
0 0 1 2 3 4 5 Gate Resistance (ohms)
100 200 300 400 VCE (V)
500
600
700
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.07 Thermal Impedance (C/W) 0.06 0.05 0.04 0.03 0.02 0.01 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10 0.9 0.7 0.5 0.3 0.1 IGBT
0 0.00001
Rectangular Pulse Duration in Seconds
www.microsemi.com
4-5
APTGT600DA60G - Rev 1
June, 2006
APTGT600DA60G
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 120 100 80 60 40 20 0 0 200 400 600 IC (A) 800 1000
Hard switching ZCS ZVS VCE=300V D=50% RG=1 TJ =150C
Forward Characteristic of diode 1200 1000 800 IF (A) 600 400 200 0 0 0.4 0.8 1.2 V F (V) 1.6 2
T J=125C TJ=150C T J=25C
Tc=85C
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.12 Thermal Impedance (C/W) 0.1 0.08 0.06 0.04 0.02 0.9 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
Diode
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT600DA60G - Rev 1
June, 2006


▲Up To Search▲   

 
Price & Availability of APTGT600DA60G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X