Part Number Hot Search : 
BR404 NDF9196 BUB323Z 2SC2411 ZR431G NDF9196 2SC2411 SM6610MH
Product Description
Full Text Search
 

To Download APTGT50TA60P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT50TA60P
Triple phase leg Trench + Field Stop IGBT(R) Power Module
VBUS1 VBUS2 VBUS3
VCES = 600V IC = 50A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control
W
G1
G3
G5
E1
U
E3
V
E5
G2
G4
G6
E2 0/VBUS1
E4 0/VBUS2
E6 0/VBUS3
Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * High level of integration Benefits * Stable temperature behavior * Very rugged * Solderable terminals for easy PCB mounting * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Very low (12mm) profile * Each leg can be easily paralleled to achieve a phase leg of three times the current capability * Module can be configured as a three phase bridge * Module can be configured as a boost followed by a full bridge Max ratings 600 80 50 100 20 176 100A @ 550V Unit V
May, 2005 1-5 APTGT50TA60P - Rev 0,
VBUS 1
VBUS 2
VB US 3
G1 0/VBUS 1 E1 E2 G2 0/VB US 2
G3 E3 E4 G4 0/VB US 3
G5 E5 E6 G6
U
V
W
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current TC = 25C TC = 80C TC = 25C TC = 25C TJ = 150C
A V W
Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operating Area
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
APTGT50TA60P
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 600V Tj = 25C VGE =15V IC = 50A Tj = 150C VGE = VCE , IC = 600A VGE = 20V, VCE = 0V Min Typ 1.5 1.7 5.8 Max 250 1.9 6.5 600 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Characteristic Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 50A R G = 10 Inductive Switching (150C) VGE = 15V VBus = 300V IC = 50A R G = 10
Min
Typ 3150 200 95 110 45 200 40 120 50 250 60 0.87 1.75
Max
Unit pF
ns
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VRRM IRM IF(A V) VF trr Qrr
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 150C Tc = 80C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C
Min 600
Typ
Max 250 500
Unit V A A
Maximum Reverse Leakage Current Maximum Average Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
VR=600V
50% duty cycle
IF = 50A VGE = 0V IF = 50A VR = 300V
di/dt =1800A/s
APT website - http://www.advancedpower.com
2-5
APTGT50TA60P - Rev 0,
May, 2005
50 1.6 1.5 125 220 2.6 5.4
2 V ns C
APTGT50TA60P
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode 2500 -40 -40 -40 3 Min Typ Max 0.85 1.42 175 125 100 5 250 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To heatsink
M6
Package outline (dimensions in mm)
5 places (3:1)
APT website - http://www.advancedpower.com
3-5
APTGT50TA60P - Rev 0,
May, 2005
APTGT50TA60P
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 100
TJ = 150C V GE=19V
100
T J=25C
80
IC (A)
T J=125C
80 IC (A)
TJ=150C VGE =13V
60 40 20 0 0 0.5 1
TJ =25C
60
VGE =15V
40 20 0
VGE=9V
1.5 VCE (V)
2
2.5
3
0
0.5
1
1.5 2 VCE (V)
2.5
3
3.5
100 80 60 40 20 0 5
Transfert Characteristics 3.5
TJ=25C
Energy losses vs Collector Current 3 2.5 E (mJ)
VCE = 300V VGE = 15V RG = 10 TJ = 150C Eoff Eon
IC (A)
2 1.5 1
Er Eon
T J=125C T J=150C T J=25C
0.5 0 11 12 0 20
6
7
8
9
10
40 IC (A)
60
80
100
V GE (V) Switching Energy Losses vs Gate Resistance 6 5 4 E (mJ) 3 2
Eon
Reverse Bias Safe Operating Area 125
VCE = 300V VGE =15V IC = 50A T J = 150C
Eon
100
Eoff
Eoff
IC (A)
75 50 25 0
VGE=15V T J=150C RG=10
1 0 5 15
Er
25 35 45 55 Gate Resistance (ohms)
65
0
100
200
300 400 VCE (V)
500
600
700
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 1 Thermal Impedance (C/W) 0.8 0.6 0.4 0.2 0.9 0.7
IGBT
0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
APT website - http://www.advancedpower.com
4-5
APTGT50TA60P - Rev 0,
May, 2005
0.5
APTGT50TA60P
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 120 100 80 60 40 20 0 0 20 40 IC (A) 60 80
Hard switching ZVS ZCS VCE =300V D=50% RG=10 T J=150C
Forward Characteristic of diode 100 80 60 40 20
T J=25C TJ =125C T J=150C
IC (A)
T c=85C
0 0 0.4 0.8 1.2 1.6 V F (V) 2 2.4
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 1.6 Thermal Impedance (C/W) 1.4 1.2 1 0.8 0.6 0.4 0.2 0.9 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
Diode
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
5-5
APTGT50TA60P - Rev 0,
May, 2005


▲Up To Search▲   

 
Price & Availability of APTGT50TA60P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X