Part Number Hot Search : 
MPC564 2G273J P6100 PIC18F4 RY2405S D72069GF CTS4669 0M25V1
Product Description
Full Text Search
 

To Download APTGT50TA170P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT50TA170P
Triple phase leg Trench IGBT(R) Power Module
VBUS1 VBUS2 VBUS3
VCES = 1700V IC = 50A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control
G1
G3
G5
E1
U
E3
V
E5
W
G2
G4
G6
E2 0/VBUS1
E4 0/VBUS2
E6 0/VBUS3
Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * High level of integration * Kelvin emitter for easy drive Benefits * Stable temperature behavior * Very rugged * Solderable terminals for easy PCB mounting * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Very low (12mm) profile * Each leg can be easily paralleled to achieve a phase leg of three times the current capability * Module can be configured as a three phase bridge * Module can be configured as a boost followed by a full bridge
APTGT50TA170P - Rev 0, September, 2004
VBUS 1
VBUS 2
VBUS 3
G1 0/VBUS 1 E1 E2 G2 0/VBUS 2
G3 E3 E4 G4 0/VBUS 3
G5 E5 E6 G6
U
V
W
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Save Operating Area
Max ratings 1700 70 50 100 20 310 100A @ 1600V
Unit V A V W
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed
APT website - http://www.advancedpower.com
1-5
APTGT50TA170P
All ratings @ Tj = 25C unless otherwise specified
Electrical Characteristics
Symbol Characteristic BVCES Collector - Emitter Breakdown Voltage ICES Zero Gate Voltage Collector Current VCE(on) VGE(th) IGES Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current
Test Conditions VGE = 0V, IC = 2.5mA VGE = 0V, VCE = 1700V Tj = 25C VGE =15V IC = 50A Tj = 125C VGE = VCE , IC = 2.5 mA VGE = 20V, VCE = 0V
Min
1700
Typ
Max 5
Unit V mA V V nA
2.0 2.4 5.0
2.4 6.5 600
Dynamic Characteristics
Symbol Cies Crss Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGE = 0V ;VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 900V IC = 50A R G = 22 Inductive Switching (125C) VGE = 15V VBus = 900V IC = 50A R G = 22 Diode
Min
Typ 4400 150 200 90 720 90 220 90 820 110 29 22
Max
Unit pF
ns
ns
mJ
Eon includes diode reverse recovery In accordance with JEDEC standard JESD24-1
Reverse diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM VF Qrr Maximum Reverse Leakage Current Diode Forward Voltage Reverse Recovery Charge
Test Conditions VR=1700V IF = 50A VGE = 0V IF = 50A VR = 900V di/dt =990A/s Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Min 1700
Typ
Max 250 500 2.2
Unit V A V C
APTGT50TA170P - Rev 0, September, 2004
1.8 1.9 19 30
APT website - http://www.advancedpower.com
2-5
APTGT50TA170P
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode 3500 -40 -40 -40 3 Min Typ Max 0.4 0.7 150 125 100 5 250 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To heatsink
M6
Package outline
5 places (3:1)
APT website - http://www.advancedpower.com
3-5
APTGT50TA170P - Rev 0, September, 2004
APTGT50TA170P
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 100 T J = 125C
125 100
T J=25C
75 IC (A)
VGE =17V VGE=15V
IC (A)
75 50 25 0 0 0.5 1 1.5 2 2.5 VCE (V) 3 3.5 4
TJ=125C
50
V GE=13V
25
VGE=9V
0 0 1 2 3 VCE (V) 4 5
125 100
Transfert Characteristics 100 80 E (mJ) 60 40 20 0 5 6 7 8 V GE (V) 9 10 11 0
Energy losses vs Collector Current
VCE = 900V VGE = 15V RG = 22 T J = 125C Eon
TJ =25C
IC (A)
75 50
T J=125C
Eoff
25 0
25
50 IC (A)
75
100
125
Switching Energy Losses vs Gate Resistance 125 100 E (mJ) 75 50 25 0 0 20 40 60 Gate Resistance (ohms) 80
VCE = 900V VGE =15V IC = 50A TJ = 125C Eon
Reverse Safe Operating Area 120 100 80 IC (A) 60 40 20 0 0 400 800 1200 1600 V CE (V)
V GE=15V T J=125C RG=22
Eoff
0.45 Thermal Impedance (C/W) 0.4 0.35 0.3 0.25 0.2 0.15 0.1 0.05 0 0.00001 0.1 0.05 0.9 0.7 0.5 0.3
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration IGBT
Single Pulse 0.0001 0.001 0.01 0.1 1 10
rectangular Pulse Duration (Seconds)
APT website - http://www.advancedpower.com
4-5
APTGT50TA170P - Rev 0, September, 2004
APTGT50TA170P
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 50 40 30 20 10 0 0 20 40 IC (A) 60 80
ZCS ZVS VCE=900V D=50% RG=22 TJ =125C TC=75C
Forward Characteristic of diode 100
75 IC (A)
TJ=25C
50
TJ=125C
25
hard switching
0 0 0.5 1 1.5 VF (V) 2 2.5 3
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 0.8 Thermal Impedance (C/W) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 1 10 0.7 0.5 0.3 0.9
Diode
0 0.00001
rectangular Pulse Duration (Seconds)
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
5-5
APTGT50TA170P - Rev 0, September, 2004


▲Up To Search▲   

 
Price & Availability of APTGT50TA170P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X