Part Number Hot Search : 
PCH6012 337EP 30201075 MM1369 BSCD510H 080CT BU4540AL 1337M1
Product Description
Full Text Search
 

To Download APTGT50DU120TG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT50DU120TG
Dual common source Fast Trench + Field Stop IGBT(R) Power Module
C1 Q1 G1 C2
VCES = 1200V IC = 50A @ Tc = 80C
Application * AC Switches * Switched Mode Power Supplies * Uninterruptible Power Supplies Features * Fast Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * High level of integration * Internal thermistor for temperature monitoring Benefits * Stable temperature behavior * Very rugged * Solderable terminals for easy PCB mounting * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS Compliant
Q2 G2
E1
E2
NTC1
E
NTC2
G2 E2
C2
C1
E
C2
E1 G1
E2 G2
NTC2 NTC1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
Reverse Bias Safe Operating Area
100A @ 1150V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-5
APTGT50DU120TG - Rev 1
Max ratings 1200 75 50 100 20 277
Unit V
July, 2006
A V W
APTGT50DU120TG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 1200V Tj = 25C VGE = 15V IC = 50A Tj = 125C VGE = VCE , IC = 2mA VGE = 20V, VCE = 0V Min Typ 1.7 2.0 5.8 Max 250 2.1 6.5 400 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 600V IC = 50A R G = 18 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 50A R G = 18 VGE = 15V Tj = 125C VBus = 600V IC = 50A Tj = 125C R G = 18
Min
Typ 3600 190 160 90 30 420 70 90 50 520 90 5
Max
Unit pF
ns
ns
mJ 5.5
Reverse diode ratings and characteristics
Symbol Characteristic VRRM IRM IF VF trr Qrr Er
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Min 1200
Typ
Max 250 500
Unit V A A
Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
VR=1200V
IF = 50A
50 1.4 1.3 150 250 4.5 9 2.1 4.2
1.9
V ns C mJ
July, 2006 2-5 APTGT50DU120TG - Rev 1
IF = 50A VR = 600V
di/dt =2000A/s
www.microsemi.com
APTGT50DU120TG
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K Min Typ 50 3952 Max Unit k K
RT =
R 25
1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
T: Thermistor temperature
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode
Min
Typ
Max 0.45 0.58 150 125 100 4.7 160
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To Heatsink
M5
2500 -40 -40 -40 2.5
SP4 Package outline (dimensions in mm)
ALL DIMENSIO NS MARKED " * " ARE T OLERENCED AS :
See application note APT0501 - Mounting Instructions for SP4 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGT50DU120TG - Rev 1
July, 2006
APTGT50DU120TG
Typical Performance Curve
100 80
TJ=125C
Output Characteristics (VGE =15V)
TJ=25C
Output Characteristics 100
TJ = 125C VGE =17V VGE =13V VGE=15V
80 IC (A) 60 40 20 0
IC (A)
60 40 20 0 0 0.5 1 1.5 2 VCE (V) 2.5 3 3.5
VGE =9V
0
1
2 V CE (V)
3
4
100 80 60 40 20 0 5
Transfert Characteristics 12
T J=25C TJ=125C
Energy losses vs Collector Current
VCE = 600V VGE = 15V RG = 18 TJ = 125C Eon
10 8 E (mJ) 6 4
IC (A)
Eon Er
Eoff
TJ =125C
2 0
6
7
8
9
10
11
12
0
20
40 IC (A)
60
80
100
VGE (V) Switching Energy Losses vs Gate Resistance 12 10 8 E (mJ) 6 4 2 0 0 10 20 30 40 50 60 Gate Resistance (ohms) 70 80
VCE = 600V VGE =15V IC = 50A T J = 125C
Reverse Bias Safe Operating Area 120
Eon
100 80
Eoff
IC (A)
60 40 20 0 0 300 600 900 V CE (V) 1200 1500
VGE =15V TJ=125C RG=18
Er
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.5 Thermal Impedance (C/W) 0.4 0.3 0.5 0.2 0.1 0.3 0.1 0.9 0.7
IGBT
0.05 0 0.00001
Single Pulse 0.0001 0.001 0.01 0.1 1 10
rectangular Pulse Duration (Seconds)
www.microsemi.com
4-5
APTGT50DU120TG - Rev 1
July, 2006
APTGT50DU120TG
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 IC (A) 60 70 80
hard switching ZVS ZCS VCE=600V D=50% RG=18 TJ =125C TC=75C
Forward Characteristic of diode 150 125 100 IF (A) 75 50 25 0 0 0.5 1 1.5 VF (V) 2 2.5
T J=125C T J=25C T J=125C
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.6 Thermal Impedance (C/W) 0.9 0.5 0.7 0.4 0.3 0.2 0.1 0.5 0.3 0.1 0.05 0.0001 0.001
Diode
Single Pulse 0.01 0.1 1 10
0 0.00001
rectangular Pulse Duration (Seconds)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT50DU120TG - Rev 1
July, 2006


▲Up To Search▲   

 
Price & Availability of APTGT50DU120TG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X