Part Number Hot Search : 
LVC240 1345TAPD OP400EY FPLA544G PD200561 TLSU163F TLSU163F EF6840CV
Product Description
Full Text Search
 

To Download APTGT50DH170TG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT50DH170TG
Asymmetrical - Bridge Trench + Field Stop IGBT(R) Power Module
VBUS VBUS SENSE Q1 G1 CR3
VCES = 1700V IC = 50A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Switched Reluctance Motor Drives Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * High level of integration * Internal thermistor for temperature monitoring Benefits * Stable temperature behavior * Very rugged * Solderable terminals for easy PCB mounting * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS Compliant
E1 OUT1 OUT2 Q4 G4 CR2 E4
0/VBUS SENSE
NT C1
0/VBUS
NT C2
VBUS SENSE
G4 E4
OUT2
VBUS
0/VBUS
OUT1
E1 G1
0/VBUS SENSE
NTC2 NTC1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
Reverse Bias Safe Operating Area
100A @ 1600V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-5
APTGT50DH170TG - Rev 1
Max ratings 1700 75 50 100 20 312
Unit V A V W
July, 2006
APTGT50DH170TG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 1700V Tj = 25C VGE = 15V IC = 50A Tj = 125C VGE = VCE , IC = 1mA VGE = 20V, VCE = 0V Min Typ 2.0 2.4 5.8 Max 250 2.4 6.5 400 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 900V IC = 50A R G = 10 Inductive Switching (125C) VGE = 15V VBus = 900V IC = 50A R G = 10 VGE = 15V Tj = 125C VBus = 900V IC = 50A Tj = 125C R G = 10
Min
Typ 4400 180 150 370 40 650 180 400 50 800 300 16
Max
Unit pF
ns
ns
mJ 15
Diode ratings and characteristics
Symbol Characteristic VRRM IRM IF VF trr Qrr Er
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Min 1700
Typ
Max 250 500
Unit V A A
Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
VR=1700V
IF = 50A
50 1.8 1.9 385 490 14 23 6 12
2.2
V ns C mJ
July, 2006 2-5 APTGT50DH170TG - Rev 1
IF = 50A VR = 900V di/dt =800A/s
www.microsemi.com
APTGT50DH170TG
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K Min Typ 50 3952 Max Unit k K
RT =
R 25
1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
T: Thermistor temperature
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode
Min
Typ
Max 0.4 0.7 150 125 100 4.7 160
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To Heatsink
M5
3500 -40 -40 -40 2.5
SP4 Package outline (dimensions in mm)
ALL DIMENSIO NS MARKED " * " ARE T OLERENCED AS :
See application note APT0501 - Mounting Instructions for SP4 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGT50DH170TG - Rev 1
July, 2006
APTGT50DH170TG
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 100 TJ = 125C 80 IC (A) 60 40 20 0
VGE=20V
100 80
IC (A)
T J=25C
60 40 20 0 0 0.5 1 1.5 2 2.5 VCE (V)
TJ=125C
VGE =13V V GE=15V VGE=9V
3
3.5
4
0
1
2
3 VCE (V)
4
5
100 80 60 40 20 0 5 6
Transfert Characteristics 50
TJ =25C
Energy losses vs Collector Current
V CE = 900V V GE = 15V RG = 10 T J = 125C Eon
40
T J=125C
E (mJ)
IC (A)
30 20 10 0
Eoff
TJ=125C
Er
7
8
9 V GE (V)
10
11
12
13
0
20
40 IC (A)
60
80
100
Switching Energy Losses vs Gate Resistance 50 40 E (mJ) 30 20 10
Er VCE = 900V VGE =15V IC = 50A TJ = 125C
Reverse Bias Safe Operating Area 125
Eon
100 IC (A) 75 50 25 0
V GE=15V T J=125C RG=10
Eoff
0 0 10 20 30 40 50 60 Gate Resistance (ohms) 70 80
0
400
800
1200
1600
2000
V CE (V)
0.45 Thermal Impedance (C/W) 0.4 0.35 0.3 0.25 0.2 0.15 0.1 0.05 0 0.00001 0.9 0.7 0.5 0.3
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration IGBT
0.1 0.05 0.0001 0.001
Single Pulse 0.01 0.1 1 10
rectangular Pulse Duration (Seconds)
www.microsemi.com
4-5
APTGT50DH170TG - Rev 1
July, 2006
APTGT50DH170TG
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 30 25 20 15 10 5 0 0 10 20 30 40 IC (A) 50 60 70 80
hard switching ZVS VCE =900V D=50% RG=10 T J=125C T C=75C
Forward Characteristic of diode 100 90 80 70 60 50 40 30 20 10 0 0
TJ =25C
IF (A)
ZCS
T J=125C TJ=125C
0.5
1
1.5 V F (V)
2
2.5
3
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.8 Thermal Impedance (C/W) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.7 0.5 0.3 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 1 10 0.9
Diode
0 0.00001
rectangular Pulse Duration (Seconds)
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT50DH170TG - Rev 1
Microsemi reserves the right to change, without notice, the specifications and information contained herein
July, 2006


▲Up To Search▲   

 
Price & Availability of APTGT50DH170TG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X