Part Number Hot Search : 
LVA477A AL251 MX770 CAT525LI JSOZA704 BG1102W 485NC R471G
Product Description
Full Text Search
 

To Download APTGT450A60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT450A60
Phase leg Trench + Field Stop IGBT(R) Power Module
VBUS Q1 G1
VCES = 600V IC = 450A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - M5 power connectors * High level of integration Benefits * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile
E1
OUT
Q2 G2
E2 0/VBUS
G1 E1
VBUS
0/VBUS
OUT
E2 G2
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 150C
Max ratings 600 550 450 600 20 1750 900A @ 550V
Unit V A V W
May, 2005 1-5 APTGT450A60 - Rev 0
Reverse Bias Safe Operating Area
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
APTGT450A60
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 600V Tj = 25C VGE =15V IC = 450A Tj = 150C VGE = VCE , IC = 2mA VGE = 20V, VCE = 0V Min Typ 1.4 1.5 5.8 Max 500 1.8 6.5 600 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 450A R G = 2.2 Inductive Switching (150C) VGE = 15V VBus = 300V IC = 450A R G = 2.2
Min
Typ 37 2.3 1.1 130 55 250 60 145 60 320 80 7.8 15.7
Max
Unit nF
ns
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF(A V) VF trr Qrr Maximum Reverse Leakage Current Maximum Average Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Test Conditions VR=600V
50% duty cycle
Min 600 Tj = 25C Tj = 150C Tc = 80C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C
Typ
Max 500 750
Unit V A A
IF = 450A VGE = 0V IF = 450A VR = 300V
di/dt =4000A/s
450 1.5 1.4 125 220 20.3 42.8
1.9
V ns C
APT website - http://www.advancedpower.com
2-5
APTGT450A60 - Rev 0
May, 2005
APTGT450A60
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5 IGBT Diode 2500 -40 -40 -40 3 2 Min Typ Max 0.085 0.14 175 125 100 5 3.5 280 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Package outline (dimensions in mm)
APT website - http://www.advancedpower.com
3-5
APTGT450A60 - Rev 0
May, 2005
APTGT450A60
Typical Performance Curve
1000 800
T J=125C
Output Characteristics (V GE=15V)
T J=25C
Output Characteristics 1000
TJ = 150C
800
VGE=19V
VGE=13V VGE =15V VGE =9V
IC (A)
IC (A)
600 400 200 0 0 0.5
T J=25C
TJ=150C
600 400 200 0
1 1.5 V CE (V)
2
2.5
0
0.5
1
1.5 2 VCE (V)
2.5
3
3.5
1000 800
Transfert Characteristics 35
T J=25C
Energy losses vs Collector Current 30 25 E (mJ)
VCE = 300V VGE = 15V RG = 2.2 TJ = 150C Eoff
IC (A)
600 400 200 0 5 6 7 8 V GE (V) Switching Energy Losses vs Gate Resistance 50 40
V CE = 300V V GE =15V I C = 450A T J = 150C Eoff Eon Er Eon T J=125C T J=150C TJ=25C
20 15 10 5 0 0 200 400
Eon
Eon
Er
9
10
11
600 IC (A)
800
1000
Reverse Bias Safe Operating Area 1000 800 IC (A)
E (mJ)
30 20 10 0 0 2
Eoff
600 400 200 0
VGE =15V T J=150C RG=2.2
4 6 8 10 12 Gate Resistance (ohms)
14
0
100
200
300 400 VCE (V)
500
600
700
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 0.1 Thermal Impedance (C/W)
IGBT
0.08 0.06 0.04 0.02 0.9 0.7
0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
Rectangular Pulse Duration in Seconds
APT website - http://www.advancedpower.com
4-5
APTGT450A60 - Rev 0
0.05 0 0.00001
May, 2005
0.5
APTGT450A60
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 120 100 80
ZVS ZCS VCE =300V D=50% RG=2.2 T J=150C
Forward Characteristic of diode 1000 800 600 400 200 0
T J=125C T J=150C T J=25C
60 40 20 0 0 200 400 IC (A) 600 800
Hard switching
IC (A)
T c=85C
0
0.4
0.8
1.2 VF (V)
1.6
2
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 0.16 Thermal Impedance (C/W) 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0.9 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
Diode
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
5-5
APTGT450A60 - Rev 0
May, 2005


▲Up To Search▲   

 
Price & Availability of APTGT450A60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X