Part Number Hot Search : 
HCT00 CXA35 RT2515A HEM385B PKD43A C03GV GS6B60KD SI531
Product Description
Full Text Search
 

To Download APTGT30H60T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT30H60T3
Full - Bridge Trench + Field Stop IGBT(R) Power Module
13 14
VCES = 600V IC = 30A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design * High level of integration * Internal thermistor for temperature monitoring Benefits * Stable temperature behavior * Very rugged * Solderable terminals for easy PCB mounting * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * Each leg can be easily paralleled to achieve a phase leg of twice the current capability
Q1 18 19
CR1
CR3
Q3 11 10
22 23 Q2
7 8 CR4 Q4
26 27
CR2
4 3
29 15
30
31 R1
32 16
28 27 26 25 29 30
23 22
20 19 18 16 15
31 32 2 3 4 7 8 10 11 12
14 13
All multiple inputs and outputs must be shorted together Example: 13/14 ; 29/30 ; 22/23 ...
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current TC = 25C TC = 80C TC = 25C TC = 25C TJ = 150C
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-5
APTGT30H60T3 - Rev 0,
Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operating Area
Max ratings 600 50 30 60 20 90 60A @ 550V
Unit V A V W
May, 2005
APTGT30H60T3
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 600V Tj = 25C VGE =15V IC = 30A Tj = 150C VGE = VCE , IC = 400A VGE = 20V, VCE = 0V Min Typ 1.5 1.7 5.8 Max 250 1.9 6.5 300 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Characteristic Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 30A R G = 15 Inductive Switching (150C) VGE = 15V VBus = 300V IC = 30A R G = 15
Min
Typ 1600 110 50 110 45 200 40 120 50 250 60 0.53 1.05
Max
Unit pF
ns
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VRRM IRM IF(A V) VF trr Qrr
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 150C Tc = 80C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C
Min 600
Typ
Max 250 500
Unit V A A
Maximum Reverse Leakage Current Maximum Average Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
VR=600V
50% duty cycle
IF = 30A VGE = 0V IF = 30A VR = 300V
di/dt =1800A/s
30 1.6 1.5 120 210 1.5 3.1
2 V ns C
May, 2005 2-5 APTGT30H60T3 - Rev 0,
APT website - http://www.advancedpower.com
APTGT30H60T3
Temperature sensor NTC (see application note APT0406 on www.advancedpower.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K Min Typ 50 3952 Max Unit k K
RT =
R 25
1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
T: Thermistor temperature
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode
Min
Typ
Max 1.6 2.45 175 125 100 4.7 110
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To heatsink
M4
2500 -40 -40 -40 1.5
Package outline (dimensions in mm)
APT website - http://www.advancedpower.com
3-5
APTGT30H60T3 - Rev 0,
1
12
May, 2005
17
28
APTGT30H60T3
Typical Performance Curve
60 50
T J=125C
Output Characteristics (V GE=15V)
T J=25C
Output Characteristics 60
TJ = 150C VGE=19V
50
T J=150C
IC (A)
40 30 20 10 0 0 0.5 1
T J=25C
40 IC (A) 30 20
VGE =13V VGE=15V
VGE =9V
10 0
1.5 V CE (V)
2
2.5
3
0
0.5
1
1.5 2 VCE (V)
2.5
3
3.5
60 50 40
Transfert Characteristics 2
T J=25C
Energy losses vs Collector Current
VCE = 300V VGE = 15V RG = 15 T J = 150C Eoff
1.5 E (mJ) IC (A) 1 0.5
TJ=25C
Eon
30 20 10 0 5 6 7 8 9 10 11 12 V GE (V) Switching Energy Losses vs Gate Resistance 3.5 3 2.5
VCE = 300V VGE =15V IC = 30A T J = 150C
Eon
T J=125C TJ =150C
Er Eon
0 0 10 20 30 IC (A) Reverse Bias Safe Operating Area 70 60 50
Eoff
40
50
60
E (mJ)
1.5 1 0.5 0 10
Eoff Eon Er
IC (A)
2
40 30 20 10 0
VGE =15V TJ=150C RG=15
20
30 40 50 60 70 Gate Resistance (ohms)
80
90
0
100
200
300 400 V CE (V)
500
600
700
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 1.8 Thermal Impedance (C/W) 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10 0.7 0.5 0.9 IGBT
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
APT website - http://www.advancedpower.com
4-5
APTGT30H60T3 - Rev 0,
May, 2005
APTGT30H60T3
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 120 100 80 60 40 20 0 0 10 20 IC (A) 30 40
Hard switching ZCS ZVS V CE =300V D=50% RG=15 T J=150C
Forward Characteristic of diode 60 50 40 IC (A) 30 20 10
T J=25C TJ=125C TJ=150C
T c=85C
0 0 0.4 0.8 1.2 1.6 VF (V) 2 2.4
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 3 Thermal Impedance (C/W)
Diode
2.5 2 1.5 1 0.5 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 1 10
0 0.00001
Rectangular Pulse Duration in Seconds
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
5-5
APTGT30H60T3 - Rev 0,
May, 2005


▲Up To Search▲   

 
Price & Availability of APTGT30H60T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X