Part Number Hot Search : 
CA9011 KBPC10XX AK4536VN IRFZ4 LBN09019 E130A MD7540 KSMF2N60
Product Description
Full Text Search
 

To Download APTGT30H170T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT30H170T3
Full - Bridge
Trench IGBT Power Module
13 14
(R)
VCES = 1700V IC = 30A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Low stray inductance * High level of integration * Internal thermistor for temperature monitoring Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Low profile * Easy paralleling due to positive TC of VCEsat * Each leg can be easily paralleled to achieve a phase leg of twice the current capability
Q1 18 19
CR1
CR3
Q3 11 10
22 23 Q2
7 8 CR4 Q4
26 27
CR2
4 3
29 15
30
31 R1
32 16
28 27 26 25 29 30
23 22
20 19 18 16 15
31 32 2 3 4 7 8 10 11 12
14 13
All multiple inputs and outputs must be shorted together Example: 13/14 ; 29/30 ; 22/23 ...
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
Max ratings 1700 45 30 70 20 210 120A@1600V
Unit V A V W
September, 2004 1-5 APTGT30H170T3 - Rev 0
Reverse Bias Safe Operation Area
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
APTGT30H170T3
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic BVCES ICES VCE(on) VGE(th) IGES Symbol Cies Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Test Conditions Min Collector - Emitter Breakdown Voltage Zero Gate Voltage Collector Current Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current VGE = 0V, IC = 1.5mA VGE = 0V, VCE = 1700V Tj = 25C VGE = 15V IC = 30A Tj = 125C VGE = VCE , IC = 1.5mA VGE = 20V, VCE = 0V Test Conditions VGE = 0V, VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 900V IC = 30A R G = 18 Inductive Switching (125C) VGE = 15V VBus = 900V IC = 30A R G = 18
1700
Typ
Max 3 2.4 6.4 600
Unit V mA V V nA
5.2
2.0 2.4 5.8
Dynamic Characteristics
Characteristic Input Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Min
Typ 2500 90 100 70 650 80 100 70 750 100 18 19
Max
Unit pF
ns
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM VF Er Qrr Maximum Reverse Leakage Current Diode Forward Voltage Reverse Recovery Energy Reverse Recovery Charge
Test Conditions VR=1700V IF = 50A VGE = 0V IF = 50A VR = 900V di/dt =990A/s IF = 50A VR = 900V di/dt =990A/s Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Min 1700
Typ
Max 250 500 2.2
Unit V A V mJ C
1.8 1.9 8 15 18 29
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.16 K
Min
Typ 68 4080
Max
Unit k K
RT =
R 25
APT website - http://www.advancedpower.com
2-5
APTGT30H170T3 - Rev 0
1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
T: Thermistor temperature
September, 2004
Temperature sensor NTC
APTGT30H170T3
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode 3500 -40 -40 -40 Min Typ Max 0.6 0.9 150 125 100 4.7 110 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To heatsink
M4
Package outline
1
APT website - http://www.advancedpower.com
3-5
APTGT30H170T3 - Rev 0
September, 2004
17 12
28
APTGT30H170T3
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 60 50
T J=25C TJ =125C
80 70 60
IC (A) IC (A)
TJ = 125C
VGE=17V
50 40 30 20 10 0 0 0.5 1 1.5
40
VGE=15V
30
VGE=13V
20 10 0
V GE=9V
2 2.5 VCE (V)
3
3.5
4
0
1
2
3 VCE (V)
4
5
Transfert Characteristics 80 60 50 60 IC (A)
T J=25C
Energy losses vs Collector Current
VCE = 900V VGE = 15V RG = 18 TJ = 125C Eon
40 E (mJ) 30 20 10 0
40
TJ=125C
Eoff
Er
20
0 5 6 7 8 V GE (V) Switching Energy Losses vs Gate Resistance 80
VCE = 900V VGE =15V IC = 30A TJ = 125C Eon
9
10
11
0
20
40 IC (A)
60
80
100
Reverse Safe Operating Area 140 120 100 IC (A) 80 60 40
V GE=15V T J=125C RG=18
60 E (mJ)
40
Eoff
20
Er
20 0 0
0 0 20 40 60 80 100 Gate Resistance (ohms) 120
400
800
1200
1600
V CE (V)
0.7 Thermal Impedance (C/W) 0.6 0.5 0.4 0.3 0.2 0.1 0 0.00001 0.5 0.3 0.1 0.05 0.9 0.7
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration IGBT
Single Pulse 0.0001 0.001 0.01 0.1 1 10
rectangular Pulse Duration (Seconds)
APT website - http://www.advancedpower.com
4-5
APTGT30H170T3 - Rev 0
September, 2004
APTGT30H170T3
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 45 40 35 30 25 20 15 10 5 0 0
hard switching ZCS ZVS V CE=900V D=50% RG =18 T J=125C T C=75C
Forward Characteristic of diode 100 80 60 40 20 0
T J=125C
T J=25C
I C (A)
10
20
30 IC (A)
40
50
60
0
0.5
1
1.5 V F (V)
2
2.5
3
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration Thermal Impedance (C/W) 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.9 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
Diode
0.05 0 0.00001
rectangular Pulse Duration (Seconds)
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
5-5
APTGT30H170T3 - Rev 0
September, 2004


▲Up To Search▲   

 
Price & Availability of APTGT30H170T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X