Part Number Hot Search : 
ZPY18 SKIIP3 GDZ30 2SK1726 MCF52259 GRM21BC 20206 HMC33306
Product Description
Full Text Search
 

To Download APTGT300DH60G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT300DH60G
Asymmetrical - Bridge Trench + Field Stop IGBT(R) Power Module
VBUS Q1 G1 CR3
VCES = 600V IC = 300A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Switched Reluctance Motor Drives Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - M5 power connectors * High level of integration Benefits * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS Compliant
E1
OUT1 OUT2
Q4 G4 CR2 E4
0/VBUS
OUT1 G1 E1 VBUS 0/VBUS
E4 G4 OUT2
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 150C
Reverse Bias Safe Operating Area
600A @ 550V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-5
APTGT300DH60G - Rev 1
June, 2006
Max ratings 600 430 300 500 20 1150
Unit V A V W
APTGT300DH60G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 600V Tj = 25C VGE =15V IC = 300A Tj = 150C VGE = VCE , IC = 1.5 mA VGE = 20V, VCE = 0V Min Typ 1.4 1.5 5.8 Max 350 1.8 6.5 500 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 300A R G = 1.8 Inductive Switching (150C) VGE = 15V VBus = 300V IC = 300A R G = 1.8 VGE = 15V VBus = 300V IC = 300A R G = 1.8 Tj = 25C Tj = 150C Tj = 25C Tj = 150C
Min
Typ 24 1.5 0.75 115 45 200 55 120 50 250 70 1.5 2.7 8.55 10.5
Max
Unit nF
ns
ns
mJ mJ
Diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF trr Qrr Er Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
Test Conditions VR=600V IF = 300A VGE = 0V Tj = 25C Tj = 150C Tc = 80C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C
Min 600
Typ
Max 150 400
Unit V A A
di/dt =3100A/s
mJ
www.microsemi.com
2-5
APTGT300DH60G - Rev 1
June, 2006
IF = 300A VR = 300V
300 1.5 1.4 130 225 13.5 28.5 3.5 7.1
1.9
V ns C
APTGT300DH60G
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5 IGBT Diode 2500 -40 -40 -40 3 2 Min Typ Max 0.13 0.21 175 125 100 5 3.5 280 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
SP6 Package outline (dimensions in mm)
www.microsemi.com
3-5
APTGT300DH60G - Rev 1
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com
June, 2006
APTGT300DH60G
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 600
T J = 150C VGE =13V VGE=15V
600
T J=25C
500
T J=125C
500
TJ =150C
IC (A)
400 300 200 100
TJ=25C
400 IC (A) 300 200 100 0
VGE =19V
VGE=9V
0 0 0.5 1 1.5 VCE (V) 2 2.5
0
0.5
1
1.5 2 V CE (V)
2.5
3
3.5
600 500 400
Transfert Characteristics 20
T J=25C
Energy losses vs Collector Current 17.5 15 E (mJ) 12.5 10 7.5 5 2.5 0 11 0 100 200 300 IC (A) Reverse Bias Safe Operating Area 700 600 400
VCE = 300V VGE = 15V RG = 1.8 TJ = 150C Eoff
Er
IC (A)
300 200
TJ =125C T J=150C
100 0 5 6 7 8 VGE (V)
T J=25C
Eon
9
10
500
600
Switching Energy Losses vs Gate Resistance 20
VCE = 300V VGE =15V IC = 300A T J = 150C Eoff
15 E (mJ)
Eon
500 IC (A) 400 300 200 100 0 12 0
VGE =15V TJ =150C RG=1.8
10
5
Eon
Er
0 0 2 4 6 8 10 Gate Resistance (ohms)
100
200
300 400 VCE (V)
500
600
700
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.14 Thermal Impedance (C/W) 0.12 0.1 0.08 0.06 0.04 0.02 0.1 0.05 0 0.00001 Single Pulse 0.0001 0.001 0.01 0.1 1 10 0.9 IGBT 0.7 0.5 0.3
Rectangular Pulse Duration in Seconds
www.microsemi.com
4-5
APTGT300DH60G - Rev 1
June, 2006
APTGT300DH60G
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 120 100 80 60 40 20 0 0 100 200 300 400 500 IC (A)
Hard switching ZCS ZVS VCE=300V D=50% RG=1.8 TJ =150C
Forward Characteristic of diode 600 500 400 IF (A) 300 200 100 0 0 0.4 0.8 1.2 V F (V) 1.6 2
T J=125C T J=150C TJ =25C
Tc=85C
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.25 Thermal Impedance (C/W)
Diode
0.2 0.15 0.1 0.05 0.9 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT300DH60G - Rev 1
June, 2006


▲Up To Search▲   

 
Price & Availability of APTGT300DH60G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X