Part Number Hot Search : 
C31BP 74LS2 AS3024 41010 SP516 F500313 102MP3 74LS2
Product Description
Full Text Search
 

To Download APTGT300A170G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT300A170G
Phase leg Trench + Field Stop IGBT(R) Power Module
VBUS Q1 G1
VCES = 1700V IC = 300A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - M5 power connectors * High level of integration Benefits * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS Compliant
E1
OUT
Q2 G2
E2 0/VBUS
G1 E1
VBUS
0/VBUS
OUT
E2 G2
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
V W
Reverse Bias Safe Operating Area
600A @ 1600V
APTGT300A170G - Rev 1
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-5
July, 2006
Max ratings 1700 400 300 600 20 1660
Unit V A
APTGT300A170G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 1700V Tj = 25C VGE = 15V IC = 300A Tj = 125C VGE = VCE , IC = 5mA VGE = 20V, VCE = 0V Min Typ 2.0 2.4 5.8 Max 750 2.4 6.5 600 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 900V IC = 300A R G = 2.2 Inductive Switching (125C) VGE = 15V VBus = 900V IC = 300A R G = 2.2 VGE = 15V Tj = 125C VBus = 900V IC = 300A Tj = 125C R G = 2.2
Min
Typ 26.5 1.1 0.88 370 40 650 180 400 50 800 300 96
Max
Unit nF
ns
ns
mJ 94
Reverse diode ratings and characteristics
Symbol Characteristic VRRM IRM IF VF trr Qrr Er
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Min 1700
Typ
Max 750 1000
Unit V A A
Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
VR=1700V
IF = 300A
300 1.8 1.9 385 490 76 124 35 70
2.2
V ns C mJ
July, 2006 2-5 APTGT300A170G - Rev 1
IF = 300A VR = 900V
di/dt =3200A/s
www.microsemi.com
APTGT300A170G
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt
Thermal and package characteristics
Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5 IGBT Diode
Min
Typ
Max 0.075 0.14 150 125 100 5 3.5 280
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
3500 -40 -40 -40 3 2
SP6 Package outline (dimensions in mm)
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGT300A170G - Rev 1
July, 2006
APTGT300A170G
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 600 500 400 IC (A)
TJ=125C VGE =13V TJ = 125C VGE =20V
600 500
IC (A)
T J=25C
400 300 200 100 0 0 1 2 VCE (V) 3 4
300
VGE=15V
200 100 0 0 1 2 3 V CE (V) 4 5
VGE=9V
Transfert Characteristics 600 500 400 IC (A) 300 200 100 0 5 6 7 8 9 V GE (V) Switching Energy Losses vs Gate Resistance 240 200 160 E (mJ) 120 80 40 0 0 3 6 9 12 Gate Resistance (ohms) 15
VCE = 900V VGE =15V IC = 300A T J = 125C Eon TJ=125C T J=125C TJ=25C
240 200 160 E (mJ) 120
Energy losses vs Collector Current
VCE = 900V VGE = 15V RG = 2.2 T J = 125C Eon Eoff
Er
80 40 0 10 11 12 13 0 100 200 300 IC (A) Reverse Bias Safe Operating Area 700 600 500 IC (A) 400 300 200 100 0 0 400 800 1200 1600 2000 VCE (V)
V GE=15V T J=125C RG=2.2 Eoff Er
400
500
600
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.08 Thermal Impedance (C/W) 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0.1 0.05 0 0.00001 Single Pulse 0.0001 0.001 0.01 0.1 1 10 0.5 0.3 0.9 0.7
IGBT
rectangular Pulse Duration (Seconds)
www.microsemi.com
4-5
APTGT300A170G - Rev 1
July, 2006
APTGT300A170G
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 20
VCE=900V D=50% RG =2.2 TJ=125C TC=75C
Forward Characteristic of diode 600 500
TJ=25C
15
ZVS
400 IF (A) 300
T J=125C
10
ZCS
200 100 0 160 240 IC (A) 320 400 480 0 0.5 1 1.5 V F (V) 2 2.5 3
T J=125C
5
hard switching
0 0 80
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.16 Thermal Impedance (C/W) 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0.7 0.5 0.3 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 1 10 0.9
Diode
0 0.00001
rectangular Pulse Duration (Seconds)
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT300A170G - Rev 1
Microsemi reserves the right to change, without notice, the specifications and information contained herein
July, 2006


▲Up To Search▲   

 
Price & Availability of APTGT300A170G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X