Part Number Hot Search : 
FW233 MMBT4403 N0468 ER301 MMBT4403 ZY18V L7422 MJW21195
Product Description
Full Text Search
 

To Download APTGT150TA60PG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT150TA60PG
Triple phase leg Trench + Field Stop IGBT(R) Power Module
VBUS1 VBUS2 VBUS3
VCES = 600V IC = 150A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control
W
G1
G3
G5
E1
U
E3
V
E5
G2
G4
G6
E2 0/VBUS1
E4 0/VBUS2
E6 0/VBUS3
Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * High level of integration Benefits * Stable temperature behavior * Very rugged * Solderable terminals for easy PCB mounting * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Very low (12mm) profile * Each leg can be easily paralleled to achieve a phase leg of three times the current capability * Module can be configured as a three phase bridge * Module can be configured as a boost followed by a full bridge * RoHS Compliant Max ratings 600 225 150 350 20 480 300A @ 550V Unit V A V W
June, 2006 1-5 APTGT150TA60PG - Rev 1
VBUS 1
VBUS 2
VBUS 3
G1 0/VBUS 1 E1 E2 G2 0/VBUS 2
G3 E3 E4 G4 0/VBUS 3
G5 E5 E6 G6
U
V
W
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 150C
Reverse Bias Safe Operating Area
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTGT150TA60PG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 600V Tj = 25C VGE =15V IC = 150A Tj = 150C VGE = VCE , IC = 1.5 mA VGE = 20V, VCE = 0V Min Typ 1.5 1.7 5.8 Max 250 1.9 6.5 400 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 150A R G = 3.3 Inductive Switching (150C) VGE = 15V VBus = 300V IC = 150A R G = 3.3 VGE = 15V VBus = 300V IC = 150A R G = 3.3 Tj = 25C Tj = 150C Tj = 25C Tj = 150C
Min
Typ 9200 580 270 115 45 225 55 130 50 300 70 0.85 1.5 4.1 5.3
Max
Unit pF
ns
ns
mJ mJ
Reverse diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF trr Qrr Er Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
Test Conditions VR=600V IF = 150A VGE = 0V Tj = 25C Tj = 150C Tc = 80C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C
Min 600
Typ
Max 250 500
Unit V A A
C mJ
di/dt =3000A/s
www.microsemi.com
2-5
APTGT150TA60PG - Rev 1
June, 2006
IF = 150A VR = 300V
150 1.6 1.5 130 225 6.9 14.5 1.6 3.5
2
V ns
APTGT150TA60PG
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode 2500 -40 -40 -40 3 Min Typ Max 0.31 0.52 175 125 100 5 250 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To heatsink
M6
SP6-P Package outline (dimensions in mm)
5 places (3:1)
See application note 1902 - Mounting Instructions for SP6-P (12mm) Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGT150TA60PG - Rev 1
June, 2006
APTGT150TA60PG
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 300
T J = 150C VG E=19V
300
TJ=25C
250
TJ=125C
250
TJ =150C
IC (A)
200 150 100 50 0 0 0.5 1
TJ=25C
200 IC (A) 150 100
VGE=13V VGE=15V
VGE=9V
50 0
1.5 VCE (V)
2
2.5
3
0
0.5
1
1.5 2 VCE (V)
2.5
3
3.5
300 250 200
Transfert Characteristics 10
T J=25C
Energy losses vs Collector Current
VCE = 300V VGE = 15V R G = 3.3 T J = 150C Eoff
8 E (mJ) 6
IC (A)
150 100 50 0 5 6 7 8
TJ=125C TJ=150C TJ=25C
Er
4
Eon
2 0 11 12 0 50 100 150 IC (A) Reverse Bias Safe Operating Area 350
Eon Eoff Eoff
9
10
200
250
300
VGE (V) Switching Energy Losses vs Gate Resistance 12 10 E (mJ) 8 6 4 2
Eon Er VCE = 300V VG E =15V I C = 150A T J = 150C
300 250 IF (A) 200 150 100 50 0 25 0
VGE=15V TJ=150C RG =3.3
0 0 5 10 15 20 Gate Resistance (ohms)
100
200
300 400 VCE (V)
500
600
700
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 0.9 0.7
IGBT
0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
Rectangular Pulse Duration in Seconds
www.microsemi.com
4-5
APTGT150TA60PG - Rev 1
0.05 0 0.00001
June, 2006
0.5
APTGT150TA60PG
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 120 100 80 60 40 20 0 0 50 100 IC (A) 150 200
Hard switching ZCS ZVS VCE=300V D=50% RG=3.3 T J=150C
Forward Characteristic of diode 300 250 200 IC (A) 150 100 50
T J=25C T J=125C T J=150C
T c=85C
0 0 0.4 0.8 1.2 1.6 V F (V) 2 2.4
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.6 Thermal Impedance (C/W) 0.5 0.4 0.3 0.2 0.1 0.9 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
Diode
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT150TA60PG - Rev 1
Microsemi reserves the right to change, without notice, the specifications and information contained herein
June, 2006


▲Up To Search▲   

 
Price & Availability of APTGT150TA60PG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X