Part Number Hot Search : 
CY14B10 K2050 FM102SPT UDN2987 105M5 54HC13 140AGB PJ20168L
Product Description
Full Text Search
 

To Download APTGT150DA60TG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT150DA60TG
Boost chopper Trench + Field Stop IGBT(R) Power Module
VB US SENS E VBUS NT C2
VCES = 600V IC = 150A @ Tc = 80C
Application * AC and DC motor control * Switched Mode Power Supplies * Power Factor Correction Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * High level of integration * Internal thermistor for temperature monitoring Benefits * Stable temperature behavior * Very rugged * Solderable terminals for easy PCB mounting * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile
CR1
OUT Q2 G2
E2
0/VBU S
NT C1
G2 E2
OUT
VBUS
0/VBUS
OUT
VBUS SENSE
E2 G2
NTC2 NTC1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 150C
V W
Reverse Bias Safe Operating Area
300A @ 550V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-5
APTGT150DA60TG - Rev 1
June, 2006
Max ratings 600 225 150 350 20 480
Unit V A
APTGT150DA60TG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 600V Tj = 25C VGE =15V IC = 150A Tj = 150C VGE = VCE , IC = 1.5 mA VGE = 20V, VCE = 0V Min Typ 1.5 1.7 5.8 Max 250 1.9 6.5 400 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 150A R G = 3.3 Inductive Switching (150C) VGE = 15V VBus = 300V IC = 150A R G = 3.3 VGE = 15V VBus = 300V IC = 150A R G = 3.3 Tj = 25C Tj = 150C Tj = 25C Tj = 150C
Min
Typ 9200 580 270 115 45 225 55 130 50 300 70 0.85 1.5 4.1 5.3
Max
Unit pF
ns
ns
mJ mJ
Chopper diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF trr Qrr Er Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
Test Conditions VR=600V Tj = 25C Tj = 150C Tc = 80C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C
Min 600
Typ
Max 250 500
Unit V A A
IF = 150A VGE = 0V
IF = 150A VR = 300V
di/dt =3000A/s
www.microsemi.com
2-5
APTGT150DA60TG - Rev 1
150 1.6 1.5 130 225 6.9 14.5 1.6 3.5
2
V ns C mJ
June, 2006
APTGT150DA60TG
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K Min Typ 50 3952 Max Unit k K
RT =
R 25
1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
T: Thermistor temperature
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode
Min
Typ
Max 0.31 0.52 175 125 100 4.7 160
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To Heatsink
M5
2500 -40 -40 -40 2.5
SP4 Package outline (dimensions in mm)
See application note APT0501 - Mounting Instructions for SP4 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGT150DA60TG - Rev 1
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
June, 2006
APTGT150DA60TG
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 300
T J = 150C VG E=19V
300
TJ=25C
250
TJ=125C
250
TJ =150C
IC (A)
200 150 100 50 0 0 0.5 1
TJ=25C
200 IC (A) 150 100
VGE=13V VGE=15V
VGE=9V
50 0
1.5 VCE (V)
2
2.5
3
0
0.5
1
1.5 2 VCE (V)
2.5
3
3.5
300 250 200
Transfert Characteristics 10
T J=25C
Energy losses vs Collector Current
VCE = 300V VGE = 15V R G = 3.3 T J = 150C Eoff
8 E (mJ) 6
IC (A)
150 100 50 0 5 6 7 8
TJ=125C TJ=150C TJ=25C
Er
4
Eon
2 0 11 12 0 50 100 150 IC (A) Reverse Bias Safe Operating Area 350
Eon Eoff Eoff
9
10
200
250
300
VGE (V) Switching Energy Losses vs Gate Resistance 12 10 E (mJ) 8 6 4 2
Eon Er VCE = 300V VG E =15V I C = 150A T J = 150C
300 250 IF (A) 200 150 100 50 0 25 0
VGE=15V TJ=150C RG =3.3
0 0 5 10 15 20 Gate Resistance (ohms)
100
200
300 400 VCE (V)
500
600
700
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 0.9 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
IGBT
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
www.microsemi.com
4-5
APTGT150DA60TG - Rev 1
June, 2006
APTGT150DA60TG
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 120 100 80 60 40 20 0 0 50 100 IC (A) 150 200
Hard switching ZCS ZVS VCE=300V D=50% RG=3.3 T J=150C
Forward Characteristic of diode 300 250 200 IC (A) 150 100 50
T J=25C T J=125C T J=150C
T c=85C
0 0 0.4 0.8 1.2 1.6 V F (V) 2 2.4
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.6 Thermal Impedance (C/W) 0.5 0.4 0.3 0.2 0.1 0.9 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
Diode
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT150DA60TG - Rev 1
Microsemi reserves the right to change, without notice, the specifications and information contained herein
June, 2006


▲Up To Search▲   

 
Price & Availability of APTGT150DA60TG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X