Part Number Hot Search : 
74HCT04A 85C82 OBTS917 1N752 HJP2060 99602E3 SAA7108E S23A0
Product Description
Full Text Search
 

To Download APTGT100A60T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT100A60T
Phase leg Trench + Field Stop IGBT(R) Power Module
VBUS Q1 G1 NT C2
VCES = 600V IC = 100A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * High level of integration * Internal thermistor for temperature monitoring Benefits * Stable temperature behavior * Very rugged * Solderable terminals for easy PCB mounting * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile
E1 OUT Q2 G2
E2
0/VBU S
NT C1
G2 E2
OUT
VBUS
0/VBUS
OUT
E1 G1
E2 G2
NTC2 NTC1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 150C
V W
Reverse Bias Safe Operating Area
200A @ 550V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-5
APTGT100A60T - Rev 0
May, 2005
Max ratings 600 150 100 200 20 340
Unit V A
APTGT100A60T
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 600V Tj = 25C VGE =15V IC = 100A Tj = 150C VGE = VCE , IC = 1.5 mA VGE = 20V, VCE = 0V Min Typ 1.5 1.7 5.8 Max 250 1.9 6.5 400 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 100A R G = 10 Inductive Switching (150C) VGE = 15V VBus = 300V IC = 100A R G = 10
Min
Typ 6100 390 190 115 45 225 55 130 50 300 70 1.8 3.5
Max
Unit pF
ns
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF(A V) VF trr Qrr Maximum Reverse Leakage Current Maximum Average Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Test Conditions VR=600V
50% duty cycle
Min 600 Tj = 25C Tj = 150C Tc = 80C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C
Typ
Max 250 500
Unit V A A
IF = 100A VGE = 0V IF = 100A VR = 300V
di/dt =2000A/s
100 1.6 1.5 125 220 4.7 9.9
2
V ns C
APT website - http://www.advancedpower.com
2-5
APTGT100A60T - Rev 0
May, 2005
APTGT100A60T
Temperature sensor NTC (see application note APT0406 on www.advancedpower.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K Min Typ 50 3952 Max Unit k K
RT =
R 25
1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
T: Thermistor temperature
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode
Min
Typ
Max 0.44 0.77 175 125 100 4.7 160
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To Heatsink
M5
2500 -40 -40 -40 1.5
Package outline (dimensions in mm)
APT website - http://www.advancedpower.com
3-5
APTGT100A60T - Rev 0
May, 2005
APTGT100A60T
Typical Performance Curve
200 175 150
IC (A) Output Characteristics (V GE=15V)
T J=25C TJ=125C
Output Characteristics 200 175 150 IC (A)
T J = 150C VGE=19V
125 100 75 50 25 0 0 0.5 1
TJ=25C
T J=150C
125 100 75 50 25 0
V GE=13V VGE =15V
VGE =9V
1.5 V CE (V)
2
2.5
3
0
0.5
1
1.5 2 V CE (V)
2.5
3
3.5
200 175 150 125 IC (A) 100 75 50 25 0 5
Transfert Characteristics 7
TJ=25C
Energy losses vs Collector Current 6 5 E (mJ) 4 3 2
Er Eon V CE = 300V V GE = 15V RG = 10 T J = 150C Eoff Eon
TJ=125C T J=150C TJ=25C
1 0 11 12 0 25 50 75
6
7
8
9
10
100 125 150 175 200 IC (A)
V GE (V) Switching Energy Losses vs Gate Resistance 12 10 E (mJ) 8 6 4
Eon VCE = 300V VGE =15V IC = 100A TJ = 150C
Reverse Bias Safe Operating Area 250
Eon
200
Eoff
Eoff
IC (A)
150 100
2 0 0 10 20 30 40 50 Gate Resistance (ohms)
Er
50 0 60 0
VGE=15V T J=150C RG=10
100
200
300 400 VCE (V)
500
600
700
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 0.5 Thermal Impedance (C/W) 0.4 0.3 0.5 0.2 0.1 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10 0.9 0.7 IGBT
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
APT website - http://www.advancedpower.com
4-5
APTGT100A60T - Rev 0
May, 2005
APTGT100A60T
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 120 100
ZCS VCE =300V D=50% RG=10 TJ=150C
Forward Characteristic of diode 200 175 150 125 IC (A) 100 75
T J=125C T J=150C
80 60 40 20 0 0 25 50 75 IC (A)
Hard switching ZVS
Tc=85C
50 25 0 100 125 150 0
T J=25C
0.4
0.8
1.2 1.6 VF (V)
2
2.4
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 0.8 Thermal Impedance (C/W) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.9 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
Diode
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
5-5
APTGT100A60T - Rev 0
May, 2005


▲Up To Search▲   

 
Price & Availability of APTGT100A60T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X