Part Number Hot Search : 
P5NC50FP SDUR2020 CY7C470 N4R7M LXT917 16C45 CS142 DL0365
Product Description
Full Text Search
 

To Download APTGF75H120TG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGF75H120TG
Full - Bridge NPT IGBT Power Module
VBUS Q1 Q3
VCES = 1200V IC = 75A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control
G1
G3
E1 Q2
OUT1
OUT2 Q4
E3
G2
G4
E2 NTC1 NTC2
E4 0/VBUS
Features * Non Punch Through (NPT) Fast IGBT(R) - Low voltage drop - Low tail current - Switching frequency up to 50 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * Internal thermistor for temperature monitoring * High level of integration Benefits * Outstanding performance at high frequency operation * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS compliant Max ratings 1200 100 75 150 20 500 150A @ 1200V Unit V
APTGF75H120TG - Rev 2 July, 2006
G3 E3
G4 E4
OUT2
VBUS
0/VBUS
OUT1
E1 G1
E2 G2
NTC2 NTC1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Tc = 25C Tc = 80C Tc = 25C Tc = 25C Tj = 150C
A V W
Reverse Bias Safe Operating Area
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-5
APTGF75H120TG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions Tj = 25C VGE = 0V VCE = 1200V Tj = 125C Tj = 25C VGE =15V IC = 75A Tj = 125C VGE = VCE, IC = 2.5 mA VGE = 20V, VCE = 0V Min Typ Max 250 500 3.7 6.5 500 Unit A V V nA
3.2 3.9 4.5
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 600V IC = 75A R G = 7.5 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 75A R G = 7.5 VGE = 15V Tj = 125C VBus = 600V IC = 75A Tj = 125C R G = 7.5
Min
Typ 5.1 0.7 0.4 120 50 310 20 130 60 360 30 9
Max
Unit nF
ns
ns
mJ 4
Reverse diode ratings and characteristics
Symbol Characteristic VRRM IRM IF VF trr Qrr Er
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C IF = 50A VR = 600V Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Min 1200
Typ
Max 250 500
Unit V A A V ns C mJ
APTGF75H120TG - Rev 2 July, 2006
Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
VR=1200V
IF = 50A
50 2.1 1.9 95 190 4.2 9 1.5 3
di/dt =1500A/s
www.microsemi.com
2-5
APTGF75H120TG
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K Min Typ 50 3952 Max Unit k K
RT =
R 25
1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
T: Thermistor temperature
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt
Thermal and package characteristics
Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode
Min
Typ
Max 0.25 0.6 150 125 100 4.7 160
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To heatsink
M5
2500 -40 -40 -40 2.5
SP4 Package outline (dimensions in mm)
ALL DIMENSIO NS MARKED " * " ARE T OLERENCED AS :
See application note APT0501 - Mounting Instructions for SP4 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGF75H120TG - Rev 2 July, 2006
APTGF75H120TG
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 150 125 100 IC (A)
VGE =12V TJ = 125C VGE=20V VGE=15V
150 125
IC (A)
T J=25C
100 75 50 25 0 0 1 2 3 VCE (V) 4 5 6
TJ =125C
75 50 25 0 0 1 2 3 4 V CE (V) 5 6
VGE=9V
Transfert Characteristics 150 125 100 E (mJ) IC (A) 75 50 25 0 5 6 7 8 9 10 11 12 V GE (V) Switching Energy Losses vs Gate Resistance 35 30 25 E (mJ) 20 15 10 5 0 0 10 20 30 40 50 Gate Resistance (ohms) 60 70
Eoff V CE = 600V V GE =15V I C = 75A T J = 125C Eon T J=25C T J=125C
Energy losses vs Collector Current 28 24 20 16 12 8 4 0 0 25 50 75 IC (A) Reverse Bias Safe Operating Area 175 150 125 IC (A) 100 75 50 25 0 0 300 600 900 1200 1500 V CE (V)
VGE=15V T J=125C RG=7.5 Eoff Er V CE = 600V V GE = 15V RG = 7.5 T J = 125C
Eon
100
125
150
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.3 Thermal Impedance (C/W) 0.25 0.2 0.15 0.1 0.05 0.9 0.7 0.5 0.3 0.1 0.05 0 0.00001 0.0001 0.001 Single Pulse 0.01 0.1 1 10
IGBT
rectangular Pulse Duration (Seconds)
www.microsemi.com
4-5
APTGF75H120TG - Rev 2 July, 2006
APTGF75H120TG
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 100 90 80 70 60 50 40 30 20 10 0 0
ZVS V CE=600V D=50% RG =7.5 T J=125C T C=75C
Forward Characteristic of diode 125 100 75 50 25 0
T J=25C
hard switching
IC (A)
ZCS
T J=125C
20
40 60 IC (A)
80
100
0
0.5
1
1.5 VF (V)
2
2.5
3
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.7 Thermal Impedance (C/W) 0.6 0.5 0.4 0.3 0.2 0.1 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10
Diode
0.9 0.7
0 0.00001
rectangular Pulse Duration (Seconds)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGF75H120TG - Rev 2 July, 2006


▲Up To Search▲   

 
Price & Availability of APTGF75H120TG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X