Part Number Hot Search : 
A1103 G23AS2 0100A 80C51 0222821 001001 2110A2 N4936
Product Description
Full Text Search
 

To Download APTGF660U60D4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGF660U60D4
Single switch NPT IGBT Power Module
1
VCES = 600V IC = 660A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Non Punch Through (NPT) fast IGBT - Low voltage drop - Low tail current - Switching frequency up to 50 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Low stray inductance - M6 connectors for power - M4 connectors for signal * High level of integration Benefits * Outstanding performance at high frequency operation * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat
3 5 2
2 4 5
1
3
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
V W
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-3
APTGF660U60D4 - Rev 0
Reverse Bias Safe Operation Area
1100A@520V
January, 2005
Max ratings 600 825 660 1100 20 2770
Unit V A
APTGF660U60D4
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(on) VGE(th) IGES Symbol Cies Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Zero Gate Voltage Collector Current Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V VCE = 600V Tj = 25C Tj = 125C Tj = 25C VGE = 15V IC = 660A Tj = 125C VGE = VCE , IC = 6mA VGE = 20V, VCE = 0V Test Conditions VGE = 0V, VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 800A R G = 4.7 Inductive Switching (125C) VGE = 15V VBus = 300V IC = 800A R G = 4.7 Min Typ 1 1 1.95 2.2 5.5 Max 500 2.45 6.5 400 Unit A mA V V nA
4.5
Dynamic Characteristics
Characteristic Input Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy
Min
Typ 36 3.2 210 86 420 83 250 93 450 95 18 25
Max
Unit nF
ns
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VF Qrr Diode Forward Voltage Reverse Recovery Charge
Test Conditions IF = 800A VGE = 0V IF = 800A VR = 300V di/dt =4000A/s
Min Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Typ 1.25 1.2 52 87
Max 1.6
Unit V C
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight M6 M4 IGBT Diode
Min
Typ
Max 0.045 0.085 150 125 125 5 2 420
Unit
C/W
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500 -40 -40 -40 3 1
V C N.m g
January, 2005 2-3 APTGF660U60D4 - Rev 0
APT website - http://www.advancedpower.com
APTGF660U60D4
Package outline
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
3-3
APTGF660U60D4 - Rev 0
January, 2005


▲Up To Search▲   

 
Price & Availability of APTGF660U60D4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X