Part Number Hot Search : 
500BC F8033 SSL32 CY8C215 TP32C SFF801 J110A DATAS
Product Description
Full Text Search
 

To Download APTGF300U120DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGF300U120DG
Single Switch with Series diodes NPT IGBT Power Module
EK E C
VCES = 1200V IC = 300A @ Tc = 80C
Application * Zero Current Switching resonant mode Features * Non Punch Through (NPT) FAST IGBT - Low voltage drop - Low tail current - Switching frequency up to 50 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - M5 power connectors * High level of integration Benefits * Outstanding performance at high frequency operation * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS compliant Max ratings 1200 400 300 600 20 1780 600A @ 1200V Unit V A V W
G
CK
E CK
C
EK G
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Tc = 25C Tc = 80C Tc = 25C Tc = 25C Tj = 150C
Reverse Bias Safe Operating Area
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-5
APTGF300U120DG - Rev 1
July, 2006
APTGF300U120DG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions Tj = 25C VGE = 0V VCE = 1200V Tj = 125C Tj = 25C VGE =15V IC = 300A Tj = 125C VGE = VCE, IC = 12mA VGE = 20V, VCE = 0V Min Typ Max 500 750 3.9 6.5 1 Unit A V V A
3.3 4 4.5
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 600V IC = 300A R G = 3 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 300A R G = 3 VGE = 15V Tj = 125C VBus = 600V IC = 300A Tj = 125C R G = 3 Test Conditions Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Min
Typ 21 2.9 1.52 120 50 310 30 130 60 360 40 25
Max
Unit nF
ns
ns
mJ 15
Diode ratings and characteristics
Symbol Characteristic VRRM IRM IF VF trr Qrr Er
Maximum Peak Repetitive Reverse Voltage
Min 1200
Typ
Max 250 500
Unit V A A V ns
July, 2006 2-5 APTGF300U120DG - Rev 1
Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
VR=1200V
IF = 300A
IF = 300A VR = 600V
di/dt =4500A/s
300 2.1 1.9 120 210 22 43 7 15
C mJ
www.microsemi.com
APTGF300U120DG
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5 IGBT Diode 2500 -40 -40 -40 3 2 Min Typ Max 0.07 0.12 150 125 100 5 3.5 280 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
SP6 Package outline (dimensions in mm)
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGF300U120DG - Rev 1
July, 2006
APTGF300U120DG
Typical Performance Curve
Output Characteristics (V GE=15V) Output Characteristics 600 500 400 IC (A)
VGE =12V TJ = 125C VGE =20V VGE =15V
600 500
IC (A)
TJ=25C
400 300 200 100 0 0 1 2 3 V CE (V) 4 5 6
T J=125C
300 200 100 0 0 1 2 3 4 V CE (V) 5 6
VGE=9V
Transfert Characteristics 600 500 400 E (mJ) IC (A) 300 200 100 0 5 6 7 8 9 10 11 12 VGE (V) Switching Energy Losses vs Gate Resistance 100 80 E (mJ) 60 40 20 0 0 2 4 6 8 10 12 14 16 18 20 Gate Resistance (ohms)
VCE = 600V VGE =15V IC = 300A T J = 125C Eon TJ=25C TJ=125C
Energy losses vs Collector Current 70 60 50 40 30 20 10 0 0 100 200 300 IC (A) Reverse Bias Safe Operating Area 700 600 500 IC (A) 400 300 200
Er VGE =15V TJ =125C RG=3 Eoff Er VCE = 600V VGE = 15V RG = 3 T J = 125C Eon
Eoff
400
500
600
Eoff
100 0 0
300
600
900
1200
1500
VCE (V)
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.08 Thermal Impedance (C/W) 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10
IGBT
0 0.00001
rectangular Pulse Duration (Seconds)
www.microsemi.com
4-5
APTGF300U120DG - Rev 1
July, 2006
APTGF300U120DG
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 100 80 60 40 20 0 0 50 100 150 200 IC (A) 250 300 350
hard switching ZCS ZVS VCE=600V D=50% RG=3 TJ =125C TC=75C
Forward Characteristic of diode 600 500 400 IF (A) 300 200 100 0 0 0.5 1 1.5 VF (V) 2 2.5 3
TJ=25C T J=125C
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.14 Thermal Impedance (C/W) 0.12 0.1 0.08 0.06 0.04 0.02 0.5 0.3 0.1 0.05 0.0001 0.001 0.01 0.1 1 10 Single Pulse 0.9 0.7
Diode
0 0.00001
rectangular Pulse Duration (Seconds)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGF300U120DG - Rev 1
July, 2006


▲Up To Search▲   

 
Price & Availability of APTGF300U120DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X