Part Number Hot Search : 
74HC15 C2909 39200 A1718 RCA31W AQV212A R2000 2SK300
Product Description
Full Text Search
 

To Download APTGF300DA120G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGF300DA120G
Boost chopper NPT IGBT Power Module
VBUS
VCES = 1200V IC = 300A @ Tc = 80C
Application * AC and DC motor control * Switched Mode Power Supplies * Power Factor Correction Features * Non Punch Through (NPT) FAST IGBT - Low voltage drop - Low tail current - Switching frequency up to 50 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - M5 power connectors * High level of integration Benefits * Outstanding performance at high frequency operation * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS compliant Max ratings 1200 400 300 600 20 1780 600A @ 1200V Unit V A V W
July, 2006 1-5 APTGF300DA120G - Rev 2
CR1
OUT
Q2 G2
E2 0/VBUS
VBUS
0/VBUS
OUT
E2 G2
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Tc = 25C Tc = 80C Tc = 25C Tc = 25C Tj = 150C
Reverse Bias Safe Operating Area
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTGF300DA120G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions Tj = 25C VGE = 0V VCE = 1200V Tj = 125C Tj = 25C VGE =15V IC = 300A Tj = 125C VGE = VCE, IC = 12mA VGE = 20V, VCE = 0V Min Typ Max 500 750 3.9 6.5 1 Unit A V V A
3.3 4 4.5
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 600V IC = 300A R G = 3 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 300A R G = 3 VGE = 15V Tj = 125C VBus = 600V IC = 300A Tj = 125C R G = 3
Min
Typ 21 2.9 1.52 120 50 310 30 130 60 360 40 25
Max
Unit nF
ns
ns
mJ 15
Chopper diode ratings and characteristics
Symbol Characteristic VRRM IRM IF VF
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 125C Tc = 70C
Min 1200
Typ
Max 750 1000
Unit V A A
Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage
VR=1200V
trr Qrr
Reverse Recovery Time Reverse Recovery Charge
C
www.microsemi.com
2-5
APTGF300DA120G - Rev 2
IF = 400A VR = 800V di/dt =800A/s
Tj = 25C Tj = 125C Tj = 25C Tj = 125C
420 580 5 21.4
ns
July, 2006
IF = 400A IF = 800A IF = 400A
Tj = 125C
400 2.0 2.5 1.8
2.5 V
APTGF300DA120G
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5 IGBT Diode 2500 -40 -40 -40 3 2 Min Typ Max 0.07 0.16 150 125 100 5 3.5 280 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
SP6 Package outline (dimensions in mm)
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGF300DA120G - Rev 2
July, 2006
APTGF300DA120G
Typical Performance Curve
Output Characteristics (V GE=15V) Output Characteristics 600 500 400 IC (A)
VGE =12V TJ = 125C VGE=20V VGE=15V
600 500
IC (A)
TJ=25C
400 300 200 100 0 0 1 2 3 V CE (V) 4 5 6
TJ=125C
300 200 100 0 0 1 2 3 4 VCE (V) 5 6
VGE=9V
600 500 400 IC (A)
Transfert Characteristics 80 70 60 E (mJ) 50 40 30 20 10 0 5 6 7 8 9 10 11 12 0
TJ=125C
Energy losses vs Collector Current
VCE = 600V VGE = 15V RG = 3 T J = 125C
Eon
300 200 100 0
TJ =25C
Eoff
100
200
300 IC (A)
400
500
600
VGE (V) Switching Energy Losses vs Gate Resistance 80 70 60 E (mJ) 50 40 30 20 10 0 0 4 8 12 16 20 Gate Resistance (ohms) 24
VCE = 600V VGE =15V IC = 150A T J = 125C Eon
Reverse Bias Safe Operating Area 700 600 500 IC (A) 400 300 200 100 0 0 300 600 900 VCE (V) 1200 1500
VGE =15V T J=125C R G=3
Eoff
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.08 Thermal Impedance (C/W) 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 0.01 0.1 1 10 Single Pulse
IGBT
0 0.00001
rectangular Pulse Duration (Seconds)
www.microsemi.com
4-5
APTGF300DA120G - Rev 2
July, 2006
APTGF300DA120G
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 100 80
ZVS VCE =600V D=50% RG=3 T J=125C T C=75C
Forward Characteristic of diode 1000 800 600 400 200 0
T J=25C
40 20 0 0
hard switching
ZCS
IF (A)
60
TJ =125C
50
100 150 200 IC (A)
250
300 350
0
0.5
1
1.5 V F (V)
2
2.5
3
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.18 Thermal Impedance (C/W) 0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.9
Diode
0 0.00001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGF300DA120G - Rev 2
Microsemi reserves the right to change, without notice, the specifications and information contained herein
July, 2006


▲Up To Search▲   

 
Price & Availability of APTGF300DA120G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X