Part Number Hot Search : 
DL4756A 2N2907A 5560N BA3933 MJ2501 HMC365 ISL90842 MJD44
Product Description
Full Text Search
 

To Download APTDF100H100G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTDF100H100G
Diode Full Bridge Power Module
+
AC1 AC2
VRRM = 1000V IC = 100A @ Tc = 70C
Application * * * * Uninterruptible Power Supply (UPS) Induction heating Welding equipment High speed rectifiers
Features * * * * * * * Benefits
AC2
-
Ultra fast recovery times Soft recovery characteristics High blocking voltage High current Low leakage current Very low stray inductance - Symmetrical design - Lead frames for power connections High level of integration
* * * * * * *
+
-
AC1
Outstanding performance at high frequency operation Low losses Low noise switching Solderable terminals for easy PCB mounting Direct mounting to heatsink (isolated package) Low junction to case thermal resistance RoHS Compliant
Absolute maximum ratings
Symbol VR VRRM IF(A V) IF(RMS) IFSM
Parameter Maximum DC reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Average Forward Current Duty cycle = 50% TC = 25C TC = 70C TC = 45C TC = 45C
Max ratings 1000 130 100 130 500
Unit V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-4
APTDF100H100G - Rev 1
June, 2006
RMS Forward Current Duty cycle = 50% Non-Repetitive Forward Surge Current 8.3ms
A
APTDF100H100G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic VF IRM CT Diode Forward Voltage Maximum Reverse Leakage Current Junction Capacitance Test Conditions IF = 100A IF = 150A IF = 100A Tj = 125C Tj = 25C VR = 1000V Tj = 125C VR = 1000V Min Typ 2.1 2.3 1.7 Max 2.7 Unit V 100 500 120 A pF
Dynamic Characteristics
Symbol Characteristic trr trr Qrr IRRM trr Qrr IRRM Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current
Test Conditions IF=1A,VR=30V di/dt = 100A/s Tj = 25C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C IF = 100A VR = 667V di/dt=1000A/s Tj = 125C
Min
Typ 45 290 340 685 3645 6 18 160 7100 70
Max
Unit ns ns nC A ns
nC A
IF = 100A VR = 667V di/dt = 200A/s
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case Thermal Resistance
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min 2500 -40 -40 -40 2.5
Typ
Max 0.55 175 125 100 4.7 160
Unit C/W V C N.m g
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight
To Heatsink
M5
www.microsemi.com
2-4
APTDF100H100G - Rev 1
June, 2006
APTDF100H100G
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.6 Thermal Impedance (C/W) 0.5 0.4 0.3 0.2 0.1 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse
0 0.00001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds) Forward Current vs Forward Voltage trr, Reverse Recovery Time (ns) 300 IF, Forward Current (A) 250 200 150 100
TJ=-55C T J=125C T J=175C
Trr vs. Current Rate of Charge
400 350 300 250 200 150 100 50 0 0 200 400 600 800 1000 1200
-diF/dt (A/s) IRRM vs. Current Rate of Charge
150 A 100 A 50 A T J=125C V R=667V
50
T J=25C
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VF, Anode to Cathode Voltage (V) QRR, Reverse Recovery Charge (C) QRR vs. Current Rate Charge 8 7 6 5 4 3 2
TJ=125C VR=667V 150 A 100 A
IRRM, Reverse Recovery Current (A)
9
80 70 60 50 40 30 20 10 0 200 400 600 800 1000 1200
-diF/dt (A/s)
T J=125C VR=667V 150 A 100 A 50 A
50 A
0
200
400 600 800 -diF/dt (A/s)
1000 1200
800 700 C, Capacitance (pF) 600
Capacitance vs. Reverse Voltage
Max. Average Forward Current vs. Case Temp. 150 125 IF(AV) (A) 100 75 50 25 0
Duty Cycle = 0.5 T J=175C
400 300 200 100 0 1 10 100 V R, Reverse Voltage (V) 1000
0
25
50
75
100
125
150 175
Case Temperature (C)
www.microsemi.com
3-4
APTDF100H100G - Rev 1
June, 2006
500
APTDF100H100G
SP4 Package outline (dimensions in mm)
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
4-4
APTDF100H100G - Rev 1
Microsemi reserves the right to change, without notice, the specifications and information contained herein
June, 2006


▲Up To Search▲   

 
Price & Availability of APTDF100H100G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X