Part Number Hot Search : 
SMF05 00K6T CM150 TS4890IS KA358DTF MN13801 80N60F ZXCL330
Product Description
Full Text Search
 

To Download APTC60DDAM35T3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTC60DDAM35T3G
Dual boost chopper
Super Junction MOSFET
VDSS = 600V RDSon = 35m max @ Tj = 25C ID = 72A @ Tc = 25C
Application * AC and DC motor control * Switched Mode Power Supplies * Power Factor Correction Features *
Q2 4
Power Module
13 14
CR1 22 7
CR2
23 Q1 26
8
27 29 15 30 31 R1 32 16
3
* * * *
- Ultra low RDSon - Low Miller capacitance - Ultra low gate charge - Avalanche energy rated - Very rugged Kelvin source for easy drive Very low stray inductance - Symmetrical design Internal thermistor for temperature monitoring High level of integration
28 27 26 25 29 30
23 22
20 19 18 16 15
31 32 2 3 4 7 8 10 11 12
14 13
All multiple inputs and outputs must be shorted together Example: 13/14 ; 29/30 ; 22/23 ...
Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Low profile * Each leg can be easily paralleled to achieve a single boost of twice the current capability * RoHS Compliant
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS
Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C
Tc = 25C
mJ
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-6
APTC60DDAM35T3G - Rev 2
Max ratings 600 72 54 288 20 35 416 20 1 1800
Unit V A V m W A
July, 2006
APTC60DDAM35T3G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol IDSS RDS(on) VGS(th) IGSS Characteristic Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions
VGS = 0V,VDS = 600V VGS = 0V,VDS = 600V
Min Tj = 25C Tj = 125C 2.1
Typ
VGS = 10V, ID = 72A VGS = VDS, ID = 5.4mA VGS = 20 V, VDS = 0V
3
Max 40 375 35 3.9 150
Unit A m V nA
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 300V ID = 72A Inductive Switching @ 125C VGS = 15V VBus = 400V ID = 72A R G = 2.5 Inductive switching @ 25C VGS = 15V, VBus = 400V ID = 72A, R G = 2.5 Inductive switching @ 125C VGS = 15V, VBus = 400V ID = 72A, R G = 2.5
Min
Typ 14 5.13 0.42 518 58 222 21 30 283 84 1340 1960 2192 2412
Max
Unit nF
nC
ns
J J
Chopper diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF trr Qrr Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Test Conditions VR=600V Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Min 600
Typ
Max 350 600
Unit V A A V ns C
July, 2006 2-6 APTC60DDAM35T3G - Rev 2
IF = 80A VGE = 0V IF = 80A VR = 300V
di/dt =4500A/s
80 1.45 1.35 95 115 5.2 8
www.microsemi.com
APTC60DDAM35T3G
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight Transistor Diode 2500 -40 -40 -40 2.5 Min Typ Max 0.3 0.8 150 125 100 4.7 110 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To heatsink
M4
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K Min
Typ 50 3952
Max
Unit k K
RT =
R 25 T: Thermistor temperature 1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
SP3 Package outline (dimensions in mm)
1
12
See application note 1901 - Mounting Instructions for SP3 Power Modules on www.microsemi.com
www.microsemi.com
3-6
APTC60DDAM35T3G - Rev 2
July, 2006
17
28
APTC60DDAM35T3G
Typical Performance Curve
0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 1 10 Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.9 0.7 0.5 0.3
0 0.00001
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 400 360 320 280 240 200 160 120 80 40 0 0 280
V GS=15&10V 6.5V 6V 5.5V 5V 4.5V 4V
Transfert Characteristics 240 200 160 120 80 40 0 0
T J=125C TJ=25C T J=-55C VDS > ID(on)xRDS (on)MAX 250s pulse test @ < 0.5 duty cycle
ID, Drain Current (A)
5 10 15 20 VDS, Drain to Source Voltage (V) RDS(on) vs Drain Current
25
I D, Drain Current (A)
1 2 3 4 5 6 VGS, Gate to Source Voltage (V)
7
RDS(on) Drain to Source ON Resistance
1.1 1.05 1 0.95 0.9 0 20 40 60 80 100 120 I D, Drain Current (A) I D, DC Drain Current (A)
Normalized to VGS=10V @ 36A VGS=10V
DC Drain Current vs Case Temperature 80 70 60 50 40 30 20 10 0 25
July, 2006 4-6 APTC60DDAM35T3G - Rev 2
VGS =20V
50 75 100 125 TC, Case Temperature (C)
150
www.microsemi.com
APTC60DDAM35T3G
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.2 1.1 1.0 0.9 0.8 0.7 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) ON resistance vs Temperature
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area
V GS=10V ID= 72A
Threshold Voltage vs Temperature 1.2
VGS(TH), Threshold Voltage (Normalized)
1000
I D, Drain Current (A)
1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C)
100
limited by RDSon
100 s
10
Single pulse TJ=150C TC=25C 1 10 100
1 ms 10 ms
1 1000 VDS, Drain to Source Voltage (V) Gate Charge vs Gate to Source Voltage
VGS , Gate to Source Voltage (V)
Capacitance vs Drain to Source Voltage 100000 Ciss
C, Capacitance (pF)
14 12 10 8 6 4 2 0 0 100 200 300 400 Gate Charge (nC) 500 600
July, 2006
10000
ID=72A TJ=25C
V DS=120V VDS=300V V DS =480V
Coss
1000 Crss 100
10 0 10 20 30 40 50 VDS, Drain to Source Voltage (V)
www.microsemi.com
5-6
APTC60DDAM35T3G - Rev 2
APTC60DDAM35T3G
350 300
td(on) and td(off) (ns)
Delay Times vs Current 120
td(off)
Rise and Fall times vs Current
VDS=400V RG=2.5 T J=125C L=100H
100
tr and t f (ns)
250 200 150 100 50 0 0 20 40 60 80 100 120 ID, Drain Current (A) Switching Energy vs Current 5 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0
Switching Energy (mJ)
VDS=400V RG=2.5 TJ=125C L=100H td(on) VDS=400V RG=2.5 TJ=125C L=100H
tf
80 60 40 20 0 0
tr
20
40
60
80
100
120
ID, Drain Current (A) Switching Energy vs Gate Resistance 10 8 6 4 2 0
VDS=400V ID=72A T J=125C L=100H
Switching Energy (mJ)
Eoff Eon
Eoff
Eon
20
40 60 80 100 ID, Drain Current (A)
120
0
5
10
15
20
25
Gate Resistance (Ohms) Source to Drain Diode Forward Voltage 1000
T J=150C
Operating Frequency vs Drain Current 140 120
Frequency (kHz)
ZCS ZVS
100 80 60 40 20 0 15 20 25 30 35 40 45 50 55 60 65 ID, Drain Current (A)
VDS=400V D=50% RG=2.5 TJ=125C TC=75C
I DR, Reverse Drain Current (A)
100
TJ=25C
10
hard switching
1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 VSD, Source to Drain Voltage (V)
July, 2006 APTC60DDAM35T3G - Rev 2
"COOLMOSTM comprise a new family of transistors developed by Infineon Technologies AG. "COOLMOS" is a trademark of Infineon Technologies AG". Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
6-6


▲Up To Search▲   

 
Price & Availability of APTC60DDAM35T3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X