Part Number Hot Search : 
07PBF W0603 C3320 106K0 75185 SMC5342B LF347D 29LV256
Product Description
Full Text Search
 

To Download APTC2012YC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP
APTC2012YC YELLOW
Features
!2.0mmx1.25mm SMT LED,0.75mm THICKNESS. !LOW
Description
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
POWER CONSUMPTION. VIEWING ANGLE. COLORS AND LENS TYPES AVAILABLE. : 2000PCS / REEL.
!WIDE
!IDEAL FOR BACKLIGHT AND INDICATOR. !VARIOUS !PACKAGE
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD0956 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/22/2003 DRAWN: S.J.HOU
PAGE: 1 OF 4
Selection Guide
P ar t N o . Dic e L en s Ty p e Iv (m c d ) @ 20 m A Min . APTC2012YC YELLOW (GaAsP/GaP) WATER CLEAR 2.6 Ty p . 8 V i ew i n g An g l e 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength Yellow Yellow D ev i c e Ty p . 590 588 35 20 2.1 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s I F =20mA I F =20mA I F =20mA VF=0V;f=1MHz I F =20mA VR = 5V
Spectral Line Half-width Yellow Capacitance Forward Voltage Reverse Current Yellow Yellow Yellow
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Yello w 105 30 140 5 -40C To +85C
Un it s mW mA mA V
SPEC NO: DSAD0956 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/22/2003 DRAWN: S.J.HOU
PAGE: 2 OF 4
Yellow
APTC2012YC
SPEC NO: DSAD0956 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/22/2003 DRAWN: S.J.HOU
PAGE: 3 OF 4
APTC2012YC SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD0956 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/22/2003 DRAWN: S.J.HOU
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of APTC2012YC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X