Part Number Hot Search : 
ISL59 SMCJ220C P89C61X2 13003 KSC3502E 430450 TA8304F 3D7501D
Product Description
Full Text Search
 

To Download APTC2012PBCA-F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: APTC2012PBC/A-F01
BLUE
Features
2.0mmx1.25mm SMT LED,0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAG5976 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/24/2006 DRAWN:Y.L.LI
PAGE: 1 OF 5 ERP:1203003788
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APTC2012PBC/A-F01 BLUE (InGaN) WATER CLEAR 18 Typ. 60 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2.Luminous Intensity / Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Blue Blue Blue Blue Blue Blue Device Typ. 468 470 21 100 3.3 3.8 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Blue 114 30 100 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAG5976 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/24/2006 DRAWN:Y.L.LI
PAGE: 2 OF 5 ERP:1203003788
Blue
APTC2012PBC/A-F01
SPEC NO: DSAG5976 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/24/2006 DRAWN:Y.L.LI
PAGE: 3 OF 5 ERP:1203003788
APTC2012PBC/A-F01
Recommended Soldering Pattern (Units: mm ; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAG5976 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/24/2006 DRAWN:Y.L.LI
PAGE: 4 OF 5 ERP:1203003788
PACKING & LABEL SPECIFICATIONS
APTC2012PBC/A-F01
SPEC NO: DSAG5976 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/24/2006 DRAWN:Y.L.LI
PAGE: 5 OF 5 ERP:1203003788


▲Up To Search▲   

 
Price & Availability of APTC2012PBCA-F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X