Part Number Hot Search : 
IRF14 SK231 IDT72T5 SK231 25T06HCW CPC1988J UTC2003 UNH0115
Product Description
Full Text Search
 

To Download APTC2012EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP
APTC2012EC HIGH EFFICIENCY RED
Features
!2.0mmx1.25mm SMT LED,0.75mm THICKNESS. !LOW
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
POWER CONSUMPTION. VIEWING ANGLE. COLORS AND LENS TYPES AVAILABLE. : 2000PCS / REEL.
!WIDE
!IDEAL FOR BACKLIGHT AND INDICATOR. !VARIOUS !PACKAGE
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAB6364 APPROVED : J. Lu
REV NO: V.2 CHECKED :Allen Liu
DATE:DEC/11/2002 DRAWN: F.Y.YUAN
PAGE: 1 OF 4
Selection Guide
P ar t N o . Dic e L en s Ty p e Iv (m c d ) @ 20 m A Min . APTC2012EC HIGH EFFICIENCY RED (GaAsP/ GaP ) WATER CLEAR 4 Ty p . 12 V i ew i n g An g l e 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength D ev i c e High Efficiency Red High Efficiency Red Ty p . 6 27 6 25 45 15 2.0 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s I F =20mA I F =20mA I F =20mA VF=0V;f=1MHz I F =20mA VR = 5V
Spectral Line Half-width High Efficiency Red Capacitance Forward Voltage Reverse Current High Efficiency Red High Efficiency Red High Efficiency Red
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
H i g h E f f i c i e n c y R ed 105 30 160 5 -40C To +85C
Un it s mW mA mA V
SPEC NO: DSAB6364 APPROVED : J. Lu
REV NO: V.2 CHECKED :Allen Liu
DATE:DEC/11/2002 DRAWN: F.Y.YUAN
PAGE: 2 OF 4
High Efficiency Red
APTC2012EC
SPEC NO: DSAB6364 APPROVED : J. Lu
REV NO: V.2 CHECKED :Allen Liu
DATE:DEC/11/2002 DRAWN: F.Y.YUAN
PAGE: 3 OF 4
APTC2012EC SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAB6364 APPROVED : J. Lu
REV NO: V.2 CHECKED :Allen Liu
DATE:DEC/11/2002 DRAWN: F.Y.YUAN
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of APTC2012EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X