Part Number Hot Search : 
F9N50 74LS15 IRFE130 MRC370V4 TS414 101MT IN74HC FC2187
Product Description
Full Text Search
 

To Download APTC2012CGCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP
APTC2012CGCK GREEN
Features
!2.0mmx1.25mm SMT LED,0.75mm THICKNESS. !LOW
Description
The Green source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode.
POWER CONSUMPTION. VIEWING ANGLE. COLORS AND LENS TYPES AVAILABLE. : 2000PCS / REEL.
!WIDE
!IDEAL FOR BACKLIGHT AND INDICATOR. !VARIOUS !PACKAGE
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD0960 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE: MAR/22/2003 DRAWN:S.J.HOU
PAGE: 1 OF 4
Selection Guide
Par t No . Dic e L en s Ty p e Iv (m c d ) @ 20 m A Min . APTC2012CGCK GREEN(InGaAIP) WATER CLEAR 15 Ty p . 40 V i ew i n g An g l e 21/2 12 0
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Green Green Green Green Green Green D ev i c e Ty p . 574 570 20 15 2.1 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s IF = 2 0 m A IF = 2 0 m A IF = 2 0 m A V F = 0 V; f = 1 M Hz IF = 2 0 m A VR = 5V
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Gr een 105 30 150 5 -40C To +85C
Un it s mW mA mA V
SPEC NO: DSAD0960 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE: MAR/22/2003 DRAWN:S.J.HOU
PAGE: 2 OF 4
Green
APTC2012CGCK
SPEC NO: DSAD0960 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE: MAR/22/2003 DRAWN:S.J.HOU
PAGE: 3 OF 4
APTC2012CGCK SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD0960 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE: MAR/22/2003 DRAWN:S.J.HOU
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of APTC2012CGCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X