Part Number Hot Search : 
UP0411M MGCT02 0D181 74LVC1G0 BCM5705M ZSM380 CS3VD 7101P6
Product Description
Full Text Search
 

To Download APT60D100B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
2
TO -24
7
1 - Cathode 2 - Anode Back of Case - Cathode
1 2
APT60D100B
1000V
60A
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-247 Package * Low Forward Voltage * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
* * * * *
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT60D100B UNIT
1000
Volts
Maximum Average Forward Current (TC = 50C, Duty Cycle = 0.5) RMS Forward Current Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec.
60 100 540 -55 to 150 300
C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 60A VF Maximum Forward Voltage IF = 120A IF = 60A, TJ = 150C IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C Junction Capacitance, VR = 200V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 F-33700 Merignac - France Phone: (541) 382-802 8 Phone: (33) 5 57 92 15 15 FAX: (541) 388-036 4 FAX: (33) 5 56 47 97 61
MIN
TYP
MAX
UNIT
2.5 2.1 2.0 250 500 65 10
A pF nH
053-0001 Rev C
Volts
USA
405 S.W. Columbia Street
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt IF = 60A, diF /dt = -480A/s, VR =540V (See Figure 10) Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 60A, diF /dt = -480A/s, VR = 540V Forward Recovery Time IF = 60A, diF /dt = 480A/s, VR = 540V Reverse Recovery Current IF = 60A, diF /dt = -480A/s, VR = 540V Recovery Charge IF = 60A, diF /dt = -480A/s, VR = 540V Forward Recovery Voltage IF = 60A, diF /dt = 480A/s, VR = 540V Rate of Fall of Recovery Current TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C MIN TYP
APT60D100B
MAX UNIT
70 70 130 170 170 14 26 500
85
ns
26 36
Amps
nC
1700 12
Volts
12 900
A/s
600
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance MIN TYP MAX UNIT C/W oz gm
0.66 40 0.22
Package Weight
6.1 10
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
lb*in N*m
Torque
1.1
1.0 0.5
D=0.5
, THERMAL IMPEDANCE (C/W)
0.2 0.1 0.05 0.1 0.05 0.02 0.01 0.01 0.005 SINGLE PULSE
NOTE:
PDM
t1 t2 DUTY FACTOR D = t1 / t2
053-0001 Rev C
Z
JC
PEAK TJ =PDM x Z JC + TC
0.001 10-5
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10-4
10
APT60D100B
200 Qrr, REVERSE RECOVERY CHARGE (nano-COULOMBS) 5000
TJ = 100C VR = 540V
IF, FORWARD CURRENT (AMPERES)
160 T J = 25C 120 T J = 150C TJ = 100C 80 T J = -55C
4000 120A 3000 60A 2000
40
1000 30A
0 1 2 3 4 5 VF, ANODE-TO-CATHODE VOLTAGE (VOLTS) Figure 2, Forward Voltage Drop vs Forward Current 60 IRRM , REVERSE RECOVERY CURRENT (AMPERES)
TJ = 100C V R = 540V
0
0 10 50 100 500 1000 diF /dt, CURRENT SLEW RATE (AMPERES /SEC) Figure 3, Reverse Recovery Charge vs Current Slew Rate 2.0
45 60A 30A 30
Kf, DYNAMIC PARAMETERS (NORMALIZED)
120A
1.6 Qrr 1.2 IRRM trr
0.8
trr
15
0.4
Qrr
0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES /SEC) Figure 4, Reverse Recovery Current vs Current Slew Rate 300
TJ = 100C VR = 540V
0
-25 0 25 50 75 100 125 150 T J, JUNCTION TEMPERATURE (C) Figure 5, Dynamic Parameters vs Junction Temperature 1500 tfr , FORWARD RECOVERY TIME (nano-SECONDS) 1250 1000 30 Vfr, FORWARD RECOVERY VOLTAGE (VOLTS)
TJ = 100C VR = 540V IF = 60A
0.0
-50
trr, REVERSE RECOVERY TIME (nano-SECONDS)
240
120A 60A
25 20
180
30A
Vfr
750
15
120
500 250 tfr
10 5
60
0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES /SEC) Figure 6, Reverse Recovery Time vs Current Slew Rate 2000
0 0 0 200 400 600 800 1000 diF /dt, CURRENT SLEW RATE (AMPERES /SEC) Figure 7, Forward Recovery Voltage/Time vs Current Slew Rate
CJ, JUNCTION CAPACITANCE (pico-FARADS)
1000
500
100 053-0001 Rev C
50 0.01
0.05
0.1
0.5 1 5 V R, REVERSE VOLTAGE (VOLTS)
10
50
100
200
Figure 8, Junction Capacitance vs Reverse Voltage
Vr
APT60D100B
D.U.T. 30H
trr/Qrr Waveform
+15v diF /dt Adjust 0v -15v
PEARSON 411 CURRENT TRANSFORMER
Figure 9, Diode Reverse Recovery Test Circuit and Waveforms
1 2 3 4
IF - Forward Conduction Current diF /dt - Current Slew Rate, Rate of Forward Current Change Through Zero Crossing. Zero IRRM - Peak Reverse Recovery Current. trr - Reverse Recovery Time Measured from Point of IF 3 Current Falling Through Zero to a Tangent Line { 6 diM/dt} Extrapolated Through Zero Defined by 0.75 and 0.50 IRRM. 5 0.5 IRRM 0.75 IRRM 2 Qrr = 1/2 (trr . IRRM) 1 4 6
5 6
Qrr - Area Under the Curve Defined by IRRM and trr. diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr.
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-247 Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Cathode
20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055)
19.81 (.780) 20.32 (.800)
Anode
2.21 (.087) 2.59 (.102) 053-0001 Rev C
Cathode
10.90 (.430) BSC
Dimensions in Millimeters and (Inches)
APT Reserves the right to change, without notice, the specifications and information contained herein.


▲Up To Search▲   

 
Price & Availability of APT60D100B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X